Part Number Hot Search : 
XR88C681 4N23ATXV IRFZ4 2C100 SM411 2SA10 1812S 1N6663
Product Description
Full Text Search
 

To Download 10-10-1051 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mx01 d-75 d 3.00 to 7.92mm (.118 to .312") pitch features and specifications 5.08mm (.200") pitch kk pc board connector 3002 right angle mount style a features and bene?s sizes 2 to 20 circuits reference information product speci?ation: psx10-39 packaging: tray ul file no.: e29179 csa file no.: lr19980 mates with: 2599, 3003 and 3008 headers designed in: inches electrical voltage: 250v current: 7.0a contact resistance: 20m ? max. dielectric withstanding voltage: 1500v insulation resistance: 500k m ? min. mechanical mating force: 24 oz max. unmating force: 4 oz min. normal force: 350g durability: 25 cycles tin physical housing: nylon, ul 94v-2 contact: phosphor bronze plating: 1 m tin/lead and 0.5 m gold operating temperature: 0 to +75?c catalog drawing (for reference only) ordering information and dimensions circuits order no. dimension tin gold a b 2 10-10-1021 10-10-1024 10.16 (.400) 5.08 (.200) 3 10-10-1031 10-10-1034 15.24 (.600) 10.16 (.400) 4 10-10-1041 10-10-1044 20.32 (.800) 15.24 (.600) 5 10-10-1051 10-10-1054 25.40 (1.000) 20.32 (.800) 6 10-10-1061 10-10-1064 30.48 (1.200) 25.40 (1.000) 7 10-10-1071 10-10-1074 35.56 (1.400) 30.48 (1.200) 8 10-10-1081 10-10-1084 40.64 (1.600) 35.56 (1.400) 9 10-10-1091 10-10-1094 45.72 (1.800) 40.64 (1.600) 10 10-10-1101 10-10-1104 50.80 (2.000) 45.72 (1.800) 11 10-10-1111 10-10-1114 55.88 (2.200) 50.80 (2.000) 12 10-10-1121 10-10-1124 60.96 (2.400) 55.88 (2.200) 13 10-10-1131 10-10-1134 66.04 (2.600) 60.96 (2.400) 14 10-10-1141 10-10-1144 71.12 (2.800) 66.04 (2.600) 15 10-10-1151 10-10-1154 76.20 (3.000) 71.12 (2.800) 16 10-10-1161 10-10-1164 81.28 (3.200) 76.20 (3.000) 17 10-10-1171 10-10-1174 86.36 (3.400) 81.28 (3.200) 18 10-10-1181 10-10-1184 91.44 (3.600) 86.36 (3.400) 19 10-10-1191 10-10-1194 96.52 (3.800) 91.44 (3.600) 20 10-10-1201 10-10-1204 101.60 (4.000) 96.52 (3.800) circuits order no. dimension tin gold a b plating: 1.00 microns tin/lead /2.00 microns copper min. (.000040" tin/lead /.000080" copper min.) or 0.50 microns gold/0.75 microns nickel min. (.000020" gold/.000030" nickel min.)


▲Up To Search▲   

 
Price & Availability of 10-10-1051

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X