Part Number Hot Search : 
122MPD BIP015DU XXXMCXX FM250 ADV7312 PA142 KBPC35 205S35
Product Description
Full Text Search
 

To Download 0015477568 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/31/2010 please check www.molex.com for latest part information part number: 0015477568 status: active description: 2.54mm (.100") pitch c-grid? header, through hole, dual row, vertical, high temperature, shrouded, with peg, 68 circuits, tin (sn) plating documents: 3d model product specification ps-70567 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 70568 application wire-to-board product name c-grid? physical breakaway no circuits (loaded) 68 color - resin black first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass, phosphor bronze material - plating mating tin-lead material - resin high temperature thermoplastic number of rows 2 orientation vertical pc tail length (in) 0.130 in pc tail length (mm) 3.30 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.093 in pcb thickness recommended (mm) 2.40 mm packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 150 plating min: mating (m) 3.80 polarized to mating part yes polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -55c to +105c termination interface: style through hole electrical series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 70568 series
current - maximum per contact 2.5a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability smc & wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 245 material info old part number a-70568-0032 reference - drawing numbers product specification ps-70567 sales drawing sda-70568-**** this document was generated on 03/31/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0015477568

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X