Part Number Hot Search : 
M170E TS52051 PT61020L 1016012 FST8130 46400 16832 BP87C54
Product Description
Full Text Search
 

To Download STPS30M100S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  january 2011 doc id 15523 rev 3 1/10 10 STPS30M100S 100 v, 30 a power schottky rectifier features avalanche rated low v f good trade off between leakage current and forward voltage drop high frequency operation avalanche capability specified description the STPS30M100S device is a single schottky rectifier, suited for high frequency switch mode power supply. packaged in to-220ab, to-220fpab, and i 2 pa k this device is intended to be used in notebook and game station adaptors, providing in these applications a good efficiency at both low and high load. figure 1. electrical characteristics (a) a. v arm and i arm must respect the reverse safe operating area defined in figure 14. v ar and i ar are pulse measurements (t p < 1 s). v r , i r , v rrm and v f , are static characteristics i f 2 x i o i o i r i ar v f(i o ) v to v f(2xi o ) v f v i i v v r v rrm "reverse" "forward" v ar x x table 1. device summary i f(av) 30 a v rrm 100 v t j (max) 150 c v f (typ) 0.385 v a a a a k k k k k a a a a to-220ab STPS30M100St i 2 pa k STPS30M100Sr to-220fpab STPS30M100Sfp www.st.com
characteristics STPS30M100S 2/10 doc id 15523 rev 3 1 characteristics table 2. absolute ratings (limiting values) symbol parameter value unit v rrm repetitive peak reverse voltage 100 v i f(rms) forward rms current 60 a i f(av) average forward current = 0.5 t c = 125 c 30 a i fsm surge non repetitive forward current t p = 10 ms sinusoidal 300 a p arm repetitive peak avalanche power t p = 1 s t j = 25 c 26400 w v arm (1) 1. refer to figure 14. maximum repetitive peak avalanche voltage t p < 1 s t j < 150 c i ar < 66 a 120 v v asm (1) maximum single pulse peak avalanche voltage t p < 1 s t j < 150 c i ar < 66 a 120 v t stg storage temperature range -65 to + 175 c t j maximum operating junction temperature (2) 2. condition to avoid thermal runaway for a diode on its own heatsink 150 c table 3. thermal resistance symbol parameter value unit r th(j-c) junction to case to-220ab, i 2 pa k 1 c/w to-220fpab 4 table 4. static electrical characteristics with all leads connected on board symbol parameter test conditions min. typ. max. unit i r (1) 1. pulse test: t p = 5 ms, < 2% reverse leakage current t j = 25 c v r = v rrm --175a t j = 125 c - 20 50 ma t j = 25 c v r = 70 v - - 60 a t j = 125 c - 10 20 ma v f (2) 2. pulse test: t p = 380 s, < 2% forward voltage drop t j = 25 c i f = 5 a - 0.475 - v t j = 125 c - 0.385 - t j = 25 c i f = 10 a - 0.555 - t j = 125 c - 0.475 -- t j = 25 c i f = 15 a - 0.620 0.660 t j = 125 c - 0.525 0.565 t j = 25 c i f = 30 a - 0.740 0.800 t j = 125 c - 0.605 0.655 dptot dtj --------------- 1 rth j a ? () ------------------------- - <
STPS30M100S characteristics doc id 15523 rev 3 3/10 to evaluate the conduction losses use the following equation: p = 0.475 x i f(av) + 0.006 x i f 2 (rms) figure 2. conduction losses versus average current figure 3. average forward current versus ambient temperature ( = 0.5) 0 2 4 6 8 10 12 14 16 18 20 22 24 26 0 4 8 12162024283236 p f (av)(w) =0.05 =0.1 =0.2 =0.5 =1 t =t /t p t p i (av)(a) f 0 5 10 15 20 25 30 35 0 25 50 75 100 125 150 i f (av)(a) r th(j-a) =r th(j-c) rth(j-a)=15c/w t =t p /t t p t (c) amb figure 4. normalized avalanche power derating versus pulse duration figure 5. normalized avalanche power derating versus junction temperature 0.001 0.01 0.1 0.01 1 0.1 10 100 1000 1 t (s) p p(t p ) p (1 s) arm arm 0 0.2 0.4 0.6 0.8 1 1.2 25 50 75 100 125 150 t (c) j p(t j ) p (25 c) arm arm figure 6. non repetitive surge peak forward current versus overload duration (maximum values) figure 7. relative variation of thermal impedance junction to case versus pulse duration 0 50 100 150 200 250 300 350 1.e-03 1.e-02 1.e-01 1.e+00 i m (a) tc=25c tc=75c tc=125c i m t =0.5 t(s) t0-220ab / i 2 pa k 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.e-03 1.e-02 1.e-01 1.e+00 single pulse z th(j-c) /r th(j-c) tp(s) t0-220ab / i 2 pa k
characteristics STPS30M100S 4/10 doc id 15523 rev 3 figure 8. non repetitive surge peak forward current versus overload duration (maximum values) (to-220fpab) figure 9. relative variation of thermal impedance junction to case versus pulse duration (to-220fpab) 0 50 100 150 200 1.e-03 1.e-02 1.e-01 1.e+00 tc=25c tc=75c tc=125c i m t =0.5 i m (a) t(s) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 single pulse tp(s) z th(j-c) /r th(j-c) figure 10. reverse leakage current versus reverse voltage applied (typical values) figure 11. junction capacitance versus reverse voltage applied (typical values) figure 12. forward voltage drop versus forward current (high level) figure 13. forward voltage drop versus forward current (low level) 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 0 102030405060708090100 i r (ma) tj=150c tj=125c tj=25c tj=100c tj=75c tj=50c v r (v) 100 1000 10000 1 10 100 f=1m h z vosc=30m v tj =25c c(pf) v r ( v) 0 20 40 60 80 100 120 140 160 180 200 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 i fm (a) tj=25c (maximum values) tj=125c (maximum values) tj=125c (maximum values) tj=125c (typical values) tj=125c (typical values) vfm(v) 0 5 10 15 20 25 30 0.0 0.2 0.4 0.6 0.8 1.0 tj=25c (maximum values) tj=125c (maximum values) tj=125c (maximum values) tj=125c (typical values) tj=125c (typical values) v (v) fm i fm (a)
STPS30M100S characteristics doc id 15523 rev 3 5/10 figure 14. reverse safe operating area (t p < 1 s and t j < 150 c) 50 55 60 65 70 75 80 100 110 120 130 140 150 i(a) operating area forbid den area 50 55 60 65 70 75 80 100 110 120 130 140 150 operating area forbidden area v (v) ar ar
package information STPS30M100S 6/10 doc id 15523 rev 3 2 package information epoxy meets ul94,v0 recommended torque: 0.4 to 0.6 nm in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. table 5. to-220ab dimensions ref. dimensions millimeters inches min. max. min. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.066 f2 1.14 1.70 0.044 0.066 g 4.95 5.15 0.194 0.202 g1 2.40 2.70 0.094 0.106 h2 10 10.40 0.393 0.409 l2 16.4 typ. 0.645 typ. l4 13 14 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.20 6.60 0.244 0.259 l9 3.50 3.93 0.137 0.154 m 2.6 typ. 0.102 typ. diam. 3.75 3.85 0.147 0.151 a c d l7 dia l5 l6 l9 l4 f h2 g g1 l2 f2 f1 e m
STPS30M100S package information doc id 15523 rev 3 7/10 table 6. to-220fpab dimensions ref. dimensions millimeters inches min. max. min. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.45 0.70 0.018 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.70 0.045 0.067 f2 1.15 1.70 0.045 0.067 g 4.95 5.20 0.195 0.205 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 typ. 0.63 typ. l3 28.6 30.6 1.126 1.205 l4 9.8 10.6 0.386 0.417 l5 2.9 3.6 0.114 0.142 l6 15.9 16.4 0.626 0.646 l7 9.00 9.30 0.354 0.366 dia. 3.00 3.20 0.118 0.126 h a b dia l7 l6 l5 f1 f2 f d e l4 g1 g l2 l3
package information STPS30M100S 8/10 doc id 15523 rev 3 devices in i 2 pak with nickel-plated back frame must not be mounted by frame soldering like smds. such devices are intended to be through-hole mounted only and in no circumstances shall st be held liable for any lack of performance or damage arising out of soldering of nickel-plated back frames. table 7. i 2 pak dimensions ref. dimensions millimeters inches min. max. min. max. a 4.40 4.60 0.173 0.181 a1 2.40 2.72 0.094 0.107 b 0.61 0.88 0.024 0.035 b1 1.14 1.70 0.044 0.067 c 0.49 0.70 0.019 0.028 c2 1.23 1.32 0.048 0.052 d 8.95 9.35 0.352 0.368 e 2.40 2.70 0.094 0.106 e1 4.95 5.15 0.195 0.203 e 10 10.40 0.394 0.409 l 13 14 0.512 0.551 l1 3.50 3.93 0.138 0.155 l2 1.27 1.40 0.050 0.055 e l2 l1 b1 d a1 c c2 a b e e1 l
STPS30M100S ordering information doc id 15523 rev 3 9/10 3 ordering information 4 revision history table 8. ordering information order code marking package weight base qty delivery mode STPS30M100St STPS30M100St to-220ab 2.3 g 50 tube STPS30M100Sfp STPS30M100Sf p to-220fpab 2.0 g 50 tube STPS30M100Sr STPS30M100Sr i 2 pak 1.49 g 50 tube table 9. document revision history date revision changes 25-mar-2009 1 first issue 15-apr-2010 2 updated package graphic on front page. updated ta b l e 3 , ta b l e 5 , ta b l e 6 , and ta b l e 7 . 28-jan-2011 3 added warning paragraph above ta b l e 7 .
STPS30M100S 10/10 doc id 15523 rev 3 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2011 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STPS30M100S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X