Part Number Hot Search : 
TE28F MC14022B W1206 P4KE33 4HC401 CAT93C86 AD82904 BD6230F
Product Description
Full Text Search
 

To Download SFF1003G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 224 - sff1001g thru sff1008g isolation 10.0 amps. glass passi vated super fast rectifiers voltage range 50 to 600 volts current 10.0 amperes features low forward voltage drop high current capability high reliability high surge current capability mechanical data case: ito-220ab molded plastic epoxy: ul 94v-o rate flame retardant terminals: leads solderable per mil-std- 202, method 208 guaranteed polarity: as marked high temperature soldering guaranteed: 260 o c/10 seconds.16?,(4.06mm) from case. weight: 2.24 grams mounting torque: 5 in ? 1bs. max. ito-220ab dimensions in inches and (millimeters) maximum ratings and elect rical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sff 1001g sff 1002g sff 1003g sff 1004g sff 1005g sff 1006g sff 1007g sff 1008g units maximum recurrent peak reverse voltage v rrm 50 100 150 200 300 400 500 600 v maximum rms voltage v rms 35 70 105 140 210 280 350 480 v maximum dc blocking voltage v dc 50 100 150 200 300 400 500 600 v maximum average forward rectified current .375 (9.5mm) lead length @t c = 100 i (av) 10.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 125 a maximum instantaneous forward voltage @ 5.0a v f 0.975 1.3 1.7 v maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =100 i r 10.0 400 ua ua maximum reverse recovery time (note 1) trr 35 ns typical junction capacitance (note 2) cj 70 50 pf typical thermal resistance (note 3) r jc 2.0 /w operating temperature range t j -65 to +150 storage temperature range t stg -65 to +150 notes: 1. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1 mhz and applied reverse voltage of 4.0 v d.c. 3. mounted on heatsink size of 2 in x 3 in x 0.25 in al-plate.. .272(6.9) .248(6.3) .543(13.8) .512(13.2) .110(2.8) .098(2.5) .606(15.5) .583(14.8) .112(2.85) .100(2.55) .134(3.4)dia .113(3.0)dia   
            
 
            
  
 pin 1 pin 3 positive ct pin 2
- 225 - fig.1- reverse recovery time characteristic and test circuit diagram 50  noninductive  non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10  noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm ratings and characteristic curves (sff1001g thru sff1008g) fig.2- maximum forward current derating curve average for ward current . (a) 0 50 100 150 0 4 8 12 16 20 case temperature. ( c) o fig.4- maximum non-repetitive forward surge current per leg peak for ward surge current . (a) 1 2 5 10 20 100 50 30 120 90 60 number of cycles at 60hz tc=125 c 0 8.3ms single half sine wave jedec method fig.5- typical junction capacitance per leg capacitance.(pf) 15 2 10 20 50 100 200 500 50 60 70 80 90 100 reverse voltage. (v) tj=25 c 0 s f f 1 0 0 1 g ~ s f f 1 0 0 4g sff1005g~sff1008g fig.6- typical forward characteristics per leg instantaneous for ward current . (a) .4 .6 .8 1.0 1.2 1.4 1.6 1.8 .01 0.1 .03 1.0 0.3 10 3.0 30 100 forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o s f f 1 0 0 1 g ~ s f f 1 0 0 4 g sff1005g~sff1006g s f f 1 0 0 7 g ~ s f f 1 0 0 8 g fig.3- typical reverse characteristics instantaneous reverse current .( a) 0 20 40 60 80 100 120 140 1000 0.1 1.0 10 100 percent of rated peak reverse voltage. (%) tc=25 c 0 tc=100 c 0 1000


▲Up To Search▲   

 
Price & Availability of SFF1003G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X