- 208 - marking 0 5 0 5 30 5 .250(6.55) .246(6.45) .211(5.36) .207(5.26) .274(6.95) .270(6.85) .250(6.55) .246(6.45) .024(0.60) .031(0.80) .165(4.20) .149(3.80) .043(1.10) .035(0.90) .093(2.35) .089(2.25) .013(0.54) .011(0.48) .384(9.75) .364(9.25) .053(1.30) .045(1.10) .059(1.45) .039(0.95) .112(2.85) .092(2.35) .211(5.36) .207(5.26) .013(0.54) .011(0.48) 12 3 sfd601g thru sfd608g 6.0 amps. glass passivated super fast rectifiers voltage range 50 to 600 volts current 6.0 amperes features ultrafast recovery low forward voltage drop high current capability high reliability high surge current capability mechanical data case: epoxy molded epoxy: ul 94v-o rate flame retardant terminals: leads solderable per mil-std- 202, method 208 guaranteed polarity: as marked high temperature soldering guaranteed: 260 o c/10 seconds. weight: 0.4 grams dpak dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sfd 601g sfd 602g sfd 603g sfd 604g sfd 605g sfd 606g sfd 607g sfd 608g units maximum recurrent peak reverse voltage v rrm 50 100 150 200 300 400 500 600 v maximum rms voltage v rms 35 70 105 140 210 280 350 480 v maximum dc blocking voltage v dc 50 100 150 200 300 400 500 600 v maximum average forward rectified current @t c = 137 i (av) 6.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 50 a maximum instantaneous forward voltage @3.0a v f 1.1 1.3 1.7 v maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =100 i r 5.0 200 a a maximum reverse recovery time(note1) trr 35 ns typical thermal resistance (note 3) r jc 9.0 /w typical junction capacitance (note 2) cj 50 30 pf operating temperature range t j -65 to +150 storage temperature range t stg -65 to +150 notes: 1. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1 mhz and applied reverse voltage of 4.0 v d.c. 3. thermal resistance from junction to case
- 209 - fig.3- typical reverse characteristics instantaneous reverse current .( a) 0 20 40 60 80 100 120 140 1000 0.1 1.0 10 100 percent of rated peak reverse voltage. (%) tc=25 c 0 tc=100 c 0 fig.1- reverse recovery time characteristic and test circuit diagram 50 noninductive non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10 noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm ratings and characteristic curves (sfd601g thru sfd608g) fig.2- maximum forward current derating curve average for ward current . (a) 0 50 100 150 0 2 8 case temperature. ( c) o fig.4- maximum non-repetitive forward surge current per leg peak for ward surge current . (a) 1 2 5 10 20 100 50 10 30 20 number of cycles at 60hz tc=125 c 0 8.3ms single half sine wave jedec method fig.6- typical forward characteristics per leg instantaneous for ward current . (a) .4 .6 .8 1.0 1.2 1.4 1.6 1.8 .01 0.1 .03 1.0 0.3 10 3.0 30 100 forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o sfd601g~sfd604g SFD605G~sfd606g fig.5- typical junction capacitance per leg capacitance.(pf) 15 2 10 20 50 100 200 500 10 20 reverse voltage. (v) tj=25 c 0 60 50 40 30 sfd601g~sfd604g SFD605G~sfd608g 40 50 10 4 6 sfd607g~sfd608g
|