Part Number Hot Search : 
SI7430D RAW23098 050000 74AC1 00022 SPIC33 2SD1504 H5TQ1G63
Product Description
Full Text Search
 

To Download MX23L3214XI-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 p/n:pm0754 rev. 2.2, may. 30, 2005 features ? bit organization - 2mb x 16 (word mode only)  fast access time - random access:70ns(max.)  current - operating:15ma - standby:15ua(max.)  supply voltage - vcc : 2.7 ~ 3.6v - vccq : 2.7 ~ 3.6v  package - 48 ball mini bga (7.0mm x 7.0mm, ball pitch 0.75mm) - 48 ball mini bga (7.95mm x 9.95mm, ball pitch 0.75mm) - 48 pin tsop (12mm x 20mm)  temperature - -40~85 c pin description symbol pin function a0~a20 address inputs d0~d15 data outputs ce# chip enable input oe# output enable input vcc power supply pin vccq output vcc pin gnd ground pin nc no connection pin configuration 48 mini bga (top view, ball down) mx23l3214 32m-bit mask rom mode selection ce# oe# d0~d15 power h x high z stand-by l h high z active l l d0~d15 active a1 a13 b1 a14 c1 a15 d1 a16 e1 vccq f1 gnd a2 a11 b2 a10 c2 a12 d2 d14 e2 d15 f2 d7 a3 a8 b3 nc c3 a9 d3 d5 e3 d6 f3 d13 a4 nc b4 nc c4 nc d4 d11 e4 d12 f4 d4 a5 nc b5 a18 c5 a20 d5 d2 e5 d3 f5 vcc a6 a19 b6 a17 c6 a6 d6 d8 e6 d9 f6 d10 a7 a7 b7 a5 c7 a3 d7 ce# e7 d0 f7 d1 a8 a4 b8 a2 c8 a1 d8 a0 e8 gnd f8 oe# 7.95 mm 9.95 mm
2 p/n:pm0754 rev. 2.2, may. 30, 2005 mx23l3214 48 pin tsop (top view) a15 a14 a13 a12 a11 a10 a9 a8 nc a20 nc nc nc nc a19 a18 a17 a7 a6 a5 a4 a3 a2 a1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 a16 vccq gnd d15 d7 d14 d6 d13 d5 d12 d4 vcc d11 d3 d10 d2 d9 d1 d8 d0 oe# gnd ce# a0 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 mx23l3214 order information part no. speed package grade remark mx23l3214ti-80 80ns 48 pin tsop industrial mx23l3214ti-90 90ns 48 pin tsop industrial mx23l3214xi-70 70ns 48 ball mini bga industrial mx23l3214xi-90 90ns 48 ball mini bga industrial MX23L3214XI-10 100ns 48 ball mini bga industrial mx23l3214xi-90g 90ns 48 ball mini bga industrial pb-free note: industrial grade temperature: -40 ~ 85 c commercial grade temperature: 0 ~ 70 c 48 mini bga (top view, ball down) a1 a13 b1 a14 c1 a15 d1 a16 e1 vccq f1 gnd a2 a11 b2 a10 c2 a12 d2 d14 e2 d15 f2 d7 a3 a8 b3 nc c3 a9 d3 d5 e3 d6 f3 d13 a4 nc b4 nc c4 nc d4 d11 e4 d12 f4 d4 a5 nc b5 a18 c5 a20 d5 d2 e5 d3 f5 vcc a6 a19 b6 a17 c6 a6 d6 d8 e6 d9 f6 d10 a7 a7 b7 a5 c7 a3 d7 ce# e7 d0 f7 d1 a8 a4 b8 a2 c8 a1 d8 a0 e8 gnd f8 oe# 7.0 mm 7.0 mm
3 p/n:pm0754 rev. 2.2, may. 30, 2005 mx23l3214 absolute maximum ratings item symbol ratings voltage on any pin relative to vss vin -0.3v to 3.9v ambient operating temperature topr -40 c to 85 c storage temperature tstg -65 c to 125 c dc characteristics (ta = -40 c ~ 85 c, vcc = 2.7v~3.6v) item symbol min. max. conditions output high voltage voh 2.4v - ioh = -400ua output low voltage vol - 0.4v iol = 1.6ma input high voltage vih 2.2v vccq+0.3v input low voltage vil -0.4v 0.4v input leakage current ili - 5ua 0v, vcc output leakage current ilo - 5ua 0v, vcc operating current icc - 15ma f=5mhz, ce#=vil, oe#=vih all output open standby current (cmos) istb - 15ua ce#>vcc-0.2v input capacitance cin - 10pf ta = 25 c, f = 1mhz output capacitance cout - 10pf ta = 25 c, f = 1mhz ac characteristics (ta = -40 c ~ 85 c, vcc = 2.7v~3.6v) item symbol 23l3214-70 23l3214-80 23l3214-90 23l3214-10 min. max. min. max. min. max. min. max. read cycle time trc 70ns - 80ns - 90ns - 100ns - address access time taa - 70ns - 80ns - 90ns - 100ns chip enable access time tace - 70ns - 80ns - 90ns - 100ns output enable time toe - 20ns - 20ns - 20ns - 30ns output hold after address toh 0ns - 0ns - 0ns - 0ns - output high z delay thz - 20ns - 20ns - 20ns - 20ns note:output high-impedance delay (thz) is measured from oe# or ce# going high, and this parameter guar- anteed by design over the full voltage and temperature operating range - not tested.
4 p/n:pm0754 rev. 2.2, may. 30, 2005 mx23l3214 ac test conditions input pulse levels 0.4v~2.4v input rise and fall times 5ns input timing level 1.5v output timing level 1.5v output load see figure 100pf output load capacitance timing diagram random read note:no output loading is present in tester load board. active loading is used and under software programming control. output loading capacitance includes load board's and all stray capacitance. dout c<100pf iol (load)=1.6ma ioh (load)=-400ua tace taa toh thz add add add add ce# oe# data valid valid valid trc toe
5 p/n:pm0754 rev. 2.2, may. 30, 2005 mx23l3214 package information
6 p/n:pm0754 rev. 2.2, may. 30, 2005 mx23l3214
7 p/n:pm0754 rev. 2.2, may. 30, 2005 mx23l3214
8 p/n:pm0754 rev. 2.2, may. 30, 2005 mx23l3214 revision history revision # description page date 0.1 modify mode selection-- l, h, high z, active p1 dec/14/2000 1.0 change from advanced information to preliminary p1 dec/29/2000 1.1 modify fast access time:80ns-->70ns p1,2 jan/18/2001 1.2 delete preliminary p1 apr/09/2001 modify 48 ball mini bga(8.0mm x 10.0mm)-->(7.95mm x 9.95mm) p1 1.3 add package information p4 apr/13/2001 1.4 modify package information p4 jun/20/2001 1.5 add 48-pin tsop & package information p1,2,6 jun/28/2001 modify supply voltage--vcc/vccq:2.7~3.3v-->2.7~3.6v p1,3 1.6 added order information p2 jul/11/2001 1.7 added 48 ball mini bga (7.0mm x 7.0mm, ball pitch 0.75mm), under p1 jul/13/2001 development 1.8 1.modify dc characteristics--voh:vccq-0.1v-->2.4v, ioh=-100ua--> p3 sep/10/2001 -400ua, vol:0.1v-->0.4v, iol:100ua-->1.6ma, vih:vccq-0.4v-->2.2v 2.modify ac test conditions--input pulse levels:0~vccq-->0.4v~2.4v, p4 input/output timing level:vccqx0.5-->1.5v, output load:50pf--> 100pf output load capacitance 1.9 modify order information p2 sep/27/2001 add access time:80ns in ac characteristics p3 add ce#=vil, oe#=vih in dc characteristics's icc p3 2.0 modify 48-ball bga package information p5 mar/12/2002 2.1 1. to modify package information p5,6,7 mar/31/2003 2.2 1. added pb-free package information p2 may/30/2005
mx23l3214 taipei office macronix, int'l co., ltd. 19f, 4, min-chuan e. road, sec. 3, taipei, taiwan, r.o.c. tel: +886-2-2509-3300 fax: +886-2-2509-2200 macronix europe n.v. koningin astridlaan 59, bus 1 1780 wemmel belgium tel: +32-2-456-8020 fax: +32-2-456-8021 singapore office macronix pte. ltd. 1 marine parade central #11-03 parkway centre singapore 449408 tel: +65-6346-5505 fax: +65-6348-8096 m acronix i nternational c o., l td . headquarters macronix, int'l co., ltd. 16, li-hsin road, science park, hsinchu, taiwan, r.o.c. tel: +886-3-5786688 fax: +886-3-5632888 macronix america, inc. 680 north mccarthy blvd. milpitas, ca 95035, u.s.a. tel: +1-408-262-8887 fax: +1-408-262-8810 email: sales.northamerica@macronix.com macronix japan cayman islands ltd. nkf bldg. 5f, 1-2 higashida-cho, kawasaki-ku kawasaki-shi, kanagawa pref. 210-0005, japan tel: +81-44-246-9100 fax: +81-44-246-9105 macronix (hong kong) co., limited. 702-703, 7/f, building 9, hong kong science park, 5 science park west avenue, sha tin, n.t. tel: +86-852-2607-4289 fax: +86-852-2607-4229 http : //www.macronix.com macronix international co., ltd. reserves the right to change product and specifications without notice. macronix's products are not designed, manufactured, or intended for use for any high risk applications in which the failure of a single component could cause death, personal injury, severe physical damage, or other substantial harm to persons or property, such as life-support systems, high temperature automotive, medical, aircraft and military application. macronix and its suppliers will not be liable to you and/or any third party for any claims, injuries or damages that may be incurred due to use of macronix's products in the prohibited applications.


▲Up To Search▲   

 
Price & Availability of MX23L3214XI-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X