Part Number Hot Search : 
M67749 61000 FM24C02 MBRF20 0805K 2SK31 FCT16 2SB0930
Product Description
Full Text Search
 

To Download MBRB2535CTLT4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2004 september, 2004 ? rev. 5 1 publication order number: mbrb2535ctl/d mbrb2535ctl preferred device switchmode ? power rectifier d 2 pak surface mount power package the d 2 pak power rectifier employs the schottky barrier principle in a large metal?to?silicon power diode. state?of?the?art geometry features epitaxial construction with oxide passivation and metal overlay contact. ideally suited for use in low voltage, high frequency switching power supplies, free wheeling diodes, and polarity protection diodes. these state?of?the?art devices have the following features: features ? pb?free packages are available ? center?tap configuration ? guardring for stress protection ? low forward voltage ? 125 c operating junction temperature ? epoxy meets ul 94, v?0 @ 0.125 in ? short heatsink tab manufactured ? not sheared ? similar in size to the industry standard to?220 package mechanical characteristics ? case: epoxy, molded, epoxy meets ul 94, v?0 ? weight: 1.7 grams (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead and mounting surface temperature for soldering purposes: 260 c max. for 10 seconds ? shipped 50 units per plastic tube ? available in 24 mm tape and reel, 800 units per 13 reel by adding a at4o suffix to the part number ? device meets msl1 requirements ? esd ratings: machine model, c (>400 v) human body model, 3b (>8000 v) d 2 pak case 418b style 3 3 4 1 schottky barrier rectifier 25 amperes 35 volts 1 3 4 preferred devices are recommended choices for future use and best overall value. marking diagram b2535l ayww device package shipping 2 ordering information mbrb2535ctl d 2 pak 50 units/rail MBRB2535CTLT4 d 2 pak 800/tape & reel mbrb2535ctlg d 2 pak (pb?free) 50 units/rail MBRB2535CTLT4g d 2 pak (pb?free) 800 tape & reel 2for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d. http://onsemi.com b2535l = device code a = assembly location y = year ww = work week
mbrb2535ctl http://onsemi.com 2 maximum ratings (per leg) rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 35 v average rectified forward current, (rated v r , t c = 110 c) i f(av) 12.5 a peak repetitive forward current, (rated v r , square wave, 20 khz, t c = 90 c) i frm 25 a non?repetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 150 a peak repetitive reverse surge current (2.0  s, 1.0 khz) i rrm 1.0 a storage temperature range t stg ?65 to +150 c operating junction temperature t j ?65 to +125 c voltage rate of change (rated v r ) dv/dt 10,000 v/  s maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual str ess limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation i s not implied, damage may occur and reliability may be affected. thermal characteristics (per leg) characteristic symbol value unit thermal resistance, junction?to?case junction?to?ambient (note 1) r  jc r  ja 2.0 5.0 c/w electrical characteristics (per leg) maximum instantaneous forward voltage (note 2) (i f = 25 amps, t j = 25 c) (i f = 12.5 amps, t j = 125 c) (i f = 12.5 amps, t j = 25 c) v f 0.55 0.41 0.47 volts maximum instantaneous reverse current (note 2) (rated dc voltage, t j = 125 c) (rated dc voltage, t j = 25 c) i r 500 10 ma 1. when mounted using minimum recommended pad size on fr?4 board. 2. pulse test: pulse width = 300  s, duty cycle 2.0%.
mbrb2535ctl http://onsemi.com 3 , reverse leakage current (ma) 50 20 10 5 2 1 0.5 0.2 0.1 0.9 10 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 v f , instantaneous voltage (volts) figure 1. typical forward voltage, per leg i f , instantaneous forward current (amp) 1000 100 10 1 i r 0.1 35 30 25 20 15 0 v r , reverse voltage (volts) figure 2. typical reverse current, per leg 510 t j = 125 c t j = 25 c t j = 100 c dc t j = 125 c square wave 40 35 30 25 20 15 10 5 0 p f(av) , average forward power dissipation (watts) 40 35 30 25 20 15 10 5 i f(av) , average forward current (amps) figure 3. typical forward power dissipation 0 sine wave (resistive load) (rated v r applied) r  jc = 2 c/w square dc 32 28 24 20 16 12 8 4 i f(av) , average forward current (amps) 0 125 115 105 95 85 t c , case temperature ( c) figure 4. current derating, case t j = 125 c t j = 25 c
mbrb2535ctl http://onsemi.com 4 package dimensions style 3: pin 1. anode 2. cathode 3. anode 4. cathode d 2 pak case 418b?04 issue j 8.38 0.33 1.016 0.04 17.02 0.67 10.66 0.42 3.05 0.12 5.08 0.20  mm inches  scale 3:1 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* seating plane s g d ?t? m 0.13 (0.005) t 23 1 4 3 pl k j h v e c a dim min max min max millimeters inches a 0.340 0.380 8.64 9.65 b 0.380 0.405 9.65 10.29 c 0.160 0.190 4.06 4.83 d 0.020 0.035 0.51 0.89 e 0.045 0.055 1.14 1.40 g 0.100 bsc 2.54 bsc h 0.080 0.110 2.03 2.79 j 0.018 0.025 0.46 0.64 k 0.090 0.110 2.29 2.79 s 0.575 0.625 14.60 15.88 v 0.045 0.055 1.14 1.40 ?b? m b w w notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 418b?01 thru 418b?03 obsolete, new standard 418b?04. f 0.310 0.350 7.87 8.89 l 0.052 0.072 1.32 1.83 m 0.280 0.320 7.11 8.13 n 0.197 ref 5.00 ref p 0.079 ref 2.00 ref r 0.039 ref 0.99 ref m l f m l f m l f variable configuration zone r n p u view w?w view w?w view w?w 123
mbrb2535ctl http://onsemi.com 5 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 mbrb2535ctl/d switchmode is a trademark of semiconductor components industries, llc. literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MBRB2535CTLT4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X