Part Number Hot Search : 
01200 1A5202 TDA98 HAT2052T 114ECA 1N4739 M948AP DD600
Product Description
Full Text Search
 

To Download MBR360RLG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 june, 2006 ? rev. 6 1 publication order number: mbr350/d mbr350, mbr360 mbr360 is a preferred device axial lead rectifiers these devices employ the schottky barrier principle in a large area metal?to?silicon power diode. state?of?the?art geometry features epitaxial construction with oxide passivation and metal overlap contact. ideally suited for use as rectifiers in low?voltage, high?frequency inverters, free wheeling diodes, and polarity protection diodes. features ? extremely low v f ? low power loss/high efficiency ? highly stable oxide passivated junction ? low stored charge, majority carrier conduction ? pb?free packages are available* mechanical characteristics: ? case: epoxy, molded ? weight: 1.1 gram (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead temperature for soldering purposes: 260 c max. for 10 seconds ? polarity: cathode indicated by polarity band maximum ratings rating symbol max unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage mbr350 mbr360 v rrm v rwm v r 50 60 v average rectified forward current t a = 65 c (r  ja = 28 c/w, p.c. board mounting) i o 3.0 a non?repetitive peak surge current (note 1) (surge applied at rated load conditions halfwave, single phase, 60 hz, t l = 75 c) i fsm 80 a operating and storage junction temperature range (reverse voltage applied) t j , t stg ?65 to +150 c thermal characteristics thermal resistance, junction?to?ambient (see note 4 ? mounting data, mounting method 3) r  ja 28 c/w stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. lead temperature reference is cathode lead 1/32 in from case. *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. axial lead case 267?05 (do?201ad) style 1 schottky barrier rectifiers 3.0 amperes 50, 60 volts preferred devices are recommended choices for future use and best overall value. marking diagram a mbr 3x0   a = assembly location x = 5 or 6  = pb?free package (note: microdot may be in either location ) http://onsemi.com see detailed ordering and shipping information in the package dimensions section on page 3 of this data sheet. ordering information
mbr350, mbr360 http://onsemi.com 2 electrical characteristics (t l = 25 c unless otherwise noted) (note 2) characteristic symbol max unit maximum instantaneous forward voltage (note 3) (i f = 1.0 amp) (i f = 3.0 amp) (i f = 9.4 amp) v f 0.600 0.740 1.080 v maximum instantaneous reverse current @ rated dc voltage (note 3) t l = 25 c t l = 100 c i r 0.60 20 ma 2. lead temperature reference is cathode lead 1/32 in from case. 3. pulse test: pulse width = 300  s, duty cycle = 2.0%. t a , ambient temperature (c ) 20 100 60 40 80 4.0 2.0 3.0 5.0 0 1.0 dc square wave 120 140 160 i , average forward current (amps) f (av) v r reverse voltage (volts) 020 10 30 40 0.002 0.005 0.01 0.05 0.02 0.10 0.50 0.20 20 10 5.0 2.0 1.0 25 c v f, instantaneous voltage (volts) 0.2 0 0.4 5.0 0.03 0.02 0.07 0.2 0.1 20 10 3.0 2.0 1.0 0.6 0.8 0.3 0.05 0.5 0.7 i , reverse current (ma) r 7.0 i , instantaneous forward current (amps) f 1.0 1.2 1.4 *the curves shown are typical for the highest voltage device in the voltage grouping. typical reverse current for lower voltage selections can be estimated from these same curves if v r is sufficiently below rated v r . 50 60 80 75 c 100 c t j = 150 c t j = 100 c 25 c 75 c t j = 150 c rated v r r  ja = 28 c/w 0 figure 1. typical forward voltage figure 2. typical reverse current* figure 3. current derating ambient (mounting method 3 per note 4)
mbr350, mbr360 http://onsemi.com 3 v r , reverse voltage (volts) i f (av) , average forward current (amps) 0 2.0 1.0 3.0 4.0 5.0 1.0 2.0 3.0 4.0 5.0 t j = 150 c p , average power dissipation (watts) f (av) dc square wave 020 10 30 40 50 70 300 t j = 25 c c, capacitance (pf) 200 40 30 50 100 figure 4. power dissipation figure 5. typical capacitance 0 typical values for r  ja in still air data shown for thermal resistance, junction?to?ambient (r  ja ) for the mountings shown is to be used as typical guideline values for preliminary engineering, or in case the tie point temperature cannot be measured. 1 2 3 mounting method lead length, l (in) 1/8 1/4 1/2 3/4 r  ja 50 51 53 55 c/w c/w c/w 58 59 61 63 28 note 4 ? mounting data mounting method 1 p.c. board where available copper surface is small. l l l mounting method 2 vector push?in terminals t?28 l mounting method 3 p.c. board with 2?1/2 in x 2?1/2 in copper surface. l = 1/2?? board ground plane ordering information device package shipping ? mbr350rl axial lead 1500 units / tape & reel mbr350rlg axial lead (pb?free) 1500 units / tape & reel mbr360 axial lead 500 units / bag mbr360g axial lead (pb?free) 500 units / bag mbr360rl axial lead 1500 units / tape & reel MBR360RLG axial lead (pb?free) 1500 units / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mbr350, mbr360 http://onsemi.com 4 package dimensions axial lead case 267?05 (do?201ad) issue g notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. style 1: pin 1. cathode (polarity band) 2. anode 1 2 k a k d b dim min max min max millimeters inches a 0.287 0.374 7.30 9.50 b 0.189 0.209 4.80 5.30 d 0.047 0.051 1.20 1.30 k 1.000 ??? 25.40 ??? on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5773?3850 mbr350/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MBR360RLG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X