Part Number Hot Search : 
RCS1008 AN932 LA6540 MC34129 BAR90 KS823C03 4AUP1G 2000314
Product Description
Full Text Search
 

To Download M74HC51B1R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/9 august 2001 n high speed: t pd = 11ns (typ.) at v cc = 6v n low power dissipation: i cc = 1 m a(max.) at t a =25c n high noise immunity: v nih = v nil = 28 % v cc (min.) n symmetrical output impedance: |i oh | = i ol = 4ma (min) n balanced propagation delays: t plh @ t phl n wide operating voltage range: v cc (opr) = 2v to 6v n pin and function compatible with 74 series 51 description the m74hc51 is an high speed cmos dual 2 wide 2 input and/or invert gate fabricated with silicon gate c 2 mos technology. it contains a 2-wide 2-input and/or invert gate and a 2-wide 3-input and/or invert gate. the internal circuit is composed of 3 stages (2 input) or 5 stages (3 input) including buffer output, which enables high noise immunity and stable output. all inputs are equipped with protection circuits against static discharge and transient excess voltage. m74hc51 dual 2 wide 2 input and/or invert gate pin connection and iec logic symbols order codes package tube t & r dip M74HC51B1R sop m74hc51m1r m74hc51rm13tr tssop m74hc51ttr tssop dip sop
m74hc51 2/9 input and output equivalent circuit pin description truth table truth table x : dont care absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditi ons is not implied (*) 500mw at 65 c ; derate to 300mw by 10mw/ c from 65 c to 85 c pin no symbol name and function 1, 12, 13, 9, 10, 11 1a to 1f data inputs 2, 3, 4, 5 2a to 2d data inputs 8, 6 1y to 2y data outputs 7 gnd ground (0v) 14 v cc positive supply voltage 1a 1b 1c 1d 1e 1f 1y hhhxxxl xxxhhhl all other combinations h 2a 2b 2c 2d 2y hhxxl xxhhl all other combinations h symbol parameter value unit v cc supply voltage -0.5 to +7 v v i dc input voltage -0.5 to v cc + 0.5 v v o dc output voltage -0.5 to v cc + 0.5 v i ik dc input diode current 20 ma i ok dc output diode current 20 ma i o dc output current 25 ma i cc or i gnd dc v cc or ground current 50 ma p d power dissipation 500(*) mw t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 300 c
m74hc51 3/9 recommended operating conditions dc specifications symbol parameter value unit v cc supply voltage 2 to 6 v v i input voltage 0 to v cc v v o output voltage 0 to v cc v t op operating temperature -55 to 125 c t r , t f input rise and fall time v cc = 2.0v 0 to 1000 ns v cc = 4.5v 0 to 500 ns v cc = 6.0v 0 to 400 ns symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. v ih high level input voltage 2.0 1.5 1.5 1.5 v 4.5 3.15 3.15 3.15 6.0 4.2 4.2 4.2 v il low level input voltage 2.0 0.5 0.5 0.5 v 4.5 1.35 1.35 1.35 6.0 1.8 1.8 1.8 v oh high level output voltage 2.0 i o =-20 m a 1.9 2.0 1.9 1.9 v 4.5 i o =-20 m a 4.4 4.5 4.4 4.4 6.0 i o =-20 m a 5.9 6.0 5.9 5.9 4.5 i o =-4.0 ma 4.18 4.31 4.13 4.10 6.0 i o =-5.2 ma 5.68 5.8 5.63 5.60 v ol low level output voltage 2.0 i o =20 m a 0.0 0.1 0.1 0.1 v 4.5 i o =20 m a 0.0 0.1 0.1 0.1 6.0 i o =20 m a 0.0 0.1 0.1 0.1 4.5 i o =4.0 ma 0.17 0.26 0.33 0.40 6.0 i o =5.2 ma 0.18 0.26 0.33 0.40 i i input leakage current 6.0 v i = v cc or gnd 0.1 1 1 m a i cc quiescent supply current 6.0 v i = v cc or gnd 11020 m a
m74hc51 4/9 ac electrical characteristics (c l = 50 pf, input t r = t f = 6ns) capacitive characteristics 1) c pd is defined as the value of the ics internal equivalent capacitance which is calculated from the operating current consumption without load. (refer to test circuit). average operating current can be obtained by the following equation. i cc(opr) = c pd x v cc x f in + i cc test circuit c l = 50pf or equivalent (includes jig and probe capacitance) r t = z out of pulse generator (typically 50 w ) symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. t tlh t thl output transition time 2.0 30 75 95 110 ns 4.5 8151922 6.0 7131619 t plh t phl propagation delay time 2.0 39 100 125 150 ns 4.5 13 20 25 30 6.0 11 17 21 26 symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. c in input capacitance 5.0 5101010pf c pd power dissipation capacitance (note 1) 5.0 32 pf
m74hc51 5/9 waveform : propagation delay times (f=1mhz; 50% duty cycle)
m74hc51 6/9 dim. mm. inch min. typ max. min. typ. max. a1 0.51 0.020 b 1.39 1.65 0.055 0.065 b 0.5 0.020 b1 0.25 0.010 d 20 0.787 e 8.5 0.335 e 2.54 0.100 e3 15.24 0.600 f 7.1 0.280 i 5.1 0.201 l 3.3 0.130 z 1.27 2.54 0.050 0.100 plastic dip-14 mechanical data p001a
m74hc51 7/9 dim. mm. inch min. typ max. min. typ. max. a 1.75 0.068 a1 0.1 0.2 0.003 0.007 a2 1.65 0.064 b 0.35 0.46 0.013 0.018 b1 0.19 0.25 0.007 0.010 c 0.5 0.019 c1 45 (typ.) d 8.55 8.75 0.336 0.344 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 7.62 0.300 f 3.8 4.0 0.149 0.157 g 4.6 5.3 0.181 0.208 l 0.5 1.27 0.019 0.050 m 0.68 0.026 s8 (max.) so-14 mechanical data po13g
m74hc51 8/9 dim. mm. inch min. typ max. min. typ. max. a 1.2 0.047 a1 0.05 0.15 0.002 0.004 0.006 a2 0.8 1 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.0089 d 4.9 5 5.1 0.193 0.197 0.201 e 6.2 6.4 6.6 0.244 0.252 0.260 e1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 bsc 0.0256 bsc k0 80 8 l 0.45 0.60 0.75 0.018 0.024 0.030 tssop14 mechanical data c e b a2 a e1 d 1 pin 1 identification a1 l k e 0080337d
m74hc51 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2001 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco singapore - spain - sweden - switzerland - united kingdom ? http://www.st.com 9/9


▲Up To Search▲   

 
Price & Availability of M74HC51B1R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X