Part Number Hot Search : 
06400 WH125FU IRF3808L IRXXH420 EMIF06 MAX3030 NP32N055 EMIF06
Product Description
Full Text Search
 

To Download LV8019LP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications of any and all sanyo semiconductor co.,l td. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' sproductsor equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, av equipment, communication device, office equipment, industrial equ ipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medica l equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, t ransportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of re liability and can directly threaten human lives in case of failure or malfunction of the product or may cause har m to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for app lications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is n o consultation or inquiry before the intended use, our customer shall be solely responsible for the use. 22008 ms 20080204-s00007 / 41807 ms pc 20070406-s00004 no.a0792-1/6 LV8019LP overview the LV8019LP is a forward/reverse motor driver. features ? one h-bridge driver channel ? provides a constant current output ? built-in thermal shutdown circuit specifications maximum ratings at ta = 25 c and sgnd = pgnd = 0v parameter symbol conditions ratings unit output block supply voltage vm max -0.5 to 8.4 v control block supply voltage v cc max -0.5 to 7.0 v constant current output block supply voltage vrg max -0.5 to 6.0 v i o max 1.2 a i o peak1 t 200ms, f = 2hz 3 a maximum output current i o peak2 t 10ms, f = 2hz 5 a input signal voltage v in max -0.5 to v cc +0.5 a pd max1 independent ic 0.2 w allowable power dissipation pd max2 when mounted on a circuit board *1 1.05 w operating temperature topr -30 to +85 c storage temperature tstg -55 to +150 c * : specified substrate : 40 50 0.8mm 3 , glass epoxy four-layer (2s2p) board bi-cmos ic forward/reverse motor driver orderin g numbe r : ena0792a
LV8019LP no.a0792-2/6 recommended operating conditions at ta = 25 c and sgnd = pgnd = 0v parameter symbol conditions ratings unit output block supply voltage vm 3.0 to 7.4 v control block supply voltage v cc 2.7 to 6.0 v constant current output block supply voltage vrgin 1.5 to v cc v input signal voltage v in 0 to v cc v maximum input signal frequency f max duty = 50% 100 khz electrical characteristics ta = 25 c, v cc = vm = 5v, and sgnd = pgnd = 0v unless otherwise specified. ratings parameter symbol conditions min typ max unit standby mode output block current consumption imo en = 0v, in1 = in 2 = ictrl = 0v 1.0 a standby mode i cco en = 0v, in1 = in2 = ictrl = 0v 0 1.0 a control block current consumption operation mode i cc en = 5v 0.8 1.3 ma high-level input voltage v in h in* 2.5 v cc v low-level input voltage v in l in* 0 0.8 v high-level input current i in h in* 1.0 a low-level input current i in l in* -1.0 a high-level en pin current i en h en 15 25 35 a low-level en pin current i en l en 1.0 a 1 r on 1 vm = 5v, sink + source 0.30 0.40 ? output on resistance 2 r on 2 vm = 3v, sink + source 0.45 0.60 ? iset setting resistance rset between iset pin and sgnd 80 ? iset pin voltage viset rset > 80 ? 0.90 1.05 1.20 v cc pin output saturation voltage vcsat rset = 150 ? *1 1.5 v cc pin output leakage current iconl ctrl = 0v 1.0 a low voltage shutdown operation voltage vlvd v cc pin voltage detection 2.10 2.35 2.60 v high-level output turn-on time toh the transition from 10% to 90% of the output amplitude *2 0.1 1.0 s low-level output turn-on time tol the transition from 90% to 10% of the output amplitude *2 0.2 2.0 s thermal shutdown temperature tsd *2 150 180 c thermal shutdown hysteresis ? tsd *2 40 c *1 : voltage between cc pin and iset pin *2 : design guarantee: these characteristics are not measured.
LV8019LP no.a0792-3/6 package dimensions unit : mm (typ) 3321 pin assignment constant current output 0.85max 0.0nom 0.75 0.75 bottom view 3.5 0.35 0.35 0.2 3.5 0.4 top view top view 1 6 7 12 13 18 19 24 sanyo : vqlp24(3.5x3.5) out1 1 out1 2 vm 3 vm 4 v cc 5 nc 6 out2 18 out2 17 vm16 vm (top view) 15 sgnd 14 en13 out2 19 pgnd 20 pgnd 21 pgnd 22 pgnd 23 out1 24 cc 7 iset 8 nc 9 ictrl 10 in1 11 in2 12 iset cc constant current resistance 0 1.0 1.05 0.5 0.10 0.55 0.20 1.5 ? 30 90 60 30 012 0 ambient temperature, ta ? c allowable power dissipation, pd max ? w pd max ? ta independent ic specified circuit board : 40 500.8mm 3 , glass epoxy four-layer (2s2p) board mounted on the specified circuit board
LV8019LP no.a0792-4/6 block diagram truth table en in1 in2 ctrl out1 out2 cc mode h h h x l l x break h h l x h l x forward h l h x l h x reverse h l l x z z x standby l x x x l l l standby h x x l x x z constant current output off h x x h x x on constant current output on h : high level l : low level z : hi-impedance x : don't care en predrive tsd low voltage shutdown enable control logic for h bridge constant current circuit in1 in2 ictrl cc v cc sgnd pgnd vm out1 out2 iset vm vm vm pgnd pgnd pgnd out1 out1 out2 out2
LV8019LP no.a0792-5/6 pin functions pin no. pin description equivalent circuit 11 12 in1 in2 logic input 1 logic input 2 the output is set by the co mbination of the input 1 and 2 states. see the truth table for details. 10 ictrl controls the output on/ off state of the constant current block. 13 en en pin controls the on/off state of the h-bridge output (out1 and out2) and the constant current output. see the truth table for details. 1, 2, 24, 17, 18, 19 out1 out2 output 1 output 2 the source side is a p-channel transistor and sink side is an n-channel transistor. 7 8 cc iset constant current output constant current setting the output current (cc) is set by connecting a resistor between the iset pin and ground. 5 v cc signal system power supply 3, 4, 15, 16 vm power system power supply 14 sgnd signal system ground 21, 22, 23 pgnd power system ground s-gnd en v cc 10k? 200k? out* vm pgnd s-gnd in1 in2 ictrl v cc 10k? v cc sgnd sgnd cc iset v cc v cc vm sgnd pgnd
LV8019LP ps no.a0792-6/6 sanyo semiconductor co.,ltd. assumes no responsib ility for equipment failures that result from using products at values that exceed, even momentarily, rate d values (such as maximum ra tings, operating condition ranges, or other parameters) listed in products specif ications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-qual ity high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to acci dents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause dam age to other property. when designing equipment, adopt safety measures so that these kinds of accidents or e vents cannot occur. such measures include but are not limited to protective circuits and error prevention c ircuits for safe design, redundant design, and structural design. upon using the technical information or products descri bed herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable f or any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above. information (including circuit diagr ams and circuit parameters) herein is for example only; it is not guaranteed for volume production. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equi pment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor c o.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities conc erned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any in formation storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. application example this catalog provides information as of january, 2008. specifications and information herein are subject to change without notice. 1 2 3 4 5 nc 6 18 17 16 15 14 signal in vm=6.8v vm=6.8 v 13 19 20 21 22 23 24 150?


▲Up To Search▲   

 
Price & Availability of LV8019LP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X