Part Number Hot Search : 
300NS TA143 BTNRYR1 6KE24 LC89585 LM626 AN011 LG3360
Product Description
Full Text Search
 

To Download L055AT56 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http:// www.sirectsemi.com 50w 5-line array surface mount tvs diodes features ? protects five i/o lines ? 5v working voltage ? transient protection for data, signal, and vcc bus to iec 61000-4-2 (esd) & iec 61000-4-4 (eft) ? low leakage current ? solid state silicon avalanche technology ? low operating and clamping voltages mechanical data ? jedec sot-563 package ? solder temperature: 265 o c for 10 seconds ? readily solderable terminals application ? cordless phones ? cellular phones & accessories ? audio/video inputs ? portable electronics (digital cameras, mp3 players, etc.) ? networks maximum ratings rating symbol value unit peak pulse power (tp = 8 x 20 s) p pk 40 w operating temperature t j -55 to +150 o c storage temperature t stg -55 to +150 o c electrical characteristics parameter symbol conditions min. typ. max. unit reverse breakdown voltage v br i t = 1ma 6.15 6.5 7.15 v clamping voltage v c i pp =1a 1 - - 9 v maximum peak pulse current i pp t p = 8/20 s - - 3.5 a reverse leakage current i r v rwm = 5v - 10 35 a diode capacitance c d v r = 0v, f = 1mhz - 22 28 pf differential resistance r diff i r = 1ma - 20 100 ohms note: 1. clamping voltage values are based upon an industry standard 8 x 20 s peak pulse current (ipp) waveform. august 2007 / rev.5 the n505at56 series of transient voltage suppressors are designed to protect components which are connected to multi-line data and transmission lines from over voltages caused by electrostatic discharge (esd), electrical fast transients (eft), and induced lightning. schematic & pin configuration e l e c t r o n i c L055AT56
http:// www.sirectsemi.com L055AT56
http:// www.sirectsemi.com package dimensions marking code L055AT56 sirectifier global corp., delaware, u.s.a. u.s.a.: sgc@sirectsemi.com france: ss@sirectsemi.com taiwan: se@sirectsemi.com hong kong: hk@sirectsemi.com china: st@sirectsemi.com ? thailand: th@sirectsemi.com philippines: aiac@sirectsemi.com belize: belize@sirectsemi.com


▲Up To Search▲   

 
Price & Availability of L055AT56

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X