Part Number Hot Search : 
I506ERW 2CL71 100LVE MCT5210 DL4728 70430 NJU66 GP402
Product Description
Full Text Search
 

To Download HVU132 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HVU132 silicon epitaxial planar pin diode for antenna switching ade-208-321a (z) rev. 1 features low capacitance.(c = 0.5pfmax) low forward resistance. (r f = 2.0 w max) u ltra small r esin p ackage (urp) is suitable for surface mount design. ordering information type no. laser mark package code HVU132 p2 urp outline cathode mark mark 12 1. cathode 2. anode p2
HVU132 2 absolute maximum ratings (ta = 25c) item symbol value unit peak reverse voltage v rm 65 v reverse voltage v r 60 v forward current i f 100 ma power dissipation pd 150 mw junction temperature tj 125 c storage temperature tstg C55 to +125 c electrical characteristics (ta = 25c) item symbol min typ max unit test condition forward voltage v f 1.0 v i f = 10ma reverse current i r 0.1 a v r = 60v capacitance c 0.5 pf v r = 1v, f = 1mhz forward resistance r f 2.0 w i f = 10ma, f = 100mhz
HVU132 3 0 0.2 0.4 0.6 0.8 1.0 10 10 ? 10 ? 10 ? 10 ?0 10 ?2 ? forward voltage v (v) f forward current i (a) f fig.1 forward current vs. forward voltage 080 20 60 40 100 10 ? 10 10 ? 10 ? 10 ? 10 ?1 10 ?2 ?0 reverse voltage v (v) r reverse current i (a) r fig.2 reverse current vs. reverse voltage
HVU132 4 10 10 10 10 1.0 2 1.0 ? f = 1mhz reverse voltage v (v) r capacitance c (pf) fig.3 capacitance vs. reverse voltage 10 10 10 10 10 1.0 10 10 2 ? ? ? ? 10 3 ? f = 100mhz forward current i (a) f forward resistance r ( ) f w fig.4 forward resistance vs. forward current
HVU132 5 package dimensions 1.25 0.15 2.5 0.15 1.7 0.15 0.3 0.15 0.9 0.15 0 0.05 p2 cathode mark 1 2 hitachi code jedec code eiaj code weight (g) urp 0.004 1 2 cathode anode unit: mm


▲Up To Search▲   

 
Price & Availability of HVU132

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X