![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com limiting amplifiers - smt 10 10 - 2 HMC750LP4 / 750lp4e v00.1108 functional diagram electrical specifi cations, t a = +25 c, vcc = +5v, vc1 = +2.5v the HMC750LP4(e) is ideal for: oc-192 receivers ? 10 gbps ethernet receivers ? 10 gbps fiber channel receivers ? broadband test & measurement ? supports data rates up to 12.5 gbps differential gain: 44 db 2mv p-p input sensitivity 3 db bandwidth: 11 ghz integrated dc offset correction adjustable differential saturated o/p voltage swing up to 880 mv single +5v power supply very low rms jitter degradation 24 lead plastic 4x4mm smt package: 16mm2 HMC750LP4e is a limiting amplifi er designed to sup- port data transmission rates up to 12.5 gbps. the amplifi er can operate over a wide range of input voltage levels and provides constant-level differential output swing. HMC750LP4e also features an output level control pin, vc1, which allows for loss compensation or for signal level optimization. differential output signal swing can be adjustable up to 880mv p-p. input signals higher than 3mv p-p can be amplifi ed to saturated 880mv p-p differential signal. all single-ended input signals to the HMC750LP4e are terminated with 50 ohms to +5v on-chip, and may be either ac or dc coupled. the outputs of the HMC750LP4e may be operated either differentially or single-ended. outputs can be connected directly to a 50 ohm terminated system referenced to +5v, while dc blocking capacitors may be used if the terminating system is 50 ohms to a non +5v voltage. the HMC750LP4e operates from a single + 5v dc supply and is available in a plastic rohs compliant 4x4 mm smt package. parameter conditions min. typ. max. units power supply voltage 4.6 5 5.4 v power supply current vc1 = 2.5v 106 122 ma maximum data rate 12.5 gbps differential small signal gain vc1 = 2.5v 44 db small signal bandwidth 3-db cutoff 11 ghz deterministic jitter [1] vin = 20 mv peak to peak 5 ps p-p additive random jitter [2] vin = 200 mv peak to peak 0.2 ps rms typical applications features general description 12.5 gbps limiting amplifier
for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com limiting amplifiers - smt 10 10 - 3 HMC750LP4 / 750lp4e v00.1108 12.5 gbps limiting amplifier parameter conditions min. typ. max. units rise time 20% - 80% 23 27 ps fall time 20% - 80% 21 23 ps data output swing differential output swing. vc1 = 3v for maximum output swing. 850 880 mv p-p input return loss up to 10 ghz 15 db output return loss up to 10 ghz 8 db input sensitivity 2 mv p-p maximum input swing 1200 mv p-p output offset voltage vc1 = 3v for maximum output swing 3 mv vc1 23v vout dc 4.5 4.8 v [1] deterministic jitter measured at 10gbps with prbs 2 23 -1 pattern. it is the peak to peak deviation from the ideal time crossing [2] random jitter is measured with 10gbps 10101 pattern electrical specifi cations (conditions) differential output vs. supply voltage [1] differential output vs. control voltage [2] 0 200 400 600 800 1000 4.6 4.7 4.8 4.9 5 5.1 5.2 5.3 5.4 +25c +85c -40c supply voltage vcc (v) differential voltage (mv) 0 200 400 600 800 1000 1200 2.1 2.3 2.5 2.7 2.9 3.1 +25c +85c -40c control voltage vc1 (v) differential voltage (mv) [1] vc1 = 2.5v [2] vcc = 5v [3] input data rate = 10 gbps differential output vs. vinput [1][2] rms jitter vs. vinput [1][2][3] 0 100 200 300 400 500 600 0.1 1 10 100 1000 vin (mv) differential voltage (mv) 0 1 2 3 4 5 6 0 100 200 300 400 500 600 vin (mv) rms jitter (ps) for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com limiting amplifiers - smt 10 10 - 4 HMC750LP4 / 750lp4e v00.1108 12.5 gbps limiting amplifier rise & fall time vs. vinput [1] [2] [3] dc current vs. supply voltage [1] [3] 20 24 28 32 36 40 0 100 200 300 400 500 600 rise time fall time vin (mv) rise time, fall time 20%-80% (ps) 0 40 80 120 160 200 4.6 4.7 4.8 4.9 5 5.1 5.2 5.3 5.4 +25c +85c -40c supply voltage vcc (v) dc current (ma) [1] vc1 = 2.5v [2] vcc = 5v [3] input data rate = 10 gbps dc current vs. control voltage [2] [3] differential gain vs. frequency [1] [2] 20 50 80 110 140 170 200 2.1 2.3 2.5 2.7 2.9 3.1 +25c +85c -40c control voltage vc1 (v) dc current (ma) 0 10 20 30 40 50 0246810121416 frequency (ghz) gain (db) return loss [1] [2] -50 -40 -30 -20 -10 0 0246810121416 s11 s22 frequency (ghz) return loss (db) for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com limiting amplifiers - smt 10 10 - 5 HMC750LP4 / 750lp4e v00.1108 12.5 gbps limiting amplifier output eye diagram test conditions eye diagram data presented on an infi nium dca 86100a rate = 10 gb/s pseudo random code = 2 23 -1 vin = 100 mvpp differential, vc1 = 3v output eye diagram test conditions eye diagram data presented on an infi nium dca 86100a rate = 10 gb/s pseudo random code = 2 23 -1 vin = 500 mvpp differential, vc1 = 3v current minimum maximum total meas rise time (f1) 23.33 ps 23.33 ps 23.33 ps 32 fall time (f1) 24.67 ps 24.00 ps 25.33 ps 32 differential eye amplitude (f1) 860 mv 858 mv 860 mv 32 eye s/n (f1) 15.35 15.28 15.50 32 vertical scale 100 mv / div horizontal scale 30.0 ps / div current minimum maximum total meas rise time (f1) 23.33 ps 22.67 ps 23.33 ps 30 fall time (f1) 24.67 ps 24.67 ps 26.00 ps 30 differential eye amplitude (f1) 862 mv 861 mv 862 mv 30 eye s/n (f1) 15.27 15.19 15.35 30 vertical scale 100 mv / div horizontal scale 30.0 ps / div for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com limiting amplifiers - smt 10 10 - 6 HMC750LP4 / 750lp4e v00.1108 12.5 gbps limiting amplifier input signal output signal input and output signal for 10 gbps, prbs 2 23 -1, 3.5mv p-p differential, vc1 = 3v. supply voltage 5.6v input signals 4v to 5.5v rf input power 10 dbm junction temperature 125 c continuous pdiss (t = 85c) (derate 7.95 mw/c above 85c) 0.32 watts thermal resistance (r th ) (junction to ground paddle) 126 c/w storage temperature -65 to 150 c operating temperature -40 to +85 c absolute maximum ratings for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com limiting amplifiers - smt 10 10 - 7 outline drawing part number package body material lead finish msl rating package marking [3] HMC750LP4 low stress injection molded plastic sn/pb solder msl1 [1] h750 xxxx HMC750LP4e rohs-compliant low stress injection molded plastic 100% matte sn msl1 [2] h750 xxxx [1] max peak refl ow temperature of 235 c [2] max peak refl ow temperature of 260 c [3] 4-digit lot number xxxx package information notes: 1. leadframe material: copper alloy 2. dimensions are in inches [millimeters]. 3. lead spacing tolerance is non-cumulative 4. pad burr length shall be 0.15mm maximum. pad burr height shall be 0.05mm maximum. 5. package warp shall not exceed 0.05mm. 6. all ground leads and ground paddle must be soldered to pcb rf ground. 7. refer to hmc application note for suggested pcb land pattern. HMC750LP4 / 750lp4e v00.1108 12.5 gbps limiting amplifier for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com limiting amplifiers - smt 10 10 - 8 HMC750LP4 / 750lp4e v00.1108 12.5 gbps limiting amplifier pin number function description interface schematic 1, 18, 19, 22 - 24 vcc positive supply. 2, 5, 14, 17, ground paddle gnd signal and supply ground. package base must be connected to dc ground. 3, 4 inp, inn data inputs 6, 7, 9 - 13 n/c no connection. these pins are not connected internally, but should be connected to ground externally. 8 vc1 gain, output level control. 15, 16 outn, outp data outputs 20, 21 cn, cp filter capacitor for offset correction. connect 100nf capacitor between cp and cn. pin descriptions for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com limiting amplifiers - smt 10 10 - 9 evaluation pcb the circuit board used in the fi nal application should use rf circuit design techniques. signal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be con- nected directly to the ground plane similar to that shown. a sufficient number of via holes should be used to connect the top and bottom ground planes. the evaluation circuit board shown is available from hittite upon request. list of materials for evaluation pcb 121600 [1] item description j1 - j4 pcb mount sma connector j6, j8, j9 dc pin c1, c2, c13 0.1 f capacitor, 0402 pkg. c5 - c7 1 nf capacitor, 0402 pkg. c14 4.7 f capacitor, 0402 pkg. c16 100 pf capacitor, 0402 pkg. c17 10 nf capacitor, 0402 pkg. r1 -r4 0 ohm resistor, 0402 pkg. r7 620 ohm resistor, 0402 pkg. u1 HMC750LP4(e) limiting amplifi er pcb [2] 121598 evaluation pcb [1] reference this number when ordering complete evaluation pcb [2] circuit board material: arlon 25fr HMC750LP4 / 750lp4e v00.1108 12.5 gbps limiting amplifier for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com limiting amplifiers - smt 10 10 - 10 application circuit HMC750LP4 / 750lp4e v00.1108 12.5 gbps limiting amplifier for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com limiting amplifiers - smt 10 10 - 11 HMC750LP4 / 750lp4e v00.1108 12.5 gbps limiting amplifier notes: |
Price & Availability of HMC750LP4
![]() |