Part Number Hot Search : 
PS241 MSM6685A BPC150 6EDL4 B28DPBE MS23AFA STRG6624 GXP1H
Product Description
Full Text Search
 

To Download FBR100005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fbr1000 - fbr1010 fast recovery bridge rectifiers prv : 50 - 1000 volts io : 10 amperes features : * high case dielectric strength * high surge current capability * high reliability * low reverse current * low forward voltage drop * fast switching for high efficiency * ideal for printed circuit board mechanical data : * case : reliable low cost construction utilizing molded plastic technique * epoxy : ul94v-o rate flame retardant * lead : axial lead solderable per mil - std 202 , method 208 guaranteed * polarity : polarity symbols marked on case * mounting position : any * weight : 6.1 grams maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol fbr 1000 fbr 1001 fbr 1002 fbr 1004 fbr 1006 fbr 1008 fbr 1010 unit maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward current tc = 55 c i f(av) 10 a peak forward surge current single half sine wave superimposed on rated load (jedec method) current squared time at t < 8.3 ms. i 2 t 160 a 2 s maximum forward voltage drop per diode at i f = 5.0 a v f 1.3 v maximum dc reverse current ta = 25 c i r 10 m a at rated dc blocking voltage ta = 100 c i r(h) 200 m a maximum reverse recovery time (note 1) trr 150 250 500 ns typical thermal resistance per diode (note 2) r q jc 2.5 c/w operating junction temperature range t j - 50 to + 150 c storage temperature range t stg - 50 to + 150 c notes : 1 ) measured with i f = 0.5 amp., i r = 1 amp., irr = 0.25 amp. 2 ) thermal resistance from junction to case with units mounted on a 3.2" x 3.2" x 0.12" thk (8.2cm.x 8.2cm.x 0.3cm.) al. plate. heatsink. page 1 of 2 rev. 02 : march 24, 2005 rating i fsm 250 a br10 dimensions in inches and ( millimeters ) 0.052 (1.32) 0.048 (1.22) 0.30 (7.62) 0.25 (6.35) 0.77 (19.56) 0.73 (18.54) 0.290 (7.36) 0.210 (5.33) 0.158 (4.00) 0.142 (3.60) 0.75 (19.1) min. 0.520 (13.20) 0.480 (12.20) ac ac * pb / rohs free
rating and characteristic curves ( fbr1000 - fbr1010 ) fig.1 - reverse recovery time characteristic and test circuit diagram + notes : 1. rise time = 7 ns max., input impedance = 1 megaohm, 22 pf. 2. rise time = 10 ns max., source impedance = 50 ohms. 3. all resistors = non-inductive types. fig.2 - derating curve for output fig.3 - maximum non-repetitive peak rectified current forward surge current 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 60 100 case temperature, ( c) number of cycles at 60hz fig.4 - typical forward characteristics fig.5 - typical reverse characteristics per diode per diode 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 forward voltage, volts page 2 of 2 rev. 02 : march 24, 2005 60hz resistive or inductive load 8 6 4 2 10 100 10 1.0 200 0 250 0 150 100 50 0.1 10 80 0.01 0.01 1.0 0.1 100 140 0 20 40 60 120 percent of rated reverse voltage, (%) peak forward surge current, amperes average forward output current, amperes forward current, amperes reverse current, microamperes t j = 25 c t j = 100 c t j = 25 c pulse width = 300 m s 2% duty cycle tc = 55 c + 0.5 0 - 0.25 - 1.0 a trr 1 set time base for 50/100 ns/cm 1 w 50 w 10 w pulse generator ( note 2 ) oscilloscope ( note 1 ) d.u.t. 50 vdc (approx)


▲Up To Search▲   

 
Price & Availability of FBR100005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X