Part Number Hot Search : 
UA777 SR160S TIL191A 3R2C50 SK260 25TTS TD3170 64N11
Product Description
Full Text Search
 

To Download EDS10-46C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet pak moving coil type alarming indicator the moving coil type alarming indicator is designed to receive various input signals such as fc series signals. dc voltage or current, and signals from themocouples or resistance bulbs. 1. direct connection of input signals. 2. high input impedance (1m ? for 1 to 5v dc input). no circuit adjusting resistor is required for thermocouple input. 3. compact and lightweight. input signal: fc series signal a; 1 to 5v dc b; 4 to 20ma dc dc current d; 0 to 100 a ....... 200ma dc dc voltage e; 0 to 10mv ........ 5v dc thermocouple f; 0 to 10mv dc or more (with reference junction compen- sator) (upper limit overshoot burnout cir- cuit is available on request) g; 10mv dc span or more (with reference junction compen- sator) (upper limit overshoot burnout cir- cuit is available on request) resistance bulb h; jpt100 ? 50 c span or more, 3-wire type w; pt100 ? 50 c span or more, 3-wire type ring tube (resistance span 14 ? ) slide resistant (resistance span 100 ? ) j; 3-wire type k; 2-wire type (with adjusting resistor) opening angle transmitter (resistance span 100 ? ) l; 3-wire type (zero point and span adjustable) input signal input resistance allowable input signal source resistance 1 to 5v others 4 to 20ma others 2k ? or less 100 ? or less voltage current 1m ? 40k ? to 1m ? 5 ? 1 to 100 ? 100 ? or less 50 ? or less when burnout circuit 40 to 600k ? thermocouple resistance 6 ? or less per wire allowance: 1.0% of full scale scale length: 100mm response time: within 3 sec (time required for stabilizing the indicator pointer within 1.5% after applying input corresponding to 2/3 (ap- prox.) of full scale) power supply: 100v 10% ac, 50/60hz *200v 10% ac, 50/60hz, or *24v ac, 50/60hz power consumption: approx. 4.5va max. ambient temperature: ?0 to +50 c ambient humidity: 30 to 90%rh enclosure: steel case external dimensions (h w d): 48 144 275mm mass{weight}: approx. 2kg finish color: munsell 7.5bg 3.2/0.8 or equivalent input resistance and allowable input signal source resistance: +15% ?0% specifications features date EDS10-46C feb. 28, 1991
pak alarm device: upper limit (h or a), lower limit (l or b) upper and lower limits (k or c with one common contact) h, l, k; excitation alarm a, b, c; non-excitation alarm setting accuracy; 1.0% contact; on alarm (off alarm is available on request) contact capacity; 100v ac 0.3a/24v dc 0.2a (resistance load) alarm indicator lamp (available on re- quest); alarm signal displayed with led mounted on indicator panel scope of delivery : indicator and mounting bracket mounting method: panel flush mounting standard; horizontal mounting on vertical panel non-standard; tilted mounting, vertical mounting specify ? for tilted mounting code symbols 12345678 9 10 description pak 2 input signal 1 to 5v dc 4 to 20ma dc 0 to 100 a.....200ma dc 0 to 10mv.....5v dc 0 to 10mv dc or more (with reference junction compensator) 10mv dc span or more (with reference junction compensator) resistance bulb jpt100 ? 50 c span or more, 3-wire type resistance bulb pt100 ? 50 c span or more, 3-wire type ring tube, slide resistant, 3-wire type ring tube, slide resistant, 2-wire type (with circuit adjusting resistor) opening angle indicator (resistance 100 ? , zero point and span adjustable) other inputs alarm device upper limit lower limit upper and lower limits upper limit lower limit upper and lower limits a b d e f g h w j k l z h l k a b c * * * * * * * * power supply 24v ac 50/60hz 100v ac 50/60hz 200v ac 50/60hz 1 3 5 mounting method horizontal mounting vertical mounting alarm indicator lamp none provided notes: symbols of resistance bulbs are as follows. jpt100 previous jis standard pt100 new jis standard 1 2 0 1 application for general use for connection zener barrier: specify 3 only when zener barrier (pwzb3 or pmzb4) is to be connected and thermocouple or resistance bulb is used as input source. 0 3 non-excitation alarm (on alarm) excitation alarm (on alarm)
outline diagram (unit : mm) connection diagrams
pak ?asterisked (*) items; non-standard 1. product name 2. code symbols 3. input 4. scale 5. alarm device and alarm indicator lamp (whether required or not) 6. power supply 7. application 8. other necessary information ordering information information in this catalog is subject to change without notice. printed in japan head office gate city ohsaki, east tower, 11-2, osaki 1-chome, shinagawa-ku, tokyo 141-0032, japan http://www.fesys.co.jp/eng instrumentation div. international sales dept. no.1, fuji-machi, hino-city, tokyo, 191-8502 japan phone: 81-42-585-6201, 6202 fax: 81-42-585-6187 http://www.fic-net.jp/eng caution on safety *before using this product, be sure to read its instruction manual in advance.


▲Up To Search▲   

 
Price & Availability of EDS10-46C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X