Part Number Hot Search : 
12063 BP082 1N5059 SMBJ20 25616 TC1901 16244 1RSA2
Product Description
Full Text Search
 

To Download E011404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model number model number model number model number fcr** fcr** fcr** fcr** features features features features dimensions dimensions dimensions dimensions designation designation designation designation specification specification specification specification * design?specification are subject to change without pri or notice. please check before purchase and use. fcr50 fcr50 fcr50 fcr50 10100 10100 10100 10100 4.50 4.50 4.50 4.50 fcr35 fcr35 fcr35 fcr35 5.127 5.127 5.127 5.127 fcr16 fcr16 fcr16 fcr16 5.633 5.633 5.633 5.633 2.00 2.00 2.00 2.00 1sec. structure structure structure structure no. 12 3 4 5 6 7 8 9 power derating curve power derating curve power derating curve power derating curve surface temperature rise surface temperature rise surface temperature rise surface temperature rise fusing characteristic fusing characteristic fusing characteristic fusing characteristic * design?specification are subject to change without pri or notice. please check before purchase and use. ni plating ni plating ni plating ni plating sn plating sn plating sn plating sn plating top electrode top electrode top electrode top electrode resistive element resistive element resistive element resistive element protective coat protective coat protective coat protective coat marking marking marking marking side electrode side electrode side electrode side electrode bottom electrode bottom electrode bottom electrode bottom electrode element name ceramic substrate ceramic substrate ceramic substrate ceramic substrate hokuriku electric industry co.,ltd hokuriku 2 3 4 6 7 5 8 1 9 0 20 40 60 80 100 power rating (%) ambient temperature () fcr -55 0 70 125 0 00 0 20 2020 20 40 4040 40 60 6060 60 80 8080 80 100 100100 100 120 120120 120 140 140140 140 160 160160 160 0 00 0 50 5050 50 100 100100 100 150 150150 150 200 200200 200 power rating % fcr fcr50 fcr35 fcr16 fcr32 fcr20 surface temperature 0 20 40 60 80 100 0 1 2 3 4 5 6 7 8 9 fusing time (s) fusing power(w) fcr50 fcr35 fcr32 fcr20 fcr16 as for relation between rated power ratio ans surf ace temperature rise, refer to the as for relation between rated power ratio ans surfa ce temperature rise, refer to the as for relation between rated power ratio ans surfa ce temperature rise, refer to the as for relation between rated power ratio ans surfa ce temperature rise, refer to the below. below. below. below. when used at ambient temperature of when used at ambient temperature of when used at ambient temperature of when used at ambient temperature of 70 7070 70 or above, power rating must be derated in or above, power rating must be derated in or above, power rating must be derated in or above, power rating must be derated in accordance with the derating accordance with the derating accordance with the derating accordance with the derating curve. below. curve. below. curve. below. curve. below.


▲Up To Search▲   

 
Price & Availability of E011404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X