Part Number Hot Search : 
050000 ITA10C 125NS140 1N6635US 063AP CS8156 ON2728 SDZ18V
Product Description
Full Text Search
 

To Download CEFM103-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings (at t a=25c unless otherwise noted) pa ra m et er sy m bo l un it repetitive peak reverse voltage continuous reverse voltage rms v oltage max. forward surge current max. forward voltage at i f =1.0a max. forward surge current, 8.3ms single half sine-wave superimposed on rated load (jedec method) max. reverse recovery time, (note 1) v r =v rr t j =25c operating junction temperature storage temperature range reverse v oltage: 50 to 600 v olts forward current: 1.0 amp rohs device d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) features -ideal for surface mount applications. -easy pick and place. -plastic package has underwriters lab. flammability classification 94v -0. -super fast recovery time for high ef ficient. -built-in strain relief. -low forward voltage drop. mechanical data -case: molded plastic, jedec sod-123/mini sma. -t erminals: solderable per mil-std-750, method 2026. -polarity: indicated by cathode band. -w eight: 0.018 grams approx. cefm101-g thru. cefm105-g page 1 qw -be007 smd efficient fast recovery rectifiers rev :c comchip t echnology co., l td. sod-123 / mini sma 0.154(3.9) 0.138(3.5) 0.012(0.3) t yp. 0.075(1.9) 0.060(1.5) 0.067(1.7) 0.051(1.3) 0.028(0.7) t yp. 0.028(0.7) t yp. v rrm v r v rms i o v f i fsm t rr i r t j t stg c j cefm 101-g cefm 102-g cefm 103-g cefm 104-g cefm 105-g 50 50 35 100 100 70 200 200 140 1.0 25 5.0 100 15 -55 to +150 -65 to +175 400 400 280 600 600 420 v v v a v a ns a p f c c 0.875 1.75 note 1: reverse recovery time test condition, i f =0.5a , i r =1.0a , i rr =0.25a 1.25 25 v r =v rr t j =125c max. reverse current typ . diode junction capacitance (f=1mhz and applied 4v dc reverse voltage)
page 2 qw -be007 rev :c comchip t echnology co., l td. rating and characteristic curves (cefm101 ) -g thru. cefm105-g smd efficient fast recovery rectifiers f ig . 3 - t e s t c ir c u it d ia g r a m a n d r e v e r s e r e c o v e r y t im e c h a r a c t e r is t ic s (+) (+) 25vdc (approx.) ( ) ( ) pulse genera tor (note 2) oscilliscope (note 1) 1 non- inductive w notes: 1. rise t ime= 7ns max., input impedance= 1 megohm.22pf . 2. rise t ime= 10ns max., source impedance= 50 ohms. +0.5a 0 -0.25a -1.0a | | | | | | | | 1cm set time base for 50 / 20ns / cm trr d.u.t . 10 noninductive 50 noninductive w w f ig . 2 - t y p ic a l f o r w a r d c u r r e n t d e r a ti n g c u r v e a v e r a g e f o r w a r d c u r r e n t , ( a ) ambient t emperature, (c) 1.2 1.0 0.8 0.6 0.4 0.2 0 f ig . 1 - t y p ic a l f o r w a r d c h a r a c t e r is t ic s f ig . 5 - t y p ic a l j u n c t io n c a p a c it a n c e reverse v oltage, (v) j u n c t i o n c a p a c i t a n c e , ( p f ) p e a k f o r w a r d s u r g e c u r r e n t , ( a ) f ig . 4 - m a x im u m n o n - r e p e t it iv e f o r w a r d s u r g e c u r r e n t 0 10 15 30 25 20 1 5 10 50 100 number of cycles at 60hz 8.3ms single half sine w ave jedec methode t j =25 c 0 25 50 75 100 125 150 175 single phase half w ave 60h z resistive or inductive load 0.375(9.5mm)lead length forward v oltage, (v) 0.01 i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) 0.1 1 10 0.8 0.4 1.2 2.0 1.6 c e f m 1 0 1 - g ~ c e f m 1 0 3 - g 0.6 1.0 1.4 1.8 c e f m 1 0 1 - g c e f m 1 0 5 - g pulse width 300s tj=25 c 1% duty cycle 0 5 10 15 20 25 30 35 0.01 0.1 1.0 10 100
page 3 rev :c comchip t echnology co., l td. qw - be007 polarity b c d d d 2 d 1 m i n i - s m a / s o d - 1 2 3 s y m b o l a ( m m ) ( i n c h ) 2 . 4 4 0 m i n . 4 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 6 2 . 0 m i n . 1 3 . 0 0 . 5 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 8 . 0 0 0 . 3 0 1 1 . 4 0 1 . 0 1 7 8 2 . 0 0 0 . 0 5 9 0 . 0 0 4 7 . 0 0 0 . 0 7 9 0 . 5 1 2 0 . 0 2 0 s y m b o l ( m m ) ( i n c h ) 0 . 3 1 5 0 . 0 1 2 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 4 4 9 0 . 0 0 4 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 3 . 5 0 0 . 1 0 0 . 1 3 8 0 . 0 0 4 m i n i - s m a / s o d - 1 2 3 1 . 9 0 0 . 1 0 0 . 0 7 5 0 . 0 4 3 . 9 0 0 . 1 0 0 . 1 5 4 0 . 0 4 1 . 6 8 0 . 1 0 0 . 0 6 6 0 . 0 4 0 . 2 3 0 . 1 0 0 . 0 0 9 0 . 0 0 4 t smd efficient fast recovery rectifiers reel t aping specification o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d 1 d 2 d w 1 t c direction of feed i n d e x h o l e d e f b w p p 0 p 1 a
page 4 rev :c comchip t echnology co., l td. qw - be007 suggested p ad layout part number e1 marking code marking code a b c e d xx standard packaging case t ype qty per reel (pcs) reel size (inch) size (inch) 0.130 (mm) 3.30 1.40 1.90 0.055 0.075 4.70 0.185 e 1.90 0.075 b c d a e2 mini-sma/sod-123 cefm101-g cefm102-g xx = product type marking code e3 CEFM103-G e4 e5 cefm104-g cefm105-g smd efficient fast recovery rectifiers mini-sma/sod-123 2500 7


▲Up To Search▲   

 
Price & Availability of CEFM103-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X