Part Number Hot Search : 
N5231 S0247 200P60 1212121 SG2644J LPY403AL 2SC39 VUO62
Product Description
Full Text Search
 

To Download BB300-739GG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  number of positions 240, 300, 400, 500* standard (consult factory for custom) ba xxx - xxx g -tr terminal plating packaging option ** tr - tape and reel (includes pick-up cap) connector sn/pb lead-free mated height solder ball solder ball .236/(6.00) -741 -795 .315/(8.00) -742 -796 .500/(12.70) -743 -797 .750/(19.05) -748 -798 smt terminal type *500 pos. available in 6mm mated height only. **if no packaging code is indicated, male connectors are supplied with pick-up caps in standard trays. body type rohs compliant insulator:ba = male rohs compliant: g - gold features: ? robust, shrouded design withscrew-machined terminals and multi-finger contacts can withstand the rigorous demands of blind mating and mating/unmating cycles. ? at 3 amps per pin, more contactscan be assigned to data/signal transfer (fewer pins needed to handle power and ground). ? high density - over 400 contactsper square inch. ? industr y standard footprints in four mated heights. ? precision molded with integralpolarization keying features. 5 energy w ay , w est w arwick, ri 02893 usa t el: 800.424.9850 | 401.823.5200 fax: 401.823.8723info@advanced.com | www .advanced.com cat alog 16 rev . march 09 products shown covered by patents issued and/or pending. specifications subject to change without notice. board to boardconnectors inch/(mm) b2b ? high density smt connectors .050/(1.27mm) pitch female male specifications: terminals: brass - copper alloy(c36000) astm-b-16 contacts: ber yllium copper (c17200) astm-b-194 solder ball: standard: 63sn/37pblead-free: 95.5sn/4.0ag/0.5cu plating: g - gold over nickelgold per astm-b-488 nickel per qq-n-290 how to order number of positions 240, 300, 400, 500* standard (consult factory for custom) bb xxx - xxx g g -tr terminal plating packaging options ** tr - tape and reel (includes pick-up dot) for mated height of .236/(6.00): sn/pb solder ball: -783 lead-free solder ball: -794 for mated height of .315/(8.00), .500/(12.70), or .750/(19.05): sn/pb solder ball: -739 lead-free solder ball: -793 smt terminal type contact plating rohs compliant: g - gold rohs compliant: g - gold body type rohs compliant insulator:bb = female *500 pos. available in 6mm mated height only. **if no packaging code is indicated, female connectors are supplied with pick-up dots in standard trays. female male performance -.20db @ 1.70 ghz-.50db @ 3.30 ghz -.15db @ 1.30 ghz -.50db @ 2.50 ghz -.20db @ 1.70 ghz -.51db @ 3.40 ghz -.60db @ 2.20 ghz -.20db @ 1.40 ghz 6.00mm8.00mm 12.70mm 19.05mm mated height differential insertion loss differential return loss -10db @ 3.30 ghz-15db @ 1.70 ghz -10db @ 2.50 ghz -15db @ 1.30 ghz -10db @ 3.40 ghz -15db @ 1.70 ghz -10db @ 2.20 ghz -15db @ 1.40 ghz insertion force (6.00mm, 300 position): 50g average (per pin) extraction force (6.00mm, 300 position): 45g average (per pin) durability (mated cycles): 500 cycles (<10m change in resist ance) additional performance and test dat a available online. description: molded b2b ? connector (bb) material: high t emp. liquid cryst al polymer (lcp) index: -40c to 260c (-40f to 500f) description: molded b2b ? connector (ba) material: high t emp. liquid cryst al polymer (lcp) index: -40c to 260c (-40f to 500f) table of models
5 energy w ay , w est w arwick, ri 02893 usa t el: 800.424.9850 | 401.823.5200 fax: 401.823.8723info@advanced.com | www .advanced.com cat alog 16 rev . march 09 products shown covered by patents issued and/or pending. specifications subject to change without notice. board to boardconnectors inch/(mm) b2b ? high density smt connectors .050/(1.27mm) pitch standard footprints .050/(1.27) typ. .050/(1.27) typ. 1.27mm pitch ? 240 positions ? 30x8 rows .050/(1.27) typ. .050/(1.27) typ. ? 300 positions ? 30x10 rows .050/(1.27) typ. .050/(1.27) typ. ? 400 positions ? 40x10 rows available online: ? rohs qualification t est report ? product specification ? t est data ? signal integrity data ? cad drawings dimensional information .622/(15.80).622/(15.80) .622/(15.80) .622/(15.80) 1.626/(41.30)1.626/(41.30) 1.626/(41.30) 1.626/(41.30) b in./(mm) d^ in./(mm) .202/(5.13).273/(6.93) .462/(1 1.73) .712/(18.09) c^ in./(mm) *approximate dimension af ter soldering. ^dimensions do not include solder ball height. 1.704/(43.28)1.704/(43.28) 1.704/(43.28) 1.704/(43.28) a in./(mm) .236/(6.00).315/(8.00) .500/(12.70) .750/(19.05) mated board to board height* .722/(18.34).722/(18.34) .722/(18.34) .722/(18.34) 1.626/(41.30)1.626/(41.30) 1.626/(41.30) 1.626/(41.30) .202/(5.13).273/(6.93) .462/(1 1.73) .712/(18.09) 1.704/(43.28)1.704/(43.28) 1.704/(43.28) 1.704/(43.28) .236/(6.00).315/(8.00) .500/(12.70) .750/(19.05) .722/(18.34).722/(18.34) .722/(18.34) .722/(18.34) 2.126/(54.00)2.126/(54.00) 2.126/(54.00) 2.126/(54.00) .202/(5.13).273/(6.93) .462/(1 1.73) .712/(18.09) 2.204/(55.98)2.204/(55.98) 2.204/(55.98) 2.204/(55.98) .236/(6.00).315/(8.00) .500/(12.70) .750/(19.05) d e f solder ball te r minal a b c pick-up cap shown solder ball terminal female male packaging & options: male connectors - supplied with a pick-up cap toprotect male pins and facilitate automated pick-and- place. pick-up cap remains in place during reflow . female connectors - supplied with a polyimide dot to facilitateautomated pick-and-place. tape and reel - add -tr to end of part number for t ape and reel packaging.standard trays - if no packaging code is indicated, connectors areshipped in standard trays (note: t rays are not suitable for automated pick-and-place processes.) [.030/(0.76) dia.] [.030/(0.76) dia.] .136/(3.45) .21 1/(5.36) .21 1/(5.36) .21 1/(5.36) f^ in./(mm) .567/(14.40).567/(14.40) .567/(14.40) .567/(14.40) e^ in./(mm) .136/(3.45) .21 1/(5.36) .21 1/(5.36) .21 1/(5.36) .667/(16.94).667/(16.94) .667/(16.94) .667/(16.94) .136/(3.45) .21 1/(5.36) .21 1/(5.36) .21 1/(5.36) .667/(16.94).667/(16.94) .667/(16.94) .667/(16.94) 400 positions 300 positions 240 positions .722/(18.34) 2.626/(66.70) .202/(5.13) 2.704/(68.68) .236/(6.00) .136/(3.45) .667/(16.94) 500 pos. additional mated height s coming soon. consult factory . .050/(1.27) typ. .050/(1.27) typ. ? 500 positions ? 50x10 rows consult factory for custom sizes.


▲Up To Search▲   

 
Price & Availability of BB300-739GG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X