2007. 5. 21 1/3 semiconductor technical data b10a45vi schottky barrier type diode revision no : 1 switching type power supply application. converter & chopper application. features average output rectified current : i o =10a (tc=130 ). repetitive peak reverse voltage : v rrm =45v. fast reverse recovery time : t rr =35ns. low peak forward voltage : 0.55(typ.) maximum rating (ta=25 ) dim millimeters to-220is 0.76+0.09/-0.05 a b c d e f g 0.5+0.1/-0.05 h 1.2+0.25/-0.1 1.5+0.25/-0.1 j k l m n p q r f q 1 2 3 l p n b g j m d n h e r k l s 0.5 typ s d a c 2.70 0.3 + _ 12.0 0.3 + _ 13.6 0.5 + _ 3.7 0.2 + _ 3.2 0.2 + _ 10.0 0.3 + _ 15.0 0.3 + _ 3.0 0.3 + _ 4.5 0.2 + _ 2.54 0.1 + _ + 2.6 0.2 _ 6.8 0.1 + _ 1. cathode 2. nc 3. anode electrical characteristics (ta=25 ) characteristic symbol test condition min. typ. max. unit peak forward voltage v fm i fm =10a, tc=25 - 0.55 0.58 v repetitive peak reverse current i rrm v rrm =rated - - 0.5 ma reverse recovery time t rr i f =1.0a, di/dt=-20a/ s - - 35 ns thermal resistance r th(j-c) juction to case - - 3.0 /w characteristic symbol rating unit repetitive peak reverse voltage v rrm 45 v average output rectified current (tc=130 ) i o 10 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 150 a junction temperature t j -40 150 storage temperature range t stg -55 150
2007. 5. 21 2/3 b10a45vi revision no : 1 fsm peak surge forward current i (a) average forward current i (a) f(av) case temperature t ( c) c current derating (case) number of cycles at 60 hz (non-repetitive) surge forward current p (w) f(av) average forward current i (a) f ( av ) f(av) f(av) p - i average forward power dissipation reverse current i (ma) r reverse voltage v (v) r i - v i - v f forward voltage v (v) f forward current i (a) ff rr 0 0 0 1.0 0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0.3 1.0 3.0 10 30 100 t =150 c j j t =25 c 10 20 30 40 50 0.001 0.01 1.0 10 100 3.0 10 30 100 20 100 200 481216 2 4 6 10 0.1 t =150 c j j t =125 c j t =100 c j t =75 c j t =25 c 30 50 ta=25 c 8 sine wave resistive load square ware (capacitive load) t =150 c j =5 pk av i i 10 20 dc 0 110 120 130 140 150 160 5 10 15 20 square wave (capacitive load) i av dc (resistive load) av i = i pk pk i =5 =10 =20 rated voltage applied
2007. 5. 21 3/3 b10a45vi revision no : 1 average forward current i (a) 0 f(av) 0 ambient temperature t ( c) a i - t max capacitance c (pf) 100 j 10 1 0.1 0.05 reverse voltage v (v) r c - v 40 80 120 160 1.0 2.0 3.0 4.0 5.0 rated voltage applied (resistive load) dc (capacitive load) i =20,10,5 av pk i i pk av i square wave = j r 0.3 3 50 300 500 1k 2k f(av) a
|