Part Number Hot Search : 
22041 MAX662 24256 A7530N LS273FPE BUK7L06 HCT08 05D12
Product Description
Full Text Search
 

To Download B10A100VIC07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007. 9. 18 1/2 semiconductor technical data b10a100vic schottky barrier type diode stack revision no : 3 switching type power supply application. converter & chopper application. features average output rectified current : i o =10a (tc=120 ). repetitive peak reverse voltage : v rrm =100v. fast reverse recovery time : t rr =35ns. low peak forward voltage : 0.73v(typ.) maximum rating (ta=25 ) dim millimeters to-220is 0.76+0.09/-0.05 a b c d e f g 0.5+0.1/-0.05 h 1.2+0.25/-0.1 1.5+0.25/-0.1 j k l m n p q r f q 1 2 3 l p n b g j m d n h e r k l s 0.5 typ s d a c 2.70 0.3 + _ 12.0 0.3 + _ 13.6 0.5 + _ 3.7 0.2 + _ 3.2 0.2 + _ 10.0 0.3 + _ 15.0 0.3 + _ 3.0 0.3 + _ 4.5 0.2 + _ 2.54 0.1 + _ + 2.6 0.2 _ 6.8 0.1 + _ 1. anode 2. cathode 3. anode electrical characteristics (ta=25 ) characteristic symbol test condition min. typ. max. unit peak forward voltage (note) v fm i fm =5a - 0.73 0.78 v repetitive peak reverse current (note) i rrm v rrm =rated - - 150 reverse recovery time (note) t rr i f =1.0a, di/dt=-30a/ - - 35 ns thermal resistance (note) r th(j-c) juction to case - - 3.5 /w characteristic symbol rating unit repetitive peak reverse voltage v rrm 100 v average output rectified current (tc=120 ) (note) i o 10 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 100 a junction temperature t j -40 150 storage temperature range t stg -55 150 note : average forward current of centertap full wave connection. note : a value of one cell 3 1 2
2007. 9. 18 2/2 b10a100vic revision no : 3 average forward current i f(av) (a) average forward current i f(av) (a) p f(av) (w) average forward current i f(av) (a) p f(av) - i f(av) average forward power dissipation reverse current i r (ma) reverse voltage v r (v) i r - v r i f - v f forward voltage v f (v) forward current i f (a) i f - t c i f - t a case temperature tc ( c) ambient temperature t a ( c) 0 0 0 0 0 0.001 0 100 0.2 0.1 0.4 0.6 0.8 1.0 1.2 1 10 100 20 40 60 80 0.01 0.1 1 10 100 110 120 130 140 150 4 8 12 16 rated voltage r =3.5 c/w jc dc applied 40 80 120 160 4 8 12 16 rated voltage applied ja ja r =16 c/w r =60 c/w (no heat sink) dc 2 46 8 2 4 10 dc 6 8 10 12 100 180 square wave t j =150 c t j =100 c t j =25 c t j =150 c t j =100 c t j =75 c t j =50 c t j =25 c dc 180 square wave 180 square wave


▲Up To Search▲   

 
Price & Availability of B10A100VIC07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X