Part Number Hot Search : 
0US60 HG122 PN222 LST3521 P40NS 2SB1346S 2SD0592A P40NS
Product Description
Full Text Search
 

To Download ATF22V10B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features ? industry standard architecture ? low-cost easy-to-use software tools  high-speed, electrically-erasable programmable logic devices ? 7.5 ns maximum pin-to-pin delay  several power saving options notes: 1. the shaded devices are obsolete. suggested replacement: atf22v10cq 2. the shaded devices are obsolete. suggested replacement: atf22v10cqz  cmos and ttl compatible inputs and outputs ? input and i/o pull-up resistors  advanced flash technology ? reprogrammable ? 100% tested  high-reliability cmos process ? 20-year data retention ? 100 erase/write cycles ? 2,000v esd protection ? 200 ma latchup immunity  full military, commercial, and industrial temperature ranges  dual-in-line and surface mount packages in standard pinouts  pci compliant logic diagram device i cc , standby i cc , active ATF22V10B 85 ma 90 ma ATF22V10Bq (1) 35 ma 40 ma ATF22V10Bql (2) 5 ma 20 ma rev. 0250l?pld?06/03 high- performance ee pld ATF22V10B pin configurations all pinouts top view pin name function clk clock in logic inputs i/o bidirectional buffers * no internal connection v cc +5v supply dip/soic 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 clk/in in in in in in in in in in in gnd vcc i/o i/o i/o i/o i/o i/o i/o i/o i/o i/o in tssop 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 clk/in in in in in in in in in in in gnd vcc i/o i/o i/o i/o i/o i/o i/o i/o i/o i/o in lcc/plcc 5 6 7 8 9 10 11 25 24 23 22 21 20 19 in in in * in in in i/o i/o i/o * i/o i/o i/o 4 3 2 1 28 27 26 12 13 14 15 16 17 18 in in gnd * in i/o i/o in in clk/in * vcc i/o i/o
ATF22V10B 2 description the ATF22V10B is a high-performance cmos (electri- cally-erasable) programmable logic device (pld) which utilizes atmel?s proven electrically-erasable flash memory technology. speeds down to 7.5 ns and power dissipation as low as 10 ma are offered. all speed ranges are specified over the full 5v 10% range for milit ary and industrial temperature ranges, and 5v 5% for commercial tempera- ture ranges. several low-power options allow selection of the best solu- tion for various types of power-limited applications. each of these options significantly reduces total system power and enhances system reliability. note: 1. the shaded devices are obsolete. absolute maximum ratings* temperature under bias ................................ -55c to +125c *notice: stresses beyond those listed under ?absolute maximum ratings? may cause permanent dam- age to the device. this is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. note: 1. minimum voltage is -0.6v dc, which may under- shoot to -2.0v for pulses of less than 20 ns. maximum output pin voltage is v cc + 0.75v dc, which may overshoot to 7.0v for pulses of less than 20 ns. storage temperature ..................................... -65c to +150c voltage on any pin with respect to ground .........................................-2.0v to +7.0v (1) voltage on input pins with respect to ground during programming.....................................-2.0v to +14.0v (1) programming voltage with respect to ground .......................................-2.0v to +14.0v (1) dc and ac operating conditions commercial industrial military operating temperature 0c - 70c (ambient) -40c - 85c (ambient) -55c - 125c (case) v cc power supply 5v 5% 5v 10% 5v 10%
ATF22V10B 3 notes: 1. not more than one output at a time should be shorted. duration of short circuit test should not exceed 30 sec. 2. the shaded devices are obsolete. dc characteristics symbol parameter condition min typ max units i il input or i/o low leakage current 0 v in v il (max) -35 -100 a i ih input or i/o high leakage current 3.5 v in v cc 10 a i cc power supply current, standby v cc = max, v in = max, outputs open b-7 com. 85 120 ma ind., mil. 85 140 ma i cc power supply current, standby v cc = max, v in = max, outputs open b-10 com./ind. 85/85 120/140 ma mil. 85 140 ma b-15 com./ind. 65/65 90/115 ma mil. 65 115 ma b-25 com. 65 90 ma ind., mil. 65 115 ma bq-15 com. 35 55 ma bql-20, -25 com. 5 10 ma ind., mil. 5 15 ma i cc2 clocked power supply current v cc = max, outputs open, f = 15 mhz b-7 com. 90 120 ma mil., ind. 90 145 ma b-10 com./ind. 90/90 120/145 ma mil. 90 145 ma b-15 com./ind. 65/65 90/120 ma mil. 65 120 ma b-25 com. 65 90 ma ind., mil. 65 120 ma bq-15 com. 40 60 ma bql-20, -25 com. 20 50 ma ind., mil. 20 70 ma i os (1) output short circuit current v out = 0.5v -130 ma v il input low voltage -0.5 0.8 v v ih input high voltage 2.0 v cc + 0.75 v v ol output low voltage v in = v ih or v il , v cc = min i ol = 16 ma com., ind. 0.5 v i ol = 12 ma mil. 0.5 v v oh output high voltage v in = v ih or v il , v cc = min i oh = -4.0 ma 2.4 v
ATF22V10B 4 ac waveforms (1) note: 1. timing measurement reference is 1.5v. input ac driving levels are 0.0v and 3.0v, unless otherwise specified. notes: 1. see ordering information for valid part numbers. 2. 5.5 ns for dip package devices. 3. 111 mhz for dip package devices. 4. the shaded devices are obsolete. ac characteristics (1) symbol parameter -7 -10 -15 -20 -25 units min max min max min max min max min max t pd input or feedback to combinatorial output 3 7.5 3 10 3 15 3 20 3 25 ns t co clock to output 2 4.5 (2) 26.5 2 8 2 12 2 15 ns t cf clock to feedback 2.5 2.5 2.5 8 13 ns t s input or feedback setup time 3.5 4.5 10 14 15 ns t h hold time 0 00 0 0 ns f max external feedback 1/(t s + t co ) 125 (3) 90 55.5 38.5 33.3 mhz internal feedback 1/(t s + t cf ) 166 142 69 45.5 40 mhz no feedback 1/(t wh + t wl ) 166 142 83.3 38.5 mhz t w clock width (t wl and t wh ) 3 3.5 6 10 13 ns t ea input or i/o to output enable 3 7.5 3 10 3 15 3 20 3 25 ns t er input or i/o to output disable 3 7.5 3 9 3 15 3 20 3 25 ns t ap input or i/o to asynchronous reset of register 3 10 3 12 3 20 3 22 3 25 ns t aw asynchronous reset width 7 815 20 25 ns t ar asynchronous reset recovery time 5 610 20 25 ns t sp setup time, synchronous preset 4.5 610 14 15 ns t spr synchronous preset to clock recovery time 5 810 14 15 ns
ATF22V10B 5 input test waveforms and measurement levels t r , t f < 3 ns output test loads * all except -7 which is r2 = 300 ? note: 1. typical values for nominal supply voltage. this parameter is only sampled and is not 100% tested. power-up reset the registers in the ATF22V10Bs are designed to reset during power-up. at a point delayed slightly from v cc cross- ing v rst , all registers will be reset to the low state. the output state will depend on the polarity of the output buffer. this feature is critical for state machine initialization. how- ever, due to the asynchronous nature of reset and the uncertainty of how v cc actually rises in the system, the following conditions are required: 1. the v cc rise must be monotonic, 2. after reset occurs, all input and feedback setup times must be met before driving the clock pin high, and 3. the clock must remain stable during t pr . preload of registered outputs the ATF22V10B?s registers are provided with circuitry to allow loading of each register with either a high or a low. this feature will simplify testing since any state can be forced into the registers to control test sequencing. a jedec file with preload is generated when a source file with vectors is compiled. once downloaded, the jedec file preload sequence will be done automatically by most of the approved programmers after the programming. security fuse usage a single fuse is provided to prevent unauthorized copying of the ATF22V10B fuse patterns. once programmed, fuse verify and preload are inhibited. however, the 64-bit user signature remains accessible. the security fuse should be programmed last, as its effect is immediate. commercial military pin capacitance f = 1 mhz, t = 25c (1) typ max units conditions c in 58 pfv in = 0v c out 68 pfv out = 0v parameter description typ max units t pr power-up reset time 600 1,000 ns v rst power-up reset voltage 3.8 4.5 v
ATF22V10B 6 electronic signature word there are 64 bits of programmable memory that are always available to the user, even if the device is secured. these bits can be used for user-specific data. programming/erasing programming/erasing is performed using standard pld programmers. see cmos pld programming hardware and software support for information on software/programming. input and i/o pull-ups all ATF22V10B family members have internal input and i/o pull-up resistors. therefore, whenever inputs or i/os are not being driven externally, they will float to v cc . this ensures that all logic array inputs are at known states. these are relatively weak active pull-ups that can easily be overdriven by ttl-compatible drivers (see input and i/o diagrams below). input diagram i/o diagram
ATF22V10B 7 functional logic diagram ATF22V10B
ATF22V10B 8
ATF22V10B 9
ATF22V10B 10
ATF22V10B 11 notes: 1. recommend atf22v10c versions. 2. the shaded devices are obsolete. ATF22V10B ordering information t pd (ns) t s (ns) t co (ns) ordering code package operation range 7.5 3.5 4.5 ATF22V10B-7jc (1) ATF22V10B-7pc (1) ATF22V10B-7sc (1) ATF22V10B-7xc (1) 28j 24p3 24s 24x commercial (0 c to 70 c) 10 4.5 6.5 ATF22V10B-10jc (1) ATF22V10B-10pc (1) ATF22V10B-10sc (1) ATF22V10B-10xc (1) 28j 24p3 24s 24x commercial (0 c to 70 c) ATF22V10B-10ji (1) ATF22V10B-10pi (1) ATF22V10B-10si (1) ATF22V10B-10xi (1) 28j 24p3 24s 24x industrial (-40 c to 85 c) ATF22V10B-10gm/883 ATF22V10B-10nm/883 24d3 28l military/883c (-55 c to 125 c) class b, fully compliant 5962-89841 06la 5962-89841 063x 24d3 28l military (-55 c to 125 c) class b, fully compliant 15 10 8 ATF22V10B-15jc (1) ATF22V10B-15pc (1) ATF22V10B-15sc (1) ATF22V10B-15xc (1) 28j 24p3 24s 24x commercial (0 c to 70 c) ATF22V10B-15ji (1) ATF22V10B-15pi (1) ATF22V10B-15si (1) ATF22V10B-15xi (1) 28j 24p3 24s 24x industrial (-40 c to 85 c) ATF22V10B-15gm/883 ATF22V10B-15nm/883 24d3 28l military/883c (-55 c to 125 c) class b, fully compliant 5962-89841 03la 5962-89841 033x 24d3 28l military (-55 c to 125 c) class b, fully compliant 25 15 15 ATF22V10B-25jc ATF22V10B-25pc ATF22V10B-25sc ATF22V10B-25xc 28j 24p3 24s 24x commercial (0 c to 70 c) ATF22V10B-25ji ATF22V10B-25pi ATF22V10B-25si ATF22V10B-25xi 28j 24p3 24s 24x industrial (-40 c to 85 c)
ATF22V10B 12 notes: 1. recommend atf22v10cq and atf22v10cqz 2. the shaded devices are obsolete. ATF22V10Bq(l) ordering information t pd (ns) t s (ns) t co (ns) ordering code package operation range 15 10 8 ATF22V10Bq-15jc (1) ATF22V10Bq-15pc (1) ATF22V10Bq-15sc (1) ATF22V10Bq-15xc (1) 28j 24p3 24s 24x commercial (0 c to 70 c) 20 14 12 ATF22V10Bql-20jc (1) ATF22V10Bql-20pc (1) ATF22V10Bql-20sc (1) ATF22V10Bql-20xc (1) 28j 24p3 24s 24x commercial (0 c to 70 c) ATF22V10Bql-20ji (1) ATF22V10Bql-20pi (1) ATF22V10Bql-20si (1) ATF22V10Bql-20xi (1) 28j 24p3 24s 24x industrial (-40 c to 85 c) ATF22V10Bql-20gm/883 ATF22V10Bql-20nm/883 24d3 28l military/883c (-55 c to 125 c) class b, fully compliant 5962-89841 14 la 5962-89841 14 3x 24d3 28l military (-55 c to 125 c) class b, fully compliant 25 15 15 ATF22V10Bql-25jc ATF22V10Bql-25pc ATF22V10Bql-25sc ATF22V10Bql-25xc 28j 24p3 24s 24x commercial (0 c to 70 c) ATF22V10Bql-25ji ATF22V10Bql-25pi ATF22V10Bql-25si ATF22V10Bql-25xi 28j 24p3 24s 24x industrial (-40 c to 85 c) ATF22V10Bql-25gm/883 ATF22V10Bql-25nm/883 24d3 28l military/883c (-55 c to 125 c) class b, fully compliant 5962-89841 13 la 5962-89841 13 3x 24d3 28l military (-55 c to 125 c) class b, fully compliant
ATF22V10B 13 package information 24d3 32.51(1.280) 31.50(1.240) pin 1 7.87(0.310) 7.24(0.285) 0.127(0.005) min 1.52(0.060) 0.38(0.015) 0.66(0.026) 0.36(0.014) 1.65(0.065) 1.14(0.045) 8.13(0.320) 7.37(0.290) 10.20(0.400) max 0.46(0.018) 0.20(0.008) 2.45(0.100)bsc 5.08(0.200) 3.18(0.125) seating plane 5.08(0.200) max 27.94(1.100) ref 24d3, 24-lead, 0.300"wide. non-windowed, ceramic dual inline parkage (cerdip) dimensions in millimeters and (inches)* mil-std-1835 d-9 config a (glass sealed) *controlling dimension: inches 0o~ 15o ref rev. a 04/11/2001
ATF22V10B 14 28l 11.68(0.460) 11.23(0.442) 11.68(0.460) 11.23(0.442) 2.54(0.100) 2.16(0.085) 1.91(0.075) 1.40(0.055) index corner 0.635(0.025) 0.381(0.015) x 45? 0.305(0.012) 0.178(0.007) radius 0.737(0.029) 0.533(0.021) 1.02(0.040) x 45? pin 1 1.40(0.055) 1.14(0.045) 2.41(0.095) 1.91(0.075) 2.16(0.085) 1.65(0.065) 7.62(0.300) bsc 1.27(0.050) typ 7.62(0.300) bsc 28l, 28-pad, non-windowed, ceramic lid, leadless chip carrier (lcc) dimensions in millimeters and (inches)* mil-std-1835 c-4 *controlling dimension: inches
printed on recycled paper. disclaimer: atmel corporation makes no warranty for the use of its products, other than those expressly contained in the company?s standar d warranty which is detailed in atmel?s terms and conditions located on the company?s web site. the company assumes no responsibi lity for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time wi thout notice, and does not make any commitment to update the information contained herein. no licenses to patents or other intellectual property of atmel are granted by the company in connection with the sale of atmel products, expressly or by implication. atmel?s products are not aut horized for use as critical components in life support devices or systems. atmel corporation atmel operations 2325 orchard parkway san jose, ca 95131 tel: 1(408) 441-0311 fax: 1(408) 487-2600 regional headquarters europe atmel sarl route des arsenaux 41 case postale 80 ch-1705 fribourg switzerland tel: (41) 26-426-5555 fax: (41) 26-426-5500 asia room 1219 chinachem golden plaza 77 mody road tsimshatsui east kowloon hong kong tel: (852) 2721-9778 fax: (852) 2722-1369 japan 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel: (81) 3-3523-3551 fax: (81) 3-3523-7581 memory 2325 orchard parkway san jose, ca 95131 tel: 1(408) 441-0311 fax: 1(408) 436-4314 microcontrollers 2325 orchard parkway san jose, ca 95131 tel: 1(408) 441-0311 fax: 1(408) 436-4314 la chantrerie bp 70602 44306 nantes cedex 3, france tel: (33) 2-40-18-18-18 fax: (33) 2-40-18-19-60 asic/assp/smart cards zone industrielle 13106 rousset cedex, france tel: (33) 4-42-53-60-00 fax: (33) 4-42-53-60-01 1150 east cheyenne mtn. blvd. colorado springs, co 80906 tel: 1(719) 576-3300 fax: 1(719) 540-1759 scottish enterprise technology park maxwell building east kilbride g75 0qr, scotland tel: (44) 1355-803-000 fax: (44) 1355-242-743 rf/automotive theresienstrasse 2 postfach 3535 74025 heilbronn, germany tel: (49) 71-31-67-0 fax: (49) 71-31-67-2340 1150 east cheyenne mtn. blvd. colorado springs, co 80906 tel: 1(719) 576-3300 fax: 1(719) 540-1759 biometrics/imaging/hi-rel mpu/ high speed converters/rf datacom avenue de rochepleine bp 123 38521 saint-egreve cedex, france tel: (33) 4-76-58-30-00 fax: (33) 4-76-58-34-80 literature requests www.atmel.com/literature web site www.atmel.com 0250l?06/03/xm ? atmel corporation 2003 . all rights reserved. atmel ? and combinations thereof, are the registered trademarks of atmel corporation or its subsidiaries. other terms and product names may be the trademarks of others.


▲Up To Search▲   

 
Price & Availability of ATF22V10B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X