|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ame, inc. 1 ame8861 600ma cmos ldo n typical application n functional block diagram l very low dropout voltage l 600ma output l accurate to within 1.5% l 30 m a quiescent current l over-temperature shutdown l current limiting l short circuit current fold-back l noise reduction bypass capacitor l power-saving shutdown mode l space-saving sot-25 package l factory pre-set output voltages l low temperature coefficient the ame8861 family of positive, linear regulators fea- ture low quiescent current (30 m a typ.) with low dropout voltage, making them ideal for battery applications. the space-saving sot-25 package is attractive for "pocket" and "hand held" applications. these rugged devices have both thermal shutdown, and current fold-back to prevent device failure under the "worst" of operating conditions. in applications requiring a low noise, regulated supply, place a 1000 pf capacitor between bypass and ground. the ame8861 is stable with an output capacitance of 2.2 m f or greater. l instrumentation l portable electronics l wireless devices l cordless phones l pc peripherals l battery powered widgets l electronic scales n general description n features n applications amp gnd out in r1 r2 v ref =1.215v byp overcurrent shutdown thermal shutdown en ame8861 output input c3 2.2 m m m m f c1 1 m m m m f gnd out 5v en byp in c2 1000pf
ame, inc. 2 600ma cmos ldo ame8861 part number marking output voltage package operating temp. range ame8861a eev250 axcww 2.5v sot-25 - 40 o c to + 85 o c ame8861a eev300 awgww 3.0v sot-25 - 40 o c to + 85 o c ame8861a eev330 axcww 3.3v sot-25 - 40 o c to + 85 o c n pin configuration ame8861 1. in 2. gnd 3. en 4. byp 5. out sot-25 top view n ordering information please consult ame sales office or authorized rep./distributor for other output voltage and package type availability. 13 2 5 4 ame8861 operating temperature range number of pins package type pin configuration special feature ame8861 x x x x x x voltage a: 1. in e: -40 o c to 85 o c e: sot-2x v: 5 300: v=3.0v l: low profile 2. gnd 250: v=2.5v y: lead free & low profile 3. en 330: v=3.3v z: lead free 4. byp 5. out special feature pin configuration voltage operating temperature range package type number of pins ame, inc. 3 ame8861 600ma cmos ldo parameter maximum unit input voltage 8 v output current p d / (v in - v o )a input, output voltage gnd - 0.3 to v in + 0.3 v esd classification b parameter rating unit ambient temperature range - 40 to + 85 o c junction temperature - 40 to + 125 o c n absolute maximum ratings n recommended operating conditions n thermal information caution: stress above the listed absolute maximum rating may cause permanent damage to the device maximum unit thermal resistance ( q ja ) sot-25 260 o c / w internal power dissipation (p d ) (dt = 100 o c) sot-25 380 mw 150 o c 300 o c maximum lead temperature (10 sec) parameter maximum junction temperature ame, inc. 4 600ma cmos ldo ame8861 parameter symbol min typ max units input voltage v in note 1 7 v output voltage accuracy v o -1.5 1.5 % 1.3v<=v o(nom) <=1.4v 1900 1.4v ame, inc. 6 600ma cmos ldo ame8861 ground current vs. input voltage load step (1ma-600ma) drop out voltage vs. output voltage power supply rejection ratio safe operating area power supply rejection ratio ground current ( m m m m a) input voltage (v) 0 5 10 15 20 25 30 35 40 45 012345678 85 o c 25 o c psrr (db) 100ma 10ma 1ma 100 m a 100ma 100 m a c l =2.2 m f tantalum c byp =0 -80 -70 -60 -50 -40 -30 -20 -10 0 10 1k 100k frequency (hz) 10m -80 -70 -60 -50 -40 -30 -20 10 1k 100k 10m psrr (db) frequency (hz) c l =2.2 m f tantalum c byp =1000pf 100ma 100 m a 1ma 10ma 100ma 100 m a time ( 20ms/div) i l (200ma/div) vo(10mv/div) i load out put c l =2. 2 m f ci n=2. 2 m f 0 270 400 650 1.2 2 3 output current (ma) input-output voltage differential (v) 0 200 400 600 800 1000 1200 12 34 5 6 i load =600ma drop out voltage (v) output voltage (v) ame, inc. 7 ame8861 600ma cmos ldo short circuit response overtemperature shutdown current limit response noise measurement chip enable transient response line transient response time (20ms/div) vo (1mv div) c l =2.2 m f no filter v out (1v/div) i out (200ma/div) time (0.5sec/div) 0 0 r load =6.6 w i out (200ma/div) v out (1v/div) tim e (2ms/div) c load =2.2 m f c in =1.0 m f r load =3.3 w v outnom =3.3v tim e (2ms/div) c load =2.2 m f c in =1 m f r load <100m w v out (1v/div) i out (200mv/div) v out (10mv/div) v in (1v/div) c load =2.2 m f i load =1ma v outdc =3.3v v indc =4.5v time (200ms/div) 0 0 time ( 1ms/div) c l =2 m f r l =10 w output (1v/div) enable (2v/div) ame, inc. 8 600ma cmos ldo ame8861 n package dimension sot-25 min max min max a a 1 0.00 0.15 0.0000 0.0059 b 0.30 0.55 0.0118 0.0217 d 2.70 3.10 0.1063 0.1220 e 1.40 1.80 0.0551 0.0709 e h 2.60 3.00 0.10236 0.11811 l 1 0 o 10 o 0 o 10 o s 1 0.37bsc 0.0146bsc 0.95bsc 0.0374bsc 1.90 bsc 0.07480 bsc symbols millimeters inches 1.20ref 0.0472ref l top view side view front view c 1 d s1 e e h a1 b a life support policy: these products of ame, inc. are not authorized for use as critical components in life-support devices or systems, without the express written approval of the president of ame, inc. ame, inc. reserves the right to make changes in the circuitry and specifications of its devices and advises its customers to obtain the latest version of relevant information. ? ame, inc. , november 2003 document: 2006-ds8861-d corporate headquarter u.s.a. (subsidiary) ame, inc. analog microelectronics, inc. 2f, 189 kang-chien road, nei-hu district 3100 de la cruz blvd., suite 201 taipei 114, taiwan, r.o.c. santa clara, ca. 95054-2046 tel: 886 2 2627-8687 tel : (408) 988-2388 fax: 886 2 2659-2989 fax : (408) 988-2489 www.ame.com.tw e-mail: sales@ame.com.tw |
Price & Availability of AME8861AEEV300 |