Part Number Hot Search : 
FSDM0365 EVAL2 82562G FSDM0365 APM4052D M41ST MUR16 M41ST
Product Description
Full Text Search
 

To Download ADS-5524 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  file name:ads-55-spec 2008-10-08 specification model dc voltage rated current current range rated power output voltage adj. range line regulation load regulation setup, rise time hold up time (typ.) voltage range frequency range efficiency (typ.) input inrush current (typ.) leakage current safety standards harmonic current ems immunity working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing overload over voltage ac current (typ.) 800ms, 50ms/230vac 1600ms, 50ms/115vac at full load 80ms/230vac 16ms/115vac at full load 88 ~ 264vac 124 ~ 370vdc 47 ~ 63hz 74% 74% ch1:27.6 ~ 32.4v 1.6a/115vac 1a/230vac cold start 20a/115vac 40a/230vac <1ma / 240vac 105 ~ 150% rated output power ch1:13.8 ~ 16.2v protection type : hiccup mode, recovers automatically after fault co ndition is removed protection type : hiccup mode, recovers automatically after fault co ndition is removed ul60950-1, tuv en60950-1 approved compliance to en55022 (cispr22) class b compliance to en61000-3-2,-3 compliance to en61000-4-2,3,4,5,6,8,11; env50204, en55024, l ight industry level, criteria a -10 ~ +60 (refer to output load derating curve) 20 ~ 90% rh non-condensing -20 ~ +85 , 10 ~ 95% rh 0.03%/ (0~50 ) on ch1 output 10 ~ 500hz, 2g 10min./1cycle, 60min. each along x, y, z axes 276.3k hrs min. mil-hdbk-217f (25 ) 159*97*38mm (l*w*h) 0.57kg; 24pcs/13.7kg/0.75cuft ADS-5524 24v ch1 2a 0 ~ 2.5a 0 ~ 4a 58w 100mvp-p 100mvp-p 1.0% ch1:21.6 ~ 26.4v 3.0% 1.0% 1.0% 0.5% 0.5% 5v ch2 2a 5v ch2 3a ads-5512 12v 3a 0 ~ 4a 0 ~ 4a 51w 100mvp-p 100mvp-p 1.0% ch1:10.8 ~ 13.2v 3.0% 0.5% 0.5% 0.5% 0.5% 55w single output with 5v,4a dc-dc converter universal ac input / full range protections: short circuit / overload / over voltage cooling by free air convection 100% full load burn-in test fixed switching frequency at 45khz 2 years warranty features : a d s - 5 5 s e r i e s ripple & noise (max.) note.2 voltage tolerance note.3 withstand voltage isolation resistance i/p-o/p:3kvac i/p-fg:1.5kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms / 500vdc / 25 / 70% rh environment protection emi conduction & radiation safety & emc (note 4) 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still me ets emc directives. ch1 output number
mechanical specification derating curve static characteristics (5512) file name:ads-55-spec 2008-10-08 case no. 901 unit:mm ambient temperature ( ) load (%) -10 0 10 20 30 40 50 60 20 40 50 60 70 80 100 with 18.2cfm min.(10cm) no fan input voltage (v) 60hz 60 80 100 120 140 160 180 200 220 240 260 300 250 200 150 100 50 25 output voltage (v) output ripple (mvp-p) ta=25 +5v +12v +5v +12v 12 6 87 11 10 9 4.8 5.0 5.2 4.4 4.6 4.2 4.0 (horizontal) 4.5 3.5 2-m3 9 152.5 65 3.5 84.5 97 7 150 6.5 18.5 3.5 78 24 159 22 117 38 9 28.5 3.5 18 3-m3 terminal pin no. assignment : pin no. pin no. 13 4,7 2 56 8 assignment assignment ac/l dc output +v nc dc/dc output +5v ac/n fg dc output com 8 7 6 5 4 3 2 1 4.5 6.5 8.25 block diagram fosc : 45khz circuit detection o.l.p. emi filter rectifiers & filter power switching filter regulator & rectifiers switching +v +5v com i/p fg control pwm 55w single output with 5v,4a dc-dc converter a d s - 5 5 s e r i e s


▲Up To Search▲   

 
Price & Availability of ADS-5524

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X