Part Number Hot Search : 
N87C196 IRF610S 2SK3019 AB1L2Q 75R12K RN2309 L78M20CP 2SC2362
Product Description
Full Text Search
 

To Download 87606-1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0876061001 status: active overview: extreme_powerplus_ssi description: 6.35mm (.250") pitch power, 2.54mm (.100") pitch signal, extreme powerplus? (ssi) dps header, through hole, right angle, screw mount, power alpha 1, signal 24, power beta 1, b4 recessed signal pin, short blade, lead-free documents: 3d model product specification ps-87606-002 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 87606 application board-to-board comments
  • recessed signal pin : b4|
  • short blade overview extreme_powerplus_ssi product name extreme powerplus? physical breakaway no circuits (loaded) 26 circuits detail power alpha 1, signal 24, power beta 1 color - resin black durability (mating cycles max) 100 first mate / last break yes glow-wire compliant no guide to mating part yes keying to mating part yes lock to mating part yes material - metal copper alloy material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 4 orientation right angle pc tail length (in) 0.135 in pc tail length (mm) 3.43 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.57 mm packaging type tray pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 101.6 plating min: termination (m) 2.54 polarized to mating part yes polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -20c to +105c termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87606 series mates with 87607 pcb receptacle with beveled metal pins. 87695 pcb receptacle with press-fit pc tails
    electrical current - maximum per contact 2.5a, 30a voltage - maximum 50v dc solder process data duration at max. process temperature (seconds) 10 lead-free process capability smc & wave capable (th only) max. cycles at max. process temperature 3 process temperature max. c 260 material info reference - drawing numbers application specification as-87631-018 product specification ps-87606-002 sales drawing sd-87606-015 this document was generated on 05/25/2010 please check www.molex.com for latest part information




  • ▲Up To Search▲   

     
    Price & Availability of 87606-1001

    All Rights Reserved © IC-ON-LINE 2003 - 2022  

    [Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
    Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


     . . . . .
      We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X