Part Number Hot Search : 
T70RIA10 KSP42TA SB104 WKO471 MAX80 10ETS12 AME8820 CX2040T
Product Description
Full Text Search
 

To Download 70AAJ-2-F0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a 0.20 (a .008) 2.54 (.100) b 0.20 (b .008) 1.27 (.050) 1.65 (.065) 2.54 (.100) typ 1.96 (.077) typ. 10.0 (.394) 0.10 (.004) leads to be coplanar within 1.45 (.057) 8.86 (.349) 2.41 (.095) typ. 1.27 (.050) 0.84 (.033) 10.0 (.394) 0.10 (.004) leads to be coplanar within 1.27 (.050) dia. 2 plcs. optional locator pins b 0.20 (b .008) features 2.54 mm pitch & height 2 to 6 precious metal contacts end-to-end stackable twin hot contacts (symmetrical pad layout) pick & place compatible high cycle life rohs compliant* - see processing information on rohs compliant surface mount components for applications/processing guidelines, click here 70aa/female - modular contact *rohs directive 2002/95/ec jan 27, 2003 including annex. speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications. product dimensions materials & finishes insulator ....glass reinforced thermoplastic, ul 94v-0 rated, black contact .................................. copper alloy finish underplating ................................. nickel contact area ................................... gold operating characteristics electrical current rating ...................... 3 a/contact voltage rating ..................................60 v contact resistance ...... 30 mohms max. dielectric voltage .....................ac 500 v insulating resistance .. 1000 mohms min. operating temperature ....................................... -55 c to 125 c mechanical durability ...................10,000 cycles min. how to order 70aa j - 4 - f 0 g model terminal style j = smt number of contacts (n) 2 through 6 gender f = female options 0 = standard 1 =locating pins packaging option __ = tube (240/n pcs. or 240 contacts per tube) g = embossed tape (750 pcs. per reel) number of contacts dimension a dimension b 2 4.98 (.196) 2.54 (.100) 3 7.52 (.296) 5.08 (.200) 4 10.06 (.396) 7.62 (.300) 5 12.60 (.496) 10.16 (.400) 6 15.14 (.596) 12.70 (.500) dimensions: mm (inches) tolerances: 0.3 unless otherwise noted (.012) standard version (-0) locating pins version (-1) recommended pwb layout *rohs compliant
1.5 (.059) dia. 1.5 (.059) dia. a 0.33 (.013) 1.4 (.055) 2.55 (.100) 1.75 (.069) c b 2.0 (.079) 4.0 (.157) 10.26 (.404) 2.65 (.104) 13.00 (.512) dia. max. dia. min. width x dia. min. access hole at slot location 1.575 (.062) .098 (.004) min. depth x slot in core .394 (.016) .059 (.002) 0.512 .008 (.020 .0003) dia. min. min. equally spaced 3 plcs. .795 (.031) a b 3.90 0.04 (.154 .0016) speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. 70aa/female - modular contact rev. 06/11 packaging speci cations no. of contacts dimension a dimension b dimension c 2 5.23 (.206) 16.0 (.630) 7.5 (.295) 3 7.77 (.306) 16.0 (.630) 7.5 (.295) 4 10.31 (.406) 24.0 (.945) 11.5 (.453) 5 12.85 (.506) 24.0 (.945) 11.5 (.453) 6 15.39 (.606) 24.0 (.945) 11.5 (.453) no. of contacts dimension a dimension b (max.) 2 .646 (.025) .882 (.035) 3 .646 (.025) .882 (.035) 4 .961 (.038) 1.197 (.047) 5 .961 (.038) 1.197 (.047) 6 .961 (.038) 1.197 (.047) dimensions: mm (inches)


▲Up To Search▲   

 
Price & Availability of 70AAJ-2-F0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X