Part Number Hot Search : 
FMXG22S MLL983B A27K1V1 STF202 M74HC21 1537M 2SC1684 MAX5020
Product Description
Full Text Search
 

To Download 22-04-1071 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  b-58 mx07 b 2.00 to 2.50mm (.079 to .098") pitch pcb and wire connectors 2.50mm (.098") pitch header 5045 vertical, square pin polarizing lock features and benefts sizes 2 to 20 circuits 0.64mm (.025") square wire pins reference information packaging: bulk ul file no.: e29179 csa file no.: lr19980 mates with: 5051 housings, kk ? 2.50mm (.098") and 5102-n designed in: millimeters electrical voltage: 250v current: awg 22 24 26 28 3.0a 2.5a 2.0a 1.5a contact resistance: 20 milliohms max. dielectric withstanding voltage: 1000v ac/1 min. insulation resistance: 1000 megohms min. physical housing: 6/6 nylon, ul 94v-0 contact: brass plating: see table operating temperature: -40 to +105?c circuits order no. lead-free tin gold 2 22-04-102 1 22-11-102 1 yes 3 22-04-103 1 22-11-103 1 4 22-04-104 1 22-11-104 1 5 22-04-105 1 22-11-105 1 6 22-04-106 1 22-11-106 1 7 22-04-107 1 22-11-107 1 8 22-04-108 1 22-11-108 1 9 22-04-109 1 22-11-109 1 10 22-04-110 1 22-11-110 1 11 22-04-111 1 22-11-111 1 circuits order no. lead-free tin gold 12 22-04-112 1 22-11-112 1 yes 13 22-04-113 1 22-11-113 1 14 22-04-114 1 22-11-114 1 15 22-04-115 1 22-11-115 1 16 22-04-116 1 22-11-116 1 17 22-04-117 1 22-11-117 1 18 22-04-118 1 22-11-118 1 19 22-04-119 1 22-11-119 1 20 22-04-120 1 22-11-120 1 www.molex.com/customer.html?seriesnumber=504 6 www.molex.com/customer.html?seriesnumber=504 5 2.50mm (.098") pitch mini-latch ? header 5046 right angle friction lock features and benefts sizes 2 to 15 circuits 0.64mm (.025") square wire pins reference information packaging: bulk ul file no.: e29179 csa file no.: lr19980 mates with: 5051 and 51191 housings designed in: millimeters electrical voltage: 250v current: awg 22 24 26 28 3.0a 2.5a 2.0a 1.5a contact resistance: 20 milliohms max. dielectric withstanding voltage: 1000v ac/1 min. insulation resistance: 1000 megohms min. physical housing: 6/6 nylon, ul 94v-0 contact: brass plating: tin operating temperature: -40 to +105?c circuits order no. lead-free 2 22-05-102 2 yes 3 22-05-103 2 4 22-05-104 2 5 22-05-105 2 6 22-05-106 2 7 22-05-107 2 8 22-05-108 2 circuits order no. lead-free 9 22-05-109 2 yes 10 22-05-110 2 11 22-05-111 2 12 22-05-112 2 13 22-05-113 2 14 22-05-114 2 15 22-05-115 2


▲Up To Search▲   

 
Price & Availability of 22-04-1071

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X