Part Number Hot Search : 
1G86A FR802G 5KP28A STN2NE06 BC846B IRF654 FX203LG MAX4447
Product Description
Full Text Search
 

To Download 0461325001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/20/2010 please check www.molex.com for latest part information part number: 0461325001 status: active overview: handylink description: 0.80mm (.031") pitch handylink? plug for pcb termination, 11 circuit with pcb through hold options documents: 3d model product specification ps-46132-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family i/o connectors series 46132 application board-to-board, wire-to-board comments please reference application specification as-44828-001 when designing component type plug more detailed tech information handylink@molex.com overview handylink product name handylink? type n/a physical circuits (loaded) 11 circuits (maximum) 11 circuits detail terminals 1-3, 6, 9-14 and 16 loaded color - resin black durability (mating cycles max) 700 flammability 94v-0 gender plug keying to mating part none lock to mating part yes material - metal high performance alloy (hpa), stainless steel material - plating mating gold, tin material - plating termination tin material - resin high temperature thermoplastic orientation vertical packaging type tray panel mount no pitch - mating interface (in) 0.031 in pitch - mating interface (mm) 0.80 mm plating min: mating (in) 4, 50.00 plating min: mating (m) 0.1, 1.250 plating min: termination (in) 200, 50.00 plating min: termination (m) 1.25, 5 polarized to mating part yes surface mount compatible (smc) no temperature range - operating -40c to +85c termination interface: style through hole wire size awg n/a electrical series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 46132 series mates with 44828 handylink? smt receptacle
current - maximum per contact 1.5a shielded no voltage - maximum 30v solder process data duration at max. process temperature (seconds) 40 lead-free process capability wave capable (th only) max. cycles at max. process temperature 3 process temperature max. c 260 material info reference - drawing numbers product specification ps-46132-001 sales drawing sd-46132-500 this document was generated on 05/20/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0461325001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X