Part Number Hot Search : 
IRL1404 98120 KYW35A2 BF994 MBRX230 E002324 CEP7060R B250014
Product Description
Full Text Search
 

To Download 0440007WR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? 2009 littelfuse, inc. specifcations are subject to change without notice. surface mount fuses please refer to www.littelfuse.com/series/440.html for current information. 440 series ceramic fuse > 440 series 440 series 440 series, 1206 high i 2 t fuse description the 440 series is a 100% lead-free, rohs compliant and halogen-free fuse series designed specifcally to provide over-current protection to circuits that operate under high working ambient temperatures up to 150oc and high inrush currents. the general design ensures excellent temperature stability and performance reliability. this high i 2 t fuse series is designed to have ultra high inrush current withstand capability to avoid nuisance fuse open. agency approvals agency agency file number ampere range e 10480 .25a - 8a lr 29862 .25a - 8a features electrical characteristics for series ? operating temperature from -55oc to +150oc ? 100% lead-free, rohs compliant and halogen- free ? suitable for both leaded and lead-free refow / wave soldering ? ultra high i 2 t values % of ampere r ating ampere r ating opening time at 25o c 100% 0.25a - 8a 4 hours, minimum 350% 0.25a - 8a 5 secs., maximum applications ampere r ating (a) amp code max. voltage r ating (v) i nterrupting r ating (a c/dc) 1 nominal r esistance (ohms) 2 nominal melting i 2 t (a 2 sec.) 3 n ominal voltage drop at r ated c urrent (v) 4 nominal p ower dissipation at r ated c urrent (w) agency approvals 0.25 .250 125 50 a @ 125 v ac/dc 2.140 0.00649 0.5260 0.132 x x 0.375 .375 125 1.216 0.01455 0.4993 0.187 x x 0.5 .500 63 50 a @ 63 v ac/dc 0.8140 0.02642 0.4831 0.242 x x 0.75 .750 63 50 a @ 63 v ac/dc 0.4624 0.09312 0.3983 0.299 x x 1 0 01. 50 50 a @ 50 v dc 50 a @ 50 v ac 0.3096 0.21054 0.3457 0.346 x x 1.25 1.25 50 0.2268 0.40200 0.3240 0.405 x x 1.5 01.5 50 0.1759 0.50652 0.3215 0.482 x x 1.75 1.75 32 50 a @ 32 v ac/dc 0.04518 0.3312 0.0777 0.136 x x 2 002. 32 0.03802 0.4326 0.0792 0.158 x x 2.5 02.5 32 0.02850 0.8191 0.0747 0.187 x x 3 003. 32 0.02252 1.232 0.0742 0.223 x x 3.5 03.5 32 0.01845 1.789 0.0757 0.265 x x 4 004. 32 0.01553 2.601 0.0709 0.284 x x 5 005. 32 0.01164 4.761 0.0654 0.327 x x 7 007. 32 0.00753 8.464 0.0696 0.487 x x 8 008. 32 0.00634 12.95 0.0655 0.524 x x electrical specifcations by item notes: 1. ac interrupting rating tested at rated voltage with unity power factor. dc interrupting rating tested at rated voltage with time constant < 0.8 msec. 2. nominal resistance measured with < 10% rated current. 3. nominal melting i2t measured at 1 msec. opening time. 4. nominal voltage drop measured at rated current after temperature has stabilized. ? automotive electronics ? lcd displays ? servers ? notebook computers ? printers ? scanners ? data modems ? hard disk drives devices designed to carry rated current for 4 hours minimum. it is recommended that devices be operated continuously at no more than 80% rated current. see temperature derating curvefor additional derating information. devices designed to be mounted with marking code facing up. revised: june 23, 2011
introduction to circuit protection introduction to circuit protection transientology 2 ? 2009 littelfuse, inc. specifcations are subject to change without notice. surface mount fuses please refer to www.littelfuse.com/series/440.html for current information. 440 series ceramic fuse > 440 series average time current curves 0.001 0.1 1.0 10.0 100.0 1000. 0.01 0.1 1 10 100 time in seconds current in amperes r efow condition pb-free assembly p re heat - temperature min (t s(min) ) 150c - temperature max (t s(max) ) 200c - time ( min to max) (t s ) 60 180 seconds average r amp-up r ate (l iquidus temp (t l ) to peak) 3c/second max. t s(max) to t l - r amp-up r ate 5c/second max. r efow - temperature (t l ) (liquidus) 21c - temperature (t l ) 60 150 seconds p eak temperature (t p ) 260 0/-5 c time within 5 c of actual peak temperature (t p ) 10 30 seconds r amp-down r ate 6c/second max. time 25 c to peak temperature (t p ) 8 minutes max. do not exceed 260c soldering parameters temperature derating curve 40 60 80 10 0 12 0 14 0 -6 5 -45 -25 -5 15 35 55 75 95 115 135 15 5 te m per at ur e ( c) pe rc en t of ra ti ng ti me te mperature t p t l t s(max) t s(min) 25 t p t l t s time to peak temperature (t 25oc to peak) ramp-down ramp-up preheat critical zone t l to t p example: wave soldering 260c 10 seconds max.
3 ? 2009 littelfuse, inc. specifcations are subject to change without notice. surface mount fuses please refer to www.littelfuse.com/series/440.html for current information. 440 series ceramic fuse > 440 series 440 series materials body: advanced ceramic terminations: ag / ni / sn (100% lead-free) element cover coating: lead-free glass moisture sensitivity level ipc/jedec j-std-020c, level 1 solderability ipc/eca/jedec j-std-002b, condition c humidity test mil-std-202, method 103b, conditions d resistance to solder heat mil-std-202, method 210f, condition b product characteristics moisture resistance mil-std-202, method 106g thermal shock mil-std-202, method 107g, condition b mechanical shock mil-std-202, method 213b, condition a vibration mil-std-202, method 201a vibration, high frequency mil-std-202, method 204d, condition d dissolution of metallization ipc/eca/jedec j-std-002c, condition d terminal strength iec 60127-4 dimensions 3.200 .1778 [.126 .007] 1.000 [.039] x 1.500 [.059] 1.800 [.071] 3.500 [.138] 1.000 [.039] .8179 +.046/ -.076 [.0322 +.0018/ -.003] 0.520 .200 [.020 .008] termina tion 1.63 + .10/ -.20 [.064 + .004/ -.008] packaging part marking system p ackaging option p ackaging specication quantity quantity p ackaging code 8mm tape and reel eia-481, iec 60286, part 3 3000 wr part numbering system 0440 008. w r series amp code qu antit y code w = 3000 pcs pac king code r = reel pack .250 d .375 e .500 f .750 g 0 01. h 1.25 j 01.5 k 1.75 l 002. n 02.5 o 003. p 03.5 r 004. s 005. t 007. w 008. x


▲Up To Search▲   

 
Price & Availability of 0440007WR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X