Part Number Hot Search : 
MAX6602 23A01 23A01 3306B B2912BS1 FT5767M FT5767M SE051
Product Description
Full Text Search
 

To Download SUD40N08-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SUD40N08-16 vishay siliconix new product document number: 71323 s-02197?rev. a, 02-oct-00 www.vishay.com 1 n-channel 80-v (d-s) 175  c mosfet  
 v ds (v) r ds(on) (  ) i d (a) 80 0.016 @ v gs = 10 v 40 d g s n-channel mosfet to-252 s gd top view drain connected to tab order number: SUD40N08-16 


        parameter symbol limit unit drain-source voltage v ds 80 gate-source voltage v gs  20 v  t c = 25  c 40 continuous drain current (t j = 175  c) b t c = 125  c i d 30 pulsed drain current i dm 60 a continuous source current (diode conduction) i s 40 avalanche current i ar 40 repetitive avalanche energy (duty cycle  1%) l = 0.1 mh e ar 80 mj t c = 25  c 100 b maximum power dissipation t a = 25  c p d 3 a w operating junction and storage temperature range t j , t stg ?55 to 175  c 
     parameter symbol typical maximum unit t  10 sec 15 18 junction-to-ambient a steady state r thja 40 50  c/w junction-to-case r thjc 1.2 1.5 c/w notes a. surface mounted on 1? x1? fr4 board. b. see soa curve for voltage derating.
SUD40N08-16 vishay siliconix new product www.vishay.com  faxback 408-970-5600 2 document number: 71323 s-02197 ? rev. a, 02-oct-00          parameter symbol test condition min typ a max unit static drain-source breakdown voltage v (br)dss v gs = 0 v, i d = 250  a 80 gate threshold voltage v gs(th) v ds = v gs , i d = 250  a 2.0 4.0 v gate-body leakage i gss v ds = 0 v, v gs =  20 v  100 na v ds = 64 v, v gs = 0 v 1 zero gate voltage drain current i dss v ds = 64 v, v gs = 0 v, t j = 125  c 50  a dss v ds = 64 v, v gs = 0 v, t j = 175  c 250  on-state drain current b i d(on) v ds = 5 v, v gs = 10 v 60 a v gs = 10 v, i d = 40 a 0.013 0.016 drain-source on-state resistance b r ds(on) v gs = 10 v, i d = 40 a, t j = 125  c 0.027  ds(on) v gs = 10 v, i d = 40 a, t j = 175  c 0.037 forward transconductance b g fs v ds = 15 v, i d = 40 a 45 s dynamic a input capacitance c iss 1960 output capacitance c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 370 pf reverse transfer capacitance c rss 200 total gate charge c q g 42 60 gate-source charge c q gs v ds = 40 v, v gs = 10 v, i d = 40 a 7 nc gate-drain charge c q gd ds gs d 13 turn-on delay time c t d(on) 12 20 rise time c t r v dd = 40 v, r l = 1.0  52 80 turn-off delay time c t d(off) v dd = 40 v, r l = 1.0  i d  40 a, v gen = 10 v, r g = 2.5  25 38 ns fall time c t f 10 15 source-drain diode ratings and characteristic (t c = 25  c) pulsed current i sm 60 a diode forward voltage b v sd i f = 40 a, v gs = 0 v 1.0 1.5 v source-drain reverse recovery time t rr i f = 40 a, di/dt = 100 a/  s 45 70 ns notes a. guaranteed by design, not subject to production testing. b. pulse test; pulse width  300  s, duty cycle  2%. c. independent of operating temperature.
SUD40N08-16 vishay siliconix new product document number: 71323 s-02197 ? rev. a, 02-oct-00 www.vishay.com 3           0 20 40 60 80 0 20406080100 0 500 1000 1500 2000 2500 3000 0 20406080 output characteristics transfer characteristics capacitance gate charge transconductance on-resistance vs. drain current v ds ? drain-to-source voltage (v) ? drain current (a) i d v gs ? gate-to-source voltage (v) ? drain current (a) i d ? gate-to-source voltage (v) ? on-resistance ( q g ? total gate charge (nc) i d ? drain current (a) v ds ? drain-to-source voltage (v) c ? capacitance (pf) r ds(on)  ) v gs ? transconductance (s) g fs 0 20 40 60 80 100 0246810 0 4 8 12 16 20 0 1530456075 0.00 0.01 0.02 0.03 0.04 0 20406080100 0 20 40 60 80 100 01234567 ? 55  c t c = 125  c v ds = 10 v i d = 40 a v gs = 10 thru 7 v 5 v v gs = 10 v t c = ? 55  c 25  c 125  c c oss c iss i d ? drain current (a) 6 v 25  c c rss 3, 4 v
SUD40N08-16 vishay siliconix new product www.vishay.com  faxback 408-970-5600 4 document number: 71323 s-02197 ? rev. a, 02-oct-00           0.0 0.4 0.8 1.2 1.6 2.0 2.4 ? 50 ? 25 0 25 50 75 100 125 150 175 on-resistance vs. junction t emperature source-drain diode forward voltage (normalized) ? on-resistance ( t j ? junction temperature (  c) v sd ? source-to-drain voltage (v) r ds(on)  ) ? source current (a) i s 100 1 0.01 0.3 0.6 0.9 1.2 v gs = 10 v i d = 40 a 0 0.1 10 t j = 25  c t j = 150  c 
  safe operating area v ds ? drain-to-source voltage (v) ? drain current (a) i d 10 0.1 0.1 1 10 100 limited by r ds(on) 1 1000 normalized thermal transient impedance, junction-to-case square wave pulse duration (sec) 2 1 0.1 0.01 10 ? 4 10 ? 3 10 ? 2 10 ? 1 110 normalized effective transient thermal impedance maximum avalanche drain current vs. case t emperature t c ? case temperature (  c) ? drain current (a) i d 0 10 20 30 40 50 0 25 50 75 100 125 150 175 0.2 0.1 duty cycle = 0.5 10 ms 100 ms 1 s, dc 30 100  s 10  s 1 ms 0.05 0.02 single pulse 100 t c = 25  c single pulse


▲Up To Search▲   

 
Price & Availability of SUD40N08-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X