Part Number Hot Search : 
LT3472 NDT452 00000 PS104RS LT3472 10N40 74HC595D KAQV414
Product Description
Full Text Search
 

To Download STTH806D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/5 STTH806Dti october 2003 - ed: 2a tandem 600v hyperfast boost diode ? the turboswitch h is an ultra high performance diode composed of two 300v dice in series. turboswitch h family drastically cuts losses in the associated mosfet when run at high di f /dt. description n especially suited as boost diode in continuous mode power factor correctors and hard switching conditions n designed for high di/dt operation. hyperfast recovery current to compete with sic devices. allows downsizing of mosfet and heatsinks n internal ceramic insulated devices with equal thermal conditions for both 300v diodes n insulation (2500v rms ) allows placement on same heatsink as mosfet and flexible heatsinking on common or separate heatsink n static and dynamic equilibrium of internal diodes are warranted by design n package capacitance: c=7pf features and benefits symbol parameter value unit v rrm repetitive peak reverse voltage 600 v i f(rms) rms forward current 14 a i fsm surge non repetitive forward current tp = 10 ms sinusoidal 80 a ipeak peak current waveform d = 0.15 tc = 130c 17 a t stg storage temperature range -65 +150 c tj maximum operating junction temperature + 150 c absolute ratings (limiting values) i f(av) 8a v rrm 600 v tj (max) 150 c v f (max) 2.4 v i rm (typ.) 4 a t rr (typ.) 13 ns major products characteristics 1 2 12 insulated to-220ab
STTH806Dti 2/5 symbol parameter tests conditions min. typ. max. unit i r * reverse leakage current v r =v rrm tj = 25c 10 a tj = 125c 15 100 v f ** forward voltage drop i f = 8a tj=25 c 3.6 v tj = 150c 1.95 2.4 pulse test : * tp = 100 ms, d <2% ** tp = 380 s, d <2% to evaluate the maximum conduction losses use the following equation : p=1.7xi f(av) + 0.087 i f 2 (rms) static electrical characteristics symbol parameter test conditions value unit r th (j-c) junction to case thermal resistance 2.6 c/w thermal and power data symbol parameter tests conditions min. typ. max. unit t rr reverse recovery time i f = 0.5 a irr = 0.25a i r =1a tj = 25c 13 ns i f =1a di f /dt = - 50a/s v r =30v 30 i rm reverse recovery current v r = 400 v i f =8a di f /dt = -200 a/s tj = 125c 4 5.5 a s reverse recovery softness factor 0.4 - q rr reverse recovery charges 50 nc recovery characteristics symbol parameter tests conditions min. typ. max. unit t fr forward recovery time i f =8a di f /dt = 100a/s, v fr =1.1xv f max tj = 25c 200 ns v fp forward recovery voltage i f =8a di f /dt = 100 a/s tj = 25c 7v turn-on switching characteristics
STTH806Dti 3/5 012345678910 0 5 10 15 20 25 30 t d =tp/t tp d = 1 d = 0.5 d = 0.2 d = 0.1 d = 0.05 p(w) i (a) f(av) fig. 1: conduction losses versus average current. 012345678 1 10 100 i (a) fm v (v) fm t =125c (maximum values) j t =125c (typical values) j t =25c (maximum values) j fig. 2: forward voltage drop versus forward current. 1e-3 1e-2 1e-1 1e+0 0.0 0.2 0.4 0.6 0.8 1.0 t d =tp/t tp d = 0.5 d = 0.2 d = 0.1 single pulse z/r th(j-c) th(j-c) t (s) p fig. 3: relative variation of thermal impedance junction to case versus pulse duration. t (ns) rr 0 10 20 30 40 50 60 0 50 100 150 200 250 300 350 400 450 500 di /dt(a/s) f i =2 x i f f(av) i=i f f(av) i =0.5 x i f f(av) v =400v t =125c r j fig. 5: reverse recovery time versus d i f /dt (typical values). 0 1 2 3 4 5 6 7 8 9 0 50 100 150 200 250 300 350 400 450 500 i=i f f(av) i =0.5 x i f f(av) i =2 x i f f(av) v =400v t =125c r j i (a) rm di /dt(a/s) f fig. 4: peak reverse recovery current versus d i f /dt (typical values). q (nc) rr 0 20 40 60 80 100 120 140 0 100 200 300 400 500 di /dt(a/s) f v =400v t =125c r j i =2 x i f f(av) i=i f f(av) i =0.5 x i f f(av) fig. 6: reverse charges versus di f /dt (typical values).
STTH806Dti 4/5 25 50 75 100 125 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 t (c) j i=i reference: t =125c f f(av) j v =400v r i rm s fig. 8: relative variation of dynamic parameters versus junction temperature (reference: tj = 125c). 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 0 50 100 150 200 250 300 350 400 450 500 v (v) fp i=i t =125c f f(av) j di /dt(a/s) f fig. 9: transient peak forward voltage versus d i f /dt (typical values). 0 20 40 60 80 100 120 140 160 180 200 0 100 200 300 400 500 t (ns) fr di /dt(a/s) f i=i t =125c f f(av) j v =1.1 x v max. fr f fig. 10: forward recovery time versus d i f /dt (typical values). 0 50 100 150 200 250 300 350 400 450 500 0.0 0.1 0.2 0.3 0.4 0.5 0.6 s i <2xi t =125c f f(av) j v =400v r di /dt(a/s) f fig. 7: softness factor versus d i f /dt (typical values).
5/5 STTH806Dti ordering code marking package weight base qty delivery mode STTH806Dti STTH806Dti to-220ac 2.3 g. 50 tube n cooling method: c n recommended torque value: 0.8 n.m. n maximum torque value: 1 n.m. n epoxy meets ul94,v0 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not au- thorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2003 stmicroelectronics - all rights reserved. stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - italy - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states www.st.com package mechanical data to-220ac ref. dimensions millimeters inches min. typ. max. min. typ. max. a 15.20 15.90 0.598 0.625 a1 3.75 0.147 a2 13.00 14.00 0.511 0.551 b 10.00 10.40 0.393 0.409 b1 0.61 0.88 0.024 0.034 b2 1.23 1.32 0.048 0.051 c 4.40 4.60 0.173 0.181 c1 0.49 0.70 0.019 0.027 c2 2.40 2.72 0.094 0.107 e 4.80 5.40 0.189 0.212 f 6.20 6.60 0.244 0.259 i 3.75 3.85 0.147 0.151 i4 15.80 16.40 16.80 0.622 0.646 0.661 l 2.65 2.95 0.104 0.116 l2 1.14 1.70 0.044 0.066 m 2.60 0.102 m b l4 c b2 a2 l2 c2 b1 a1 a f l i e c1


▲Up To Search▲   

 
Price & Availability of STTH806D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X