Part Number Hot Search : 
D0827 300R1 300R1 ME20N03 MC14422 CO4802 259613 D0827
Product Description
Full Text Search
 

To Download SR803 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SR803 thru sr806 page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 8a schottky barrier rectifiers SR803 thru sr806 features z extremely low vf z low stored charge, majority carrier conduction z low power loss / high efficiency z ul 94v0 flame retardant epoxy molding compound mechanical data z case; transfer molded, do201ad, dimensions in inches and (millimeters) z leads: solderable per mil-std-202,method 208 z polarity: cathode indicated by color band z weight: 1.2 grams maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% ratings symbol SR803 sr804 sr805 sr806 units maximum recurrent peak reverse voltage v rrm 30 40 50 60 v maximum rms voltage v rms 21 28 35 42 v maximum dc blocking voltage v dc 30 40 50 60 v maximum average forward rectified current 0.375 (9.5mm) lead length (see fig.1) i o 8.0 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 150 a typical junction capacitance (note 1) c j 250 200 pf typical thermal resistance (note 2) r jl 5 /w storage temperature range t stg - 55 to + 150 operating temperature range t op - 55 to + 125 electrical characteristics (a t t a =25 c unless otherwise noted) characteristics symbol SR803 sr804 sr805 sr806 units maximum forward voltage at i o dc v f 0.62 0.80 v maximum reverse current at 25 i r 1.0 ma maximum reverse current at 100 i r 10.0 20.0 ma note: 1. pulse test: 300 s pulse width, 1% duty cycle 2. measured at 1.0mh z and applied reverse voltage of 4.0 v dc 3. thermal resistance from junction to lead vertical p.c.b. mounting , 9.5mm lead length .375(9.5) .335(8.5) 1.0(25.4) min .220(5.6) .197(5.0) 1.0(25.4) min .052(1.3) .048(1.2)
SR803 thru sr806 page: 2 ratings and characteristic curves SR803 thru sr806 fig. 1 - forward current derating curve 8.0 6.0 4.0 2.0 0 average forward current, amperes 0 25 50 75 100 125 150 175 lead temperature, fig. 3 - typical instantaneous forward characteristics 50 10 1 1.0 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 instantaneous forward current, amperes instantaneous forward voltage, volts fig. 5 - typical junction capacitance 1.000 100 10 junction capacitance, p f 0.1 1 10 100 reverse voltage, volts fig. 2 - maximum non-repetitive peak forward surge current 160 140 120 100 80 60 40 peak forward surge current, amperes 1 10 100 number of cycles at 60h z fig. 4 - typical reverse characteristics 10 1 0.1 0.01 0.001 instantaneous reverse current, milliamperes 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage,% fig. 6 - typical transient thermal impedance 100 10 1 0.1 transient thermal impedance , /w 0.01 0.1 1 10 100 pulse duration, sec. SR803-sr804 sr805-sr806 SR803-sr804 sr805-sr806 t j =25 f=1.0 mh z vsig=50mvp- p t j =125 t j =75 t j =25 t j =t j max. 8.3ms single half sine-wave (jedec method) resistive or inductive load 0.375? (9.5mm) lead length SR803-sr804 sr805-sr806 pulse width=300us 1% duty cycle t j =125 t j =25


▲Up To Search▲   

 
Price & Availability of SR803

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X