Part Number Hot Search : 
HM628512 XVT9009 DVG62 MX014 D103B MFW2815D DS1231S MSD3P
Product Description
Full Text Search
 

To Download SR802 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) do-201ad features  low power loss, high efficiency.  high current capability, low vf.  high reliability  high surge current capability.  epitaxial construction.  guard-ring for transient protection.  for use in low voltage, high frequency inventor, free wheeling, and polarity protection application mechanical data  cases: do-201ad molded plastic  epoxy: ul 94v-0 rate flame retardant  polarity: color band denotes cathode  high temperature soldering guaranteed: 260 o c/10 seconds/.375?,(9.5mm) lead lengths at 5 lbs., (2.3kg) tension  maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sr 802 sr 803 sr 804 sr 805 sr 806 sr 809 sr 810 sr 815 units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 90 100 150 v maximum rms voltage v rms 14 21 28 35 42 63 70 105 v maximum dc blocking voltage v dc 20 30 40 50 60 90 100 150 v maximum average forward rectified current see fig. 1 i (av) 8.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 150 a maximum instantaneous forward voltage @8.0a v f 0.55 0.70 0.92 1.02 v 0.5 0.1 maximum d.c. reverse current @ t a =25 o c at rated dc blocking voltage @ t a =125 o c i r 15 10 5.0 ma ma typical junction capacitance (note 2) c j 500 270 165 pf typical thermal resistance (note 1) r ja 40 o c/w operating junction temperature range t j -65 to +125 -65 to +150 o c storage temperature range t stg -65 to +150 o c notes: 1. mount on cu-pad size 16mm x 16mm on p.c.b. 2. measured at 1 mhz and applied reverse voltage of 4.0v d.c. SR802-sr815 8.0 amp. schottky barrier rectifiers weight: 1.2 grams http://www.luguang.cn mail:lge@luguang.cn
tj=25 c 0 sr805-sr806 SR802-sr804 sr809-sr815 ratings and characteristic curves (SR802 thru sr815) fig.5- typical junction capacitance per leg junction capacitance.(pf) .1 .4 1.0 4 10 40 80 100 100 200 400 600 1000 800 2000 4000 reverse voltage. (v) fig.1- maximum forward current derating curve average forward current. (a) 0 50 100 150 0 2 4 6 8 10 lead temperature. ( c) o sr805-sr815 SR802-sr804 fig.4- typical reverse characteristics instantaneous reverse current .(ma) 20 40 60 80 100 120 .001 .01 .10 1.0 10 percent of rated peak reverse voltage. (%) tj=125 c 0 tj=25 c 0 tj=75 c 0 fig.3- typical forward characteristics instantaneous forward current. (a) 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 0.1 1.0 10 50 forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o sr805-806 SR802-804 sr809-810 version: b07 fig.6- typical transient thermal characteristics transient thermal impedance. ( c/w) o 1 0.01 0.1 10 100 0.1 10 1 100 t, pulse duration. (sec) fig.2- maximum non-repetitive forward surge current peak forward surge current. (a) 1 2 5 10 20 100 50 25 50 125 100 150 175 number of cycles at 60hz 8.3ms single half sine wave jedec method 75 140 0 1 sr815 SR802-sr815 8.0 amp. schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SR802

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X