Part Number Hot Search : 
4520B 2SC52 1N4413B VC2G0 MC56F80 12N120 5962F MBR1045
Product Description
Full Text Search
 

To Download RT8009-15GB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rt8009 1 ds8009-03 march 2007 www.richtek.com features +2.5v to +5.5v input range adjustable output from 0.5v to v in 1.0v, 1.2v, 1.5v, 1.8v, 2.5v and 3.3v fixed/ adjustable output voltage 600ma output current 95% efficiency no schottky diode required 1.25mhz fixed-frequency pwm operation small sot-23-5 and tsot-23-5 package rohs compliant and 100% lead (pb)-free applications cellular telephones personal information appliances wireless and dsl modems mp3 players portable instruments 1.25mhz, 600ma, high efficiency pwm step-down dc/dc converter general description the rt8009 is a high-efficiency pulse-width-modulated (pwm) step-down dc-dc converter. capable of delivering 600ma output current over a wide input voltage range from 2.5 to 5.5v, the rt8009 is ideally suited for portable electronic devices that are powered from 1-cell li-ion battery or from other power sources within the range such as cellular phones, pdas and handy-terminals. internal synchronous rectifier with low r ds(on) dramatically reduces conduction loss at pwm mode. no external schottky diode is required in practical application. the rt8009 automatically turns off the synchronous rectifier while the inductor current is low and enters discontinuous pwm mode. this can increase efficiency at light load condition. the rt8009 enters low-dropout mode when normal pwm cannot provide regulated output voltage by continuously turning on the upper p-mosfet. rt8009 enter shutdown mode and consumes less than 0.1ua when en pin is pulled low. the switching ripple is easily smoothed-out by small package filtering elements due to a fixed operation frequency of 1.25mhz. this along with small sot-23-5 and tsot-23-5 package provides small pcb area application. other features include soft start, lower internal reference voltage with 2% accuracy, over temperature protection, and over current protection. note : richtek pb-free and green products are : ` rohs compliant and compatible with the current require- ments of ipc/jedec j-std-020. ` suitable for use in snpb or pb-free soldering processes. ` 100% matte tin (sn) plating. ordering information pin configurations (top view) sot-23-5/tsot-23-5 vin gnd en lx 2 3 5 4 1 fb/vout rt8009(- ) package type b : sot-23-5 j5 : tsot-23-5 operating temperature range p : pb free with commercial standard g : green (halogen free with commer- cial standard) output voltage default : adjustable 10 : 1.0v 12 : 1.2v 15 : 1.5v 18 : 1.8v 25 : 2.5v 33 : 3.3v
rt8009 2 ds8009-03 march 2007 www.richtek.com typical application circuit figure 1. fixed voltage regulator figure 2. adjustable voltage regulator 0.5v v and 1m r2 r1 with r2 r1 1 x v v ref(typ.) ref out = + ? ? ? ? ? ? + = layout guide layout note: 1. the distance that c in connects to v in is as close as possible (under 2mm). 2. c out should be placed near rt8009. figure 3 vin gnd en lx 2 3 5 4 1 vout v in c in v out l gnd c out vin gnd en lx 2 3 5 4 1 fb v in c in v out l gnd v out c out r2 r1 c1 4.7uf 10uf vin lx gnd rt8009 en vout 4.7uh 2.5v to 5.5v v in v out c in l 4 5 1 3 2 c out 4.7uf 10uf vin lx gnd rt8009 en fb 4.7uh 2.5v to 5.5v v in v out c in l 4 5 1 3 2 c out r1 r2 c1
rt8009 3 ds8009-03 march 2007 www.richtek.com function block diagram functional pin description pin number pin name pin function 1 vin power input. 2 gnd ground. 3 en chip enable (active h igh, do not leave en pin floating, and v en < v in + 0.6v). 4 fb/vout feedback input pin. 5 lx pin for switching. comp rc rs1 rs2 en vin lx fb/vout uvlo & power good detector v ref slope compensation current sense osc & shutdown control zero detector current limit detector driver control logic pwm comparator error amplifier gnd
rt8009 4 ds8009-03 march 2007 www.richtek.com absolute maximum ratings (note 1) supply input v oltage ------------------------------------------------------------------------------------------------------ 6.5v enable, fb voltage ------------------------------------------------------------------------------------------------------- v in + 0.6v power dissipation, p d @ t a = 25 c sot-23-5, tsot-23-5 ----------------------------------------------------------------------------------------------------- 0.4w package thermal resistance (note 4) sot-23-5, tsot-23-5, ja ----------------------------------------------------------------------------------------------- 250 c/w sot-23-5, tsot-23-5, jc ----------------------------------------------------------------------------------------------- 130 c/w junction temperature range -------------------------------------------------------------------------------------------- 150 c lead temperature (soldering, 10 se c.) ------------------------------------------------------------------------------- 260 c storage temperature range -------------------------------------------------------------------------------------------- ? 65 c to 150 c esd susceptibility (note 2) hbm (human body mode) ---------------------------------------------------------------------------------------------- 2kv mm (ma chine mode) ------------------------------------------------------------------------------------------------------ 200v electrical characteristics (v in = 3.6v, v out = 2.5v, v ref = 0.5v, l = 4.7 h, c in = 4.7 f, c out = 10 f, t a = 25 c, i max = 600ma unless otherwise specified) parameter symbol test conditions min typ max units input voltage range v in 2.5 -- 5.5 v quiescent current i q i out = 0 ma, v fb = v ref + 5% -- 50 100 a shutdown current i shdn en = gnd -- 0.1 1 a reference voltage v re f for adjustable output voltage 0.49 0.5 0.51 v adjustable output range v out v ref -- v in ? 0.2 v output voltage accuracy fix v out v in = 2.5 to 5.5v, v out = 1 .0v 0a < i ou t < 600ma ? 3 -- +3 % v out v in = 2.5 to 5.5v, v out = 1 .2v 0a < i out < 600ma ? 3 -- +3 % v out v in = 2.5 to 5.5v, v out = 1 .5v 0a < i out < 600ma ? 3 -- +3 % v out v in = 2.5 to 5.5v, v out = 1 .8v 0a < i out < 600ma ? 3 -- +3 % v out v in = v out + v to 5.5v (note 5) v ou t = 2.5v, 0a < i out < 6 00m a ? 3 -- +3 % v out v in = v out + v to 5.5v (note 5) v out = 3.3v, 0a < i out < 6 00m a ? 3 -- +3 % v out v in = v out + 0.2v to 5.5v 0a < i out < 600ma ? 3 -- +3 % to be continued recommended operating conditions (note 3) supply input v oltage ------------------------------------------------------------------------------------------------------ 2.5v to 5.5v junction temperature range -------------------------------------------------------------------------------------------- ? 40 c to 125 c ambient temperature range -------------------------------------------------------------------------------------------- ? 40 c to 85 c
rt8009 5 ds8009-03 march 2007 www.richtek.com parameter symbol test conditions min typ max units output voltage accuracy adjustable v out v in = v out + v to 5.5v (note 5) 0a < i out < 6 00m a ? 3 -- +3 % fb input c urrent i fb v fb = v in ? 50 -- 50 na r ds (on) of p-channel mosfet r ds (on)_p i out = 20 0m a v in = 3.6v -- 0.3 0.65 v in = 2.5v -- 0.4 0.80 r ds (on) of n-channel mosfet r ds (on)_n i out = 200ma v in = 3.6v -- 0.25 0.55 v in = 2.5v -- 0.35 0.65 p-channel current limit i lim_p v in = 2.5v to 5.5 v 1 -- 1.8 a en high-level input voltage v en_h v in = 2.5v to 5.5v 1.5 -- -- v en low-level input voltage v en_l v in = 2.5v to 5.5v -- -- 0.4 v undervoltage lock out threshold -- 1.8 -- v hysteresis -- 0.1 -- v oscillator frequency f osc v in = 3.6v, i out = 100ma 0.8 1.25 1.85 mh z thermal shutdown temperature t sd -- 160 -- c min. on time -- 50 -- ns max. duty cycle 100 -- -- % lx leakage current v in = 3 .6v, v lx = 0v or v lx = 3.6v -1 -- 1 a note 1. stresses listed as the above ? absolute maximum ratings ? may cause permanent damage to the device. these are for stress ratings. functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may remain possibility to affect device reliability. note 2. devices are esd sensitive. handling precaution recommended. note 3. the device is not guaranteed to function outside its operating conditions. note 4. ja is measured in the natural convection at t a = 25 c on a low effective thermal conductivity test board of jedec 51-3 thermal measurement standard. note 5. v = i out x r ds(on)_p
rt8009 6 ds8009-03 march 2007 www.richtek.com typical operating characteristics frequency vs. temperature 1.10 1.12 1.14 1.16 1.18 1.20 1.22 1.24 1.26 -50 -25 0 25 50 75 100 125 temperature frequency (mhz) v in = 3.3v, v out = 1.8v ( c) load regulation 1.770 1.775 1.780 1.785 1.790 1.795 1.800 1.805 1.810 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.55 0.6 load current (a) load regulation (v ) v in = 3.3v v in = 5.5v v in = 2.5v v out = 1.8v frequency vs. input voltage 1.14 1.16 1.18 1.20 1.22 1.24 1.26 2.5 2.8 3.1 3.4 3.7 4 4.3 4.6 4.9 5.2 5.5 input voltage (v) frequency (mhz ) v out = 1.8v efficiency vs. input voltage 0 10 20 30 40 50 60 70 80 90 100 2.5 2.8 3.1 3.4 3.7 4 4.3 4.6 4.9 5.2 5.5 input voltage (v) efficiency (%) i out = 600ma i out = 300ma v out = 1.8v current limit vs. input voltage 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50 2.5 2.8 3.1 3.4 3.7 4 4.3 4.6 4.9 5.2 5.5 input voltage (v) current limit (a) v out = 1.8v efficiency vs. load current 0 10 20 30 40 50 60 70 80 90 100 0.01 0.11 0.21 0.31 0.41 0.51 0.61 load current (a) efficiency (%) v in = 3.3v v in = 5v v out = 1.8v
rt8009 7 ds8009-03 march 2007 www.richtek.com output ripple time (500ns/div) v out (2mv/div) v lx (5v/div) i lx (500ma/div) v in = 3.3v, v out = 1.8v, i out = 600ma load transient response time (100 s/div) i out (500ma/div) v out (20mv/div) v in = 3.3v, v out = 1.8v, i out = 300ma to 600ma load transient response time (100 s/div) i out (500ma/div) v out (20mv/div) v in = 3.3v, v out = 1.8v, i out = 150ma to 600ma power on time (100 s/div) v en (2v/div) v out (1v/div) i in (200ma/div) v in = 3.3v, v out = 1.8v, i out = 600ma reference vs. temperature 0.490 0.493 0.495 0.498 0.500 0.503 0.505 0.508 0.510 -50 -25 0 25 50 75 100 125 temperature reference (v) v in = 3.3v, v out = 1.8v ( c) reference vs. input voltage 0.40 0.42 0.44 0.46 0.48 0.50 0.52 0.54 0.56 0.58 0.60 2.5 2.8 3.1 3.4 3.7 4 4.3 4.6 4.9 5.2 5.5 input voltage (v) reference (v) v out = 1.8v
rt8009 8 ds8009-03 march 2007 www.richtek.com ? ? ? ? ? ? + out l out 8fc 1 esr i v applications information the basic rt8009 application circuit is shown in typical application circuit. external component selection is determined by the maximum load current and begins with the selection of the inductor value and operating frequency followed by c in and c out . inductor selection for a given input and output voltage, the inductor value and operating frequency determine the ripple current. the ripple current i l increases with higher v in and decreases with higher inductance. having a lower ripple current reduces the esr losses in the output capacitors and the output voltage ripple. highest efficiency operation is achieved at low frequency with small ripple current. this, however, requires a large inductor. a reasonable starting point for selecting the ripple current is i l = 0.4(i max ). the largest ripple current occurs at the highest v in . to guarantee that the ripple current stays below a specified maximum, the inductor value should be chosen according to the following equation : inductor core selection once the value for l is known, the type of inductor must be selected. high efficiency converters generally cannot afford the core loss found in low cost powdered iron cores, forcing the use of more expensive ferrite or mollypermalloy cores. actual core loss is independent of core size for a fixed inductor value but it is very dependent on the inductance selected. as the inductance increases, core losses decrease. unfortunately, increased inductance requires more turns of wire and therefore copper losses will increase. ferrite designs have very low core losses and are preferred at high switching frequencies, so design goals can concentrate on copper loss and preventing saturation. ferrite core material saturates ? hard ? , which means that inductance collapses abruptly when the peak design current is exceeded. this results in an abrupt increase in ? ? ? ? ? ? ? ? ? ? ? ? ? = in out out l v v 1 l f v i ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? = in(max) out l(max) out v v 1 i f v l inductor ripple current and consequent output voltage ripple. do not allow the core to saturate! different core materials and shapes will change the size/ current and price/current relationship of an inductor. toroid or shielded pot cores in ferrite or permalloy materials are small and don ? t radiate energy but generally cost more than powdered iron core inductors with similar characteristics. the choice of which style inductor to use mainly depends on the price vs size requirements and any radiated field/emi requirements. c in and c out selection the input capacitance, c in , is needed to filter the trapezoidal current at the source of the top mosfet. to prevent large ripple voltage, a low esr input capacitor sized for the maximum rms current should be used. rms current is given by : 1 v v v v i i out in in out out(max) rms ? = this formula has a maximum at v in = 2v out , where i rms = i out /2. this simple worst-case condition is commonly used for design because even significant deviations do not offer much relief. note that ripple current ratings from capacitor manufacturers are often based on only 2000 hours of life which makes it advisable to further derate the capacitor, or choose a capacitor rated at a higher temperature than required. several capacitors may also be paralleled to meet size or height requirements in the design. the selection of c out is determined by the effective series resistance (esr) that is required to minimize voltage ripple and load step transients, as well as the amount of bulk capacitance that is necessary to ensure that the control loop is stable. loop stability can be checked by viewing the load transient response as described in a later section. the output ripple, v out , is determined by : the output ripple is highest at maximum input voltage since i l increases with input voltage. multiple capacitors placed in parallel may be needed to meet the esr and rms current handling requirements. dry tantalum, special
rt8009 9 ds8009-03 march 2007 www.richtek.com output voltage programming the resistive divider allows the v fb pin to sense a fraction of the output voltage as shown in figure 4. ) r2 r1 (1 v v ref out + = where v ref is the internal reference voltage (0.5v typ.) efficiency considerations the efficiency of a switching regulator is equal to the output power divided by the input power times 100%. it is often useful to analyze individual losses to determine what is limiting the efficiency and which change would produce the most improvement. efficiency can be expressed as : efficiency = 100% ? (l1+ l2+ l3+ ...) where l1, l2, etc. are the individual losses as a percentage of input power. although all dissipative elements in the circuit produce losses, two main sources usually account for most of the losses : vin quiescent current and i 2 r losses. the vin quiescent current loss dominates the efficiency loss at very low load currents whereas the i 2 r loss dominates the efficiency loss at medium to high load currents. in a typical efficiency plot, the efficiency curve at very low load currents can be misleading since the actual power lost is of no consequence. 1. the vin quiescent current is due to two components : the dc bias current as given in the electrical characteristics and the internal main switch and synchronous switch gate charge currents. the gate charge current results from switching the gate capacitance of the internal power mosfet switches. each time the gate is switched from high to low to high again, a packet of charge q moves from v in to ground. the resulting q/ t is the current out of v in that is typically larger than the dc bias current. in continuous mode, i gatechg = f(q t +q b ) where q t and q b are the gate charges of the internal top and bottom switches. both the dc bias and gate charge losses are proportional to v in and thus their effects will be more pronounced at higher supply voltages. 2. i 2 r losses are calculated from the resistances of the internal switches, r sw and external inductor r l . in continuous mode the average output current flowing through inductor l is ? chopped ? between the main switch and the synchronous switch. thus, the series resistance looking into the lx pin is a function of both top and bottom mosfet r ds(on) and the duty cycle (dc) as follows : r sw = r ds(on)top x dc + r ds(on)bot x (1 ? dc) the r ds(on) for both the top and bottom mosfets can be obtained from the typical performance characteristics for adjustable about voltage mode, the output voltage is set by an external resistive divider according to the following equation : polymer, aluminum electrolytic and ceramic capacitors are all available in surface mount packages. special polymer capacitors offer very low esr but have lower capacitance density than other types. tantalum capacitors have the highest capacitance density but it is important to only use types that have been surge tested for use in switching power supplies. aluminum electrolytic capacitors have significantly higher esr but can be used in cost-sensitive applications provided that consideration is given to ripple current ratings and long term reliability. ceramic capacitors have excellent low esr characteristics but can have a high voltage coefficient and audible piezoelectric effects. the high q of ceramic capacitors with trace inductance can also lead to significant ringing. using ceramic input and output capacitors higher values, lower cost ceramic capacitors are now becoming available in smaller case sizes. their high ripple current, high voltage rating and low esr make them ideal for switching regulator applications. however, care must be taken when these capacitors are used at the input and output. when a ceramic capacitor is used at the input and the power is supplied by a wall adapter through long wires, a load step at the output can induce ringing at the input, v in . at best, this ringing can couple to the output and be mistaken as loop instability. at worst, a sudden inrush of current through the long wires can potentially cause a voltage spike at v in large enough to damage the part. figure 4. setting the output voltage rt8009 gnd vfb r1 r2 v out
rt8009 10 ds8009-03 march 2007 www.richtek.com checking transient response the regulator loop response can be checked by looking at the load transient response. switching regulators take several cycles to respond to a step in load current. when a load step occurs, v out immediately shifts by an amount equal to i load (esr), where esr is the effective series resistance of c out . i load also begins to charge or discharge c out generating a feedback error signal used by the regulator to return v out to its steady-state value. during this recovery time, v out can be monitored for overshoot or ringing that would indicate a stability problem. layout considerations follow the pcb layout guidelines for optimal performance of rt8009. ` for the main current paths as indicated in bold lines in figure 6 keep their traces short and wide. ` put the input capacitor as close as possible to the device pins (vin and gnd). ` lx node is with high frequency voltage swing and should be kept small area. keep analog components away from lx node to prevent stray capacitive noise pick-up. curves. thus, to obtain i 2 r losses, simply add r sw to r l and multiply the result by the square of the average output current. other losses including c in and c out esr dissipative losses and inductor core losses generally account for less than 2% of the total loss. thermal considerations the maximum power dissipation depends on the thermal resistance of ic package, pcb layout, the rate of surroundings airflow and temperature difference between junction to ambient. the maximum power dissipation can be calculated by following formula : p d(max) = ( t j(max) - t a ) / ja where t j(max) is the maximum operation junction temperature 125 c, t a is the ambient temperature and the ja is the junction to ambient thermal resistance. for recommended operating conditions specification of rt8009 dc/dc converter, where t j (max) is the maximum junction temperature of the die (125 c) and t a is the maximum ambient temperature. the junction to ambient thermal resistance ja is layout dependent. for sot-23-5/tsot-23-5 packages, the thermal resistance ja is 250 c/w on the standard jedec 51-3 single-layer thermal test board. the maximum power dissipation at t a = 25 c can be calculated by following formula : p d(max) = ( 125 c - 25 c ) / 250 = 0.4 w for sot-23-5/ tsot-23-5 packages the maximum power dissipation depends on operating ambient temperature for fixed t j(max) and thermal resistance ja . for rt8009 packages, the figure 5 of derating curves allows the designer to see the effect of rising ambient temperature on the maximum power allowed. the value of junction to case thermal resistance jc is popular for users. this thermal parameter is convenient for users to estimate the internal junction operated temperature of packages while ic operating. it's independent of pcb layout, the surroundings airflow effects and temperature difference between junction to ambient. the operated junction temperature can be calculated by following formula : t j = t c + p d x jc where t c is the package case (pin 2 of package leads) temperature measured by thermal sensor, p d is the power dissipation defined by user's function and the jc is the junction to case thermal resistance provided by ic manufacturer. therefore it's easy to estimate the junction temperature by any condition. figure 5. derating curves for rt8009 package 0 50 100 150 200 250 300 350 400 450 0 20 40 60 80 100 120 140 ambient temperature (c) maximum power dissipation (mw) single layer pcb sot-23-5, tsot-23-5 packages
rt8009 11 ds8009-03 march 2007 www.richtek.com figure 7. top layer figure 8. bottom layer component supplier series inductance (uh) dcr (m ? ) current rating (ma) dimensions (mm) taiyo y ude n n r 3015 2.2 60 1480 3x3x1.5 taiyo y ude n n r 3015 4.7 120 1020 3x3x1.5 sumida cdrh2d14 2.2 75 1500 4.5 x 3.2x1.55 sumida cdrh2d14 4.7 135 1000 4.5 x 3.2x1.55 gotrend gt sd32 2.2 58 1500 3.85x3.85x1.8 gotrend gt sd32 4.7 146 1100 3.85x3.85x1.8 table 1. inductors component supplier part no. capacitance (uf) case size tdk c1608jb0j475m 4.7 0603 tdk c2012jb0j106m 10 0805 murata grm188r60j475ke19 4.7 0603 murata grm219r60j106me19 10 0805 murata grm219r60j106ke19 10 0805 taiyo yuden jmk107bj475ra 4.7 0603 taiyo yuden jmk107bj106ma 10 0603 taiy o y ude n jmk212bj106rd 10 0805 table 2. capacitors for c in and c out recommended component selection for typical application ` connect feedback network behind the output capacitors. keep the loop area small. place the feedback components near the rt8009. ` connect all analog grounds to a command node and then connect the command node to the power ground behind the output capacitors. ` an example of 2-layer pcb layout is shown in figure 7 and figure 8 for reference. lx gnd rt8009 en fb l1 c4 v in v out c3 r1 r2 vin 1 3 2 5 4 10uf c1 c2 4.7uf r3 4.7uh figure 6. evb schematic
rt8009 12 ds8009-03 march 2007 www.richtek.com outline dimension a a1 e b b d c h l sot-23-5 surface mount package dimensions in millimeters dimensions in inches symbol min max min max a 0.889 1.295 0.035 0.051 a1 0.000 0.152 0.000 0.006 b 1.397 1.803 0.055 0.071 b 0.356 0.559 0.014 0.022 c 2.591 2.997 0.102 0.118 d 2.692 3.099 0.106 0.122 e 0.838 1.041 0.033 0.041 h 0.080 0.254 0.003 0.010 l 0.300 0.610 0.012 0.024
rt8009 13 ds8009-03 march 2007 www.richtek.com richtek technology corporation headquarter 5f, no. 20, taiyuen street, chupei city hsinchu, taiwan, r.o.c. tel: (8863)5526789 fax: (8863)5526611 richtek technology corporation taipei office (marketing) 8f, no. 137, lane 235, paochiao road, hsintien city taipei county, taiwan, r.o.c. tel: (8862)89191466 fax: (8862)89191465 email: marketing@richtek.com tsot-23-5 surface mount package dimensions in millimeters dimensions in inches symbol min max min max a 0.700 1.000 0.028 0.039 a1 0.000 0.100 0.000 0.004 b 1.397 1.803 0.055 0.071 b 0.300 0.559 0.012 0.022 c 2.591 3.000 0.102 0.118 d 2.692 3.099 0.106 0.122 e 0.838 1.041 0.033 0.041 h 0.080 0.254 0.003 0.010 l 0.300 0.610 0.012 0.024 a a1 e b b d c h l


▲Up To Search▲   

 
Price & Availability of RT8009-15GB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X