Part Number Hot Search : 
56151 ASRD703 P6SMB62 LBS70A22 24000 74LVC74A 89C516RD C25P05Q
Product Description
Full Text Search
 

To Download P5341 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  etaldoc 843/4 page 1 of 4 june 2005 product data sheet adsl transformer P5341 features applications ? lead-free (pb-free) ? ti chip set tnetd7300 ? rohs compliant ? low distortion ? iec 60950 and ul 60950 certified ? supplementary insulation ? industry standard footprint description P5341 is a low distortion transformer for ti chip set tnetd7300. P5341 is certified to iec 60950 and ul 60950 for supplementary insulation for a primary circuit, 250v working voltage. P5341 is a ul recognized component and is supported by an iec cb test certificate. the part is completely lead-free, compliant with rohs directive 2002/95/ec, and suitable for lead-free and conventional processing. the safety system yields very low transformer parasitics, ensuring that P5341 exhibits excellent frequency response and balance; in combination with its good harmonic distortion performance, P5341 is ideally suited to low cost yet demanding adsl applications.
P5341 etaldoc 843/4 page 2 of 4 june 2005 specifications electrical typical values at t = 25oc, unless otherwise stated. parameter conditions min typ max units inductance 10khz 100mv 1-4 (link 2-3) 1.42 1.5 1.58 mh leakage inductance 100khz, 100mv, 1-4 (link 2-3; link 7, 8, 9, 10) - - 14 h interwinding capacitance 100khz 100mv 1-10 (link 2, 3; link 8, 9) - - 33 pf third harmonic (1) distortion 30khz, 5.3vrms (link 2-3; link 8-9) - - -84 db dc resistance 1-4 (link 2-3) 10-7 (link 8-9) - - - - 2.55 0.65 ? ? turns ratio 1-4: 10-7 (link 3, 2; link 8,9) 1.96 2.00 2.04 - voltage isolation (2) 50hz dc (1, 2, 3, 4 : 7, 8, 9, 10) 2.12 3.0 - - - - kvrms kv operating range: functional storage ambient temperature -40 -40 - - +85 +85 oc oc notes 1. 33 ? source, 130 ? load. 2. components are 100% tested at 3.25kv dc.
P5341 etaldoc 843/4 page 3 of 4 june 2005 construction dimensions shown are in millimetres (inches). safety absolute maximum ratings (ratings of components independent of circuit). short term isolation voltage (1s) 2.12kvrms, 3.0kvdc storage temperature -40oc to +85oc constructed in accordance with iec 60950-1 and ul 60950-1, supplementary insulation for a primary circuit, 250v maximum working voltage, flammability class v-0. terminal temperature (10s) 260oc connections fig . 2 2:1 10.00 (0.39) 5.00 (0.20) 10.00 (0.39) ?1.00 (0.04) dimensions fig . 1 13.60 max (0. 54) 14.0 max (0.55) 13.40 max (0.53) 2.90 (0.11) 10.00 (0.39) 5.00 (0.20) 10.00 (0.39) sq 0.50 (0.02) chamfer o n bo bbin t erminals finished snag. jesd97 category = e2. e 2
P5341 etaldoc 843/4 page 4 of 4 june 2005 certification copyright certified under the iec cb scheme to iec 60950:1999 (iec cb test certificate no. gb637w) sub-sections 1.5, 2.9, 2.10.3.1, 2.10.3.2, 2.10.4, 2.10.5, 2.10.5.2, 2.10.5.4, 4.5, 4.7.3, 4.7.3.1, 4.7.3.4, (class v-0) and 5.2, for a maximum working voltage of 250vrms, nominal mains supply voltage not exceeding 300vrms and a maximum operating temperature of +85oc in pollution degree 2 environments, supplementary insulation for a primary circuit. recognized under the component recognition program of underwriters laboratories inc. to us and canadian requirements can/csa c22.2 no. 60950-1-3/ul60950-1, first edition, maximum working voltage 250vrms, pollution degree 2, supplementary insulation for a primary circuit. ul file number e203175 additionally, profec technologies certifies all transformers as providing voltage isolation of 2.12kvrms, 3kv dc minimum. all shipments are supported by a certificate of conformity to current applicable safety standards etal and P5341 are trade marks of profec technologies ltd. the trade mark etal is registered at the uk trade marks registry. profec technologies ltd. is the owner of the design right under the copyright designs and patents act 1988 and no rights or licences are hereby granted or implied to any third party. ? 2000-2005 profec technologies ltd. reproduction prohibited. etal group oy, kuormatie 14, fin-03101, nummela telephone: +358 (0)20 7500 330 fax: +358 (0)20 7500 333 website: www.etalgroup.com email: etalgroup@egruppen.com iso 9001 fm 25326 e203175


▲Up To Search▲   

 
Price & Availability of P5341

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X