Part Number Hot Search : 
BF9864A NTE10 91381 C4010 713MZV 000M1 2SC2650 MMBZ5
Product Description
Full Text Search
 

To Download NE592D8G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 october, 2006 ? rev. 4 1 publication order number: ne592/d ne592 video amplifier the ne592 is a monolithic, two-stage, differential output, wideband video amplifier. it offers fixed gains of 100 and 400 without external components and adjustable gains from 400 to 0 with one external resistor. the input stage has been designed so that with the addition of a few external reactive elements between the gain select terminals, the circuit can function as a high-pass, low-pass, or band-pass filter. this feature makes the circuit ideal for use as a video or pulse amplifier in communications, magnetic memories, display, video recorder systems, and floppy disk head amplifiers. now available in an 8-pin version with fixed gain of 400 without external components and adjustable gain from 400 to 0 with one external resistor. features ? 120 mhz unity gain bandwidth ? adjustable gains from 0 to 400 ? adjustable pass band ? no frequency compensation required ? wave shaping with minimal external components ? mil-std processing available ? pb ? free packages are available applications ? floppy disk head amplifier ? video amplifier ? pulse amplifier in communications ? magnetic memory ? video recorder systems http://onsemi.com see detailed ordering and shipping information in the package dimensions section on page 8 of this data sheet. ordering information soic ? 8 d suffix case 751 pdip ? 8 n suffix case 626 1 8 1 8 marking diagrams ne592n8 awl yywwg a = assembly location l, wl = wafer lot y, yy = year w, ww = work week  or g = pb ? free package http://onsemi.com ne592 alyw  1 1 soic ? 14 d suffix case 751a 1 pdip ? 14 n suffix case 646 1 ne592d14g awlyww 1 ne592n14 awlyywwg 1 14 14 +v q6 output 1 output 2 r1 r2 r8 r10 r9 q5 q4 q3 r11 r12 q11 q10 r13 r14 r16 r15 r7b r7a q7b q8 q9 q7a g2a g1a input 1 input 2 r3 r5 g1b g2b q1 q2 -v figure 1. block diagram
ne592 http://onsemi.com 2 pin connections 1 2 3 45 6 7 8 1 2 3 4 5 6 78 14 13 12 11 10 9 input 1 nc g 2a gain select g 1a gain select v+ nc output 1 input 2 nc g 2b gain select g 1b gain select v- nc output 2 input 2 v- output 2 input 1 v+ output 1 g 1a gain select g 1b gain select d, n packages d, n packages (top view) (top view) maximum ratings (t a = +25 c, unless otherwise noted.) rating symbol value unit supply v oltage v cc  8.0 v differential input v oltage v in  5.0 v common-mode input v oltage v cm  6.0 v output current i out 10 ma operating ambient temperature range t a 0 to +70 c operating junction temperature t j 150 c storage temperature range t stg 65 to +150 c maximum power dissipation, t a = 25 c (still air) (note 1) d-14 package d-8 package n-14 package n-8 package p d max 0.98 0.79 1.44j1.17 w thermal resistance, junction ? to ? ambient d-14 package d-8 package n-14 package n-8 package r  ja 145 182 100 130 c/w stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. derate above 25 c at the following rates: d-14 package at 6.9 mw/ c d-8 package at 5.5 mw/ c n-14 package at 10 mw/ c n-8 package at 7.7 mw/ c.
ne592 http://onsemi.com 3 dc electrical characteristics (v ss =  6.0 v, v cm = 0, typicals at t a = +25 c, min and max at 0 c  t a  70 c, unless otherwise noted. recommended operating supply voltages v s =  6.0 v.) characteristic test conditions symbol min typ max unit differential voltage gain gain 1 (note 2) gain 2 (notes 3 and 4) r l = 2.0 k  , v out = 3.0 v p-p a vol 250 80 400 100 600 120 v/v input resistance gain 1 (note 2) gain 2 (notes 3 and 4) ? t a = 25 c 0 c  t a  70 c r in ? 10 8.0 4.0 30 ? ? ? ? k  input capacitance gain 2 (note 4) c in ? 2.0 ? pf input offset current t a = 25 c 0 c  t a  70 c i os ? ? 0.4 ? 5.0 6.0  a input bias current t a = 25 c 0 c  t a  70 c i bias ? ? 9.0 ? 30 40  a input noise voltage bw 1.0 khz to 10 mhz v noise ? 12 ?  v rms input voltage range ? v in  1.0 ? ? v common-mode rejection ratio gain 2 (note 4) v cm  1.0 v, f < 100 khz, t a = 25 c v cm  1.0 v, f < 100 khz, 0 c  t a  70 c v cm  1.0 v, f < 5.0 mhz cmrr 60 50 ? 86 ? 60 ? ? ? db supply voltage rejection ratio gain 2 (note 4)  v s =  0.5 v psrr 50 70 ? db output offset voltage gain 1 gain 2 (note 4) gain 3 (note 5) gain 3 (note 5) r l =  r l =  r l =  , t a = 25 c r l =  , 0 c  t a  70 c v os ? ? ? ? ? ? 0.35 ? 1.5 1.5 0.75 1.0 v output common-mode v oltage r l =  , t a = 25 c v cm 2.4 2.9 3.4 v output voltage swing dif ferential r l = 2.0 k  , t a = 25 c r l = 2.0 k  , 0 c  t a  70 c v out 3.0 2.8 4.0 ? ? ? v output resistance ? r out ? 20 ?  power supply current r l =  , t a = 25 c r l =  , 0 c  t a  70 c i cc ? ? 18 ? 24 27 ma ac electrical characteristics (t a = +25 c v ss =  6.0 v, v cm = 0, unless otherwise noted. recommended operating supply voltages v s =  6.0 v.) characteristic test conditions symbol min typ max unit bandwidth gain 1 (note 2) gain 2 (notes 3 and 4) ? bw ? ? 40 90 ? ? mhz rise time gain 1 (note 2) gain 2 (notes 3 and 4) v out = 1.0 v p ? p t r ? ? 10.5 4.5 12 ? ns propagation delay gain 1 (note 2) gain 2 (notes 3 and 4) v out = 1.0 v p ? p t pd ? ? 7.5 6.0 10 ? ns 2. gain select pins g 1a and g 1b connected together. 3. gain select pins g 2a and g 2b connected together. 4. applies to 14-pin version only. 5. all gain select pins open.
ne592 http://onsemi.com 4 typical performance characteristics common-mode rejection ratio ? db 100 90 80 70 60 50 40 30 20 10 0 10k 100k 1m 10m 100m frequency ? hz gain 2 v s = + 6v t a = 25 o c output voltage swing ? vpp 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 1 5 10 50 100 500 1000 frequency ? mhz v s = + 6v t a = 25 o c r l = 1k  1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -0.2 -0.4 -15 -10 -5 0 5 10 15 20 25 30 35 time ? ns v s = + 6v t a = 25 o c r l = 1k gain 2 gain 1 figure 2. common ? mode rejection ratio as a function of frequency figure 3. output voltage swing as a function of frequency figure 4. pulse response supply current ? ma 28 24 20 16 12 8 34 5678 supply voltage ? + v t a = 25 o c output voltage ? v 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -0.2 -0.4 -15 -10 -5 0 5 10 15 20 25 30 35 time ? ns gain 2 t a = 25 o c r l = 1k  v s = + 8v v s = + 3v v s = + 6v t a = 70 o c t amb = 0 o c output voltage ? v 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -0.2 -0.4 -15 -10 -5 0 5 10 15 20 25 30 35 time ? ns gain 2 v s = + 6v r l = 1k  t a = 25 o c figure 5. supply current as a function of temperature figure 6. pulse response as a function of supply voltage figure 7. pulse response as a function of temperature relative voltage gain 1.10 1.08 1.06 1.04 1.02 1.00 0.98 0.96 0.94 0.92 0.90 0 102030 405060 70 temperature ? o c v s = + 6v gain 2 gain 1 single ended voltage gain ? db 60 50 40 30 20 10 0 -10 1 5 10 50 100 500 1000 frequency ? mhz gain 2 v s = + 6v r l = 1k  t a = 125 o c t a = ? 55 o c t a = 25 o c relative voltage gain 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 34567 8 supply voltage ? + v t amb = 25 o c gain 2 gain 1 figure 8. voltage gain as a function of temperature figure 9. gain vs. frequency as a function of temperature figure 10. voltage gain as a function of supply voltage
ne592 http://onsemi.com 5 typical performance characteristics single ended voltage gain ? db 60 50 40 30 20 10 0 -10 1 5 10 50 100 500 1000 frequency ? mhz v s = + 8v v s = + 3v v s = + 6v gain 2 t a = 25 o c r l = 1k  14 1 12 11 8 7 4 3 0.2  f 0.2  f 592 51  r adj 1k  1k  t a = 25 o c v s = + 6v differential voltage gain ? v/v 1000 100 10 1 .1 .01 1 10 100 1k 10k 100k 1m r adj ?  v s = + 6v f = 100khz t a = 25 o c figure 2 figure 11. gain vs. frequency as a function of supply voltage figure 12. voltage gain adjust circuit figure 13. voltage gain as a function of radj (figure 2) supply current ? ma 21 20 19 18 17 16 15 14 -60 -20 20 60 100 140 temperature ? o c v s = + 6v overdrive recovery time ? ns 70 60 50 40 30 20 10 0 0 20 40 60 80 100 120 140 160 180 200 differential input voltage ? mv v s = + 6v t a = 25 o c gain 2 output voltage swing ? v or output sink current ? ma 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 3.0 4.0 5.0 6.0 7.0 8.0 supply voltage ? + v t a = 25 o c voltage current output voltage swing ? vpp 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 10 50 100 500 1k 5k 10k load resistance ?  v s = + 6v t a = 25 o c figure 14. supply current as a function of temperature figure 15. differential overdrive recovery time figure 16. output voltage and current swing as a function of supply voltage input resistance ? k 70 60 50 40 30 20 10 0 -60 -20 0 20 60 100 140 temperature ? o c gain 2 v s = + 6v input noise voltage ? vrms 100 90 80 70 60 50 40 30 20 10 0 1 10 100 1k 10k source resistance ?  gain 2 v s = + 6v t a = 25 o c bw = 10mhz figure 17. output voltage swing as a function of load resistance figure 18. input resistance as a function of temperature figure 19. input noise voltage as a function of source resistance 51 
ne592 http://onsemi.com 6 typical performance characteristics phase shift ? degrees 0 -5 -10 -15 -20 -25 012345678910 frequency ? mhz gain 2 v s = + 6v t a = 25 o c voltage gain ? db 60 50 40 30 20 10 0 1 10 100 1000 frequency ? mhz v s = + 6v t amb = 25 o c r l = 1k  gain 1 gain 2 figure 20. phase shift as a function of frequency figure 21. phase shift as a function of frequency figure 22. voltage gain as a function of frequency phase shift ? degrees 0 -50 -100 -150 -200 -250 -300 -350 1 10 100 1000 frequency ? mhz v s = + 6v t a = 25 o c gain 1 gain 2 voltage gain ? db .01 .1 1 10 100 1000 40 30 20 10 0 -10 -20 -30 -40 -50 frequency ? mhz v s = + 6v t a = 25 o c gain 3 figure 23. voltage gain as a function of frequency v in v out r l 592 51  51  51  51  e in e out e out 1k  1k  0.2  f 0.2  f 592 test circuits (t a = 25 c, unless otherwise noted.) figure 24. test circuits
ne592 http://onsemi.com 7 note: basic configuration disc/tape phase-modulated readback systems differentiation with high common-mode noise rejection note: for frequency f 1 << 1/2 (32) c v o  1.4 x 10 4 c dvi dt z v 1 2r e +6 v 0 7 5 4 1 14 11 10 -6 592 read head differentiator/amplifier zero crossing detector +5 948 529 7 5 q q 6 3 2 1 10 +6 14 11 10 8 7 5 4 1 -6 amplitude: 1-10 mv p-p frequency: 1-4 mhz 592 0.2  f +6 0.2  f 2k  2k  v 0 v 1 c 14 1 11 4 10 5 7 8 -6 592 v 0 (s) v 1 (s)  1.4  10 4 z(s)  2r e  1.4  10 4 z(s)  32 figure 25. typical applications notes: in the networks above, the r value used is assumed to include 2r e , or approximately 32  . s = j   = 2 f 1.4 10 4 l
1 s  r l 1.4 10 4 r
s s  1 rc 1.4 10 4 l
s s 2  r ls  1 lc 1.4 10 4 r
s 2  1 lc s 2  1 lc  s rc z network filter type v 0 (s) transfer v 1 (s) function low pass high pass band pass band reject rl rc rlc r l c figure 26. filter networks
ne592 http://onsemi.com 8 ordering information device temperature range package shipping ? ne592d8 0 to +70 c soic ? 8 98 units/rail NE592D8G soic ? 8 (pb ? free) ne592d8r2 soic ? 8 2500 / tape & reel ne592d8r2g soic ? 8 (pb ? free) ne592n8 pdip ? 8 50 units/rail ne592n8g pdip ? 8 (pb ? free) ne592d14 soic ? 14 55 units/rail ne592d14g soic ? 14 (pb ? free) ne592d14r2 soic ? 14 2500 / tape & reel ne592d14r2g soic ? 14 (pb ? free) ne592n14 pdip ? 14 25 units/rail ne592n14g pdip ? 14 (pb ? free) ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification brochure, brd801 1/d.
ne592 http://onsemi.com 9 package dimensions soic ? 8 nb case 751 ? 07 issue ah seating plane 1 4 5 8 n j x 45  k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 6. 751 ? 01 thru 751 ? 06 are obsolete. new standard is 751 ? 07. a b s d h c 0.10 (0.004) dim a min max min max inches 4.80 5.00 0.189 0.197 millimeters b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.053 0.069 d 0.33 0.51 0.013 0.020 g 1.27 bsc 0.050 bsc h 0.10 0.25 0.004 0.010 j 0.19 0.25 0.007 0.010 k 0.40 1.27 0.016 0.050 m 0 8 0 8 n 0.25 0.50 0.010 0.020 s 5.80 6.20 0.228 0.244 ? x ? ? y ? g m y m 0.25 (0.010) ? z ? y m 0.25 (0.010) z s x s m  1.52 0.060 7.0 0.275 0.6 0.024 1.270 0.050 4.0 0.155 mm inches  scale 6:1 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting t echniques reference manual, solderrm/d. soldering footprint*
ne592 http://onsemi.com 10 package dimensions pdip ? 8 n suffix case 626 ? 05 issue l notes: 1. dimension l to center of lead when formed parallel. 2. package contour optional (round or square corners). 3. dimensioning and tolerancing per ansi y14.5m, 1982. 14 5 8 f note 2 ? a ? ? b ? ? t ? seating plane h j g d k n c l m m a m 0.13 (0.005) b m t dim min max min max inches millimeters a 9.40 10.16 0.370 0.400 b 6.10 6.60 0.240 0.260 c 3.94 4.45 0.155 0.175 d 0.38 0.51 0.015 0.020 f 1.02 1.78 0.040 0.070 g 2.54 bsc 0.100 bsc h 0.76 1.27 0.030 0.050 j 0.20 0.30 0.008 0.012 k 2.92 3.43 0.115 0.135 l 7.62 bsc 0.300 bsc m ??? 10 ??? 10 n 0.76 1.01 0.030 0.040 
ne592 http://onsemi.com 11 package dimensions soic ? 14 case 751a ? 03 issue h notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. ? a ? ? b ? g p 7 pl 14 8 7 1 m 0.25 (0.010) b m s b m 0.25 (0.010) a s t ? t ? f r x 45 seating plane d 14 pl k c j m  dim min max min max inches millimeters a 8.55 8.75 0.337 0.344 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.228 0.244 r 0.25 0.50 0.010 0.019  7.04 14x 0.58 14x 1.52 1.27 dimensions: millimeters 1 pitch soldering footprint* 7x *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting t echniques reference manual, solderrm/d.
ne592 http://onsemi.com 12 package dimensions pdip ? 14 case 646 ? 06 issue p 17 14 8 b a dim min max min max millimeters inches a 0.715 0.770 18.16 19.56 b 0.240 0.260 6.10 6.60 c 0.145 0.185 3.69 4.69 d 0.015 0.021 0.38 0.53 f 0.040 0.070 1.02 1.78 g 0.100 bsc 2.54 bsc h 0.052 0.095 1.32 2.41 j 0.008 0.015 0.20 0.38 k 0.115 0.135 2.92 3.43 l m ??? 10 ??? 10 n 0.015 0.039 0.38 1.01  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. f hg d k c seating plane n ? t ? 14 pl m 0.13 (0.005) l m j 0.290 0.310 7.37 7.87 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, in cluding without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different a pplications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical e xperts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc prod uct could create a s ituation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indem nify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney f ees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was neglig ent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 ne592/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NE592D8G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X