Part Number Hot Search : 
BC547B 2RS18G W91590 GM7110 PF6AT CY6117A 6601C W91590
Product Description
Full Text Search
 

To Download MPL135-0R4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mt2 relay the best rela y tion 108-98006 rev. c ec-jm00-0009-03 ecoc: jm10 1. apr. 04
2 pole telecom/signal relay through hole type (tht) non-polarized. non-latching 1 coil features C telecom/signal relay (dry circuit, test access, ringing) C slim line 20 x 10 mm, 0.795 x 0.393 inch C switching current 2 a C 2 changeover contacts (2 form c / dpdt) C bifurcated contacts C meets fcc part 68 and itu-t k20 typical applications C communications equipment linecard application C analog, isdn, xdsl pabx voice over ip C office and business equipment C measurement and control equipment C consumer electronics C set top boxes, hifi C medical equipment - automotive equipment mt2 relay ul 508 file no. e 111441 iec 61811-52:02 (qc160504) page 2 (9) 108-98006 rev. c european directive conformance: mt2 relay product conformance according to: - directive 2000/53/ec: elv (end of life of vehicles) - directive 2002/95/ec: rohs (restrictions of the use of certain hazardous substances in electrical and electronic equipment) compliance is evidenced by written declaration from all raw material suppliers. tyco electronics axicom only has responsibility for the proper processing of these materials. confirmation is valid for date codes 0416
mt2 relay tht version basic grid 2.54 mm mounting hole layout view onto the component side of the pcb (top view) terminal assignment relay - top view non-latching 1 coil release condition tht mm inch l 20.2 + 0.05/-0.02 0.795 + 0.002/-0.0008 w 10 + 0.05/-0.02 0.393 + 0.002/-0.0008 h 11+0.1/-0.2 0.433 + 0.004/-0.008 t 3.1 0.3 0.122 0.011 t1 n/a n/a t2 7.62 0.15 0.3 0.005 s 0.55 0.021 tw 0.5 0.020 dimension page 3 (9) 108-98006 rev. c
4.5 2.9 6.3 0.45 550 36 c 93438 7-1462000-7 5 3.3 7.0 0.5 550 45 c 93450 8-1462000-5 6 3.9 8.4 0.60 550 66 c 93437 7-1462000-6 12 7.8 16.8 1.20 550 280 c 93432 6-1462000-2 24 15.6 33.6 2.40 550 1050 c 93431 6-1462000-1 48 31.2 67.2 4.80 550 4100 c 93430 5-1462000-9 3 2.0 7.0 0.30 200 45 c 93414 1-1462001-1 4.5 2.9 10.5 0.45 200 101 c 93415 3-1462000-0 5 3.3 11.6 0.50 200 125 c 93416 3-1462000-1 6 3.9 14.0 0.60 200 180 c 93428 5-1462000-7 9 5.9 21.0 0.90 200 405 c 93417 3-1462000-6 12 7.8 28.0 1.20 200 720 c 93418 3-1462000-7 24 15.6 59.9 2.40 200 2880 c 93419 4-1462000-1 48 31.2 112.0 4.80 200 11520 c 93420 4-1462000-5 mt2 relay sensitive version (300 mw) non-latching 1 coil sensitive version (200 mw) non-latching 1 coil 3 2.1 8.1 0.30 150 60 c 93400 1-1462001-2 4.5 3.2 12.2 0.45 150 136 c 93406 2-1462000-2 5 3.6 13.5 0.50 150 168 c 93401 0-1462000-1 6 4.3 16.2 0.60 150 240 c 93427 5-1462000-6 9 6.4 24.3 0.90 150 544 c 93405 2-1462000-0 12 8.6 32.4 1.20 150 968 c 93402 0-1462000-7 24 17.1 64.8 2.40 150 3872 c 93403 1-1462000-3 48 33.1 129.6 4.80 150 15468 c 93404 1-1462000-8 high sensitive version (150 mw) non-latching 1 coil standard version (550 mw) non-latching 1 coil 4.5 3.1 8.9 0.45 300 73 c 93433 6-1462000-6 5 3.4 9.9 0.50 300 90 c 93434 6-1462000-8 12 8.25 23.6 1.20 300 515 c 93412 2-1462000-6 24 16.5 47.3 2.40 300 2060 c 93435 7-1462000-0 48 32.5 54.6 4.80 300 8240 c 93436 7-1462000-2 4.5 2.9 8.9 0.45 400 50 c 93421 4-1462000-7 5 3.3 9.9 0.50 400 63 c 93422 4-1462000-8 6 3.9 11.8 0.60 400 90 c 93429 5-1462000-8 9 5.9 17.7 0.90 400 203 c 93423 5-1462000-0 12 7.8 23.6 1.20 400 360 c 93424 5-1462000-1 24 15.6 47.3 2.40 400 1440 c 93425 5-1462000-3 48 31.2 94.6 4.80 400 5760 c 93426 5-1462000-5 standard version (400 mw) non-latching 1 coil coil data (values at 23c) nominal operate/set voltage range release/ coil coil relay tyco part voltage reset voltage power resistance code number u nom minimum minimum maximum voltage u min voltage u max vdc vdc vdc vdc mw ? / 10 % ordering information page 4 (9) 108-98006 rev. c
mt2 relay 0 . 0 0 . 2 0 . 4 0 . 6 0 . 8 1 . 0 1 . 2 1 . 4 1 . 6 1 . 8 2 . 0 2 . 2 2 . 4 2 . 6 2 . 8 3 . 0 3 . 2 - 6 0 - 5 0 - 4 0 - 3 0 - 2 0 - 1 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 1 0 0 1 1 0 1 2 0 1 5 0 m w c o i l 0 0 . 2 0 . 4 0 . 6 0 . 8 1 1 . 2 1 . 4 1 . 6 1 . 8 2 2 . 2 2 . 4 2 . 6 2 . 8 3 - 6 0 - 5 0 - 4 0 - 3 0 - 2 0 - 1 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 1 0 0 1 1 0 1 2 0 2 0 0 m w c o i l 0 . 0 0 . 2 0 . 4 0 . 6 0 . 8 1 . 0 1 . 2 1 . 4 1 . 6 1 . 8 2 . 0 2 . 2 2 . 4 2 . 6 2 . 8 3 . 0 - 6 0 - 5 0 - 4 0 - 3 0 - 2 0 - 1 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 1 0 0 1 1 0 1 2 0 3 0 0 m w c o i l 0 . 0 0 . 2 0 . 4 0 . 6 0 . 8 1 . 0 1 . 2 1 . 4 1 . 6 1 . 8 2 . 0 2 . 2 2 . 4 2 . 6 2 . 8 3 . 0 - 6 0 - 5 0 - 4 0 - 3 0 - 2 0 - 1 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 1 0 0 1 1 0 1 2 0 4 0 0 m w c o i l 0 . 0 0 . 2 0 . 4 0 . 6 0 . 8 1 . 0 1 . 2 1 . 4 1 . 6 1 . 8 2 . 0 2 . 2 2 . 4 2 . 6 2 . 8 3 . 0 - 6 0 - 5 0 - 4 0 - 3 0 - 2 0 - 1 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 1 0 0 1 1 0 1 2 0 5 5 0 m w c o i l u nom = nominal coil voltage u max. = upper limit of the operative range of the coil voltage (limiting voltage) when coils are continously energized u op. min. = lower limit of the operative range of the coil voltage (reliable operate voltage) u rel. min. = lower limit of the operative range of the coil voltage (reliable release voltage) coil operating range page 5 (9) 108-98006 rev. c u max. at 0 a u max. at 2 x 2 a u max. at 2 x 1 a u nom. nominal coil voltage u op. min. u rel. min. ambient temperature [c] coil voltage [u/u nom ] u max. at 0 a u max. at 2 x 2 a u max. at 2 x 1 a u op. min. u rel. min. ambient temperature [c] coil voltage [u/u nom ] u max. at 0 a u max. at 2 x 2 a u max. at 2 x 1 a u nom. nominal coil voltage u op. min. u rel. min. u max. at 0 a u max. at 2 x 2 a u max. at 2 x 1 a u nom. nominal coil voltage u op. min. u rel. min. u max. at 0 a u max. at 2 x 2 a u max. at 2 x 1 a u nom. nominal coil voltage u op. min. u rel. min. ambient temperature [c] coil voltage [u/u nom ] ambient temperature [c] coil voltage [u/u nom ] ambient temperature [c] coil voltage [u/u nom ] 150 mw 200 mw 300 mw 400 mw 550 mw u nom. nominal coil voltage
contact data number of contacts and type contact assembly contact material limiting continuous current at max. ambient temperature maximum switching current maximum swichting voltage maximum switching capacity thermoelectric potential minimum switching voltage initial contact resistance / measuring condition: 10 ma / 20 mv electrical endurance contact application 0 (30 mv/ 10 ma) cable load open end resistive load 150 v / 0.2 a - 30 w 24 v / 1.25 a - 30 w mechanical endurance ul contact ratings 2 changeover contacts bifurcated contacts silver-nickel, gold-covered 2 a 2 a 220 vdc 250 vac 60 w, 62.5 va < 10 m v 100 m v < 70 m w min. 5 x 10 6 operations min. 2.5 x 10 6 operations min. 2.0 x 10 5 operations min. 2.0 x 10 5 operations typ. 10 8 operations 220 vdc / 0.24 a - 60 w 125 vdc / 0.24 a - 30 w 250 vac / 0.25 a - 62.5 va 125 vac / 0.5 a - 62.5 va 30 vdc / 2 a - 60 w mt2 relay insulation insulation resistance at 500 vdc dielectric test voltage (1 min) between coil and contacts between adjacent contact sets between open contacts surge voltage resistance according to fcc 68 (10 / 160 m s) and iec (10 / 700 m s) between coil and contacts between adjacent contact sets between open contacts > 10 9 w 1050 vrms 750 vrms 750 vrms 1500 v 1500 v 1500 v page 6 (9) 108-98006 rev. c max. dc load breaking capacity dc voltage [vdc] dc current [a]
general data operate time at u nom typ. / max. release time without diode in parallel (non-latching), typ. / max. release time with diode in parallel (non-latching), typ. / max. bounce time at closing contact, typ. / max. maximum switching rate without load ambient temperature thermal resistance maximum permissible coil temperature vibration resistance (function) shock resistance, half sinus, 11 ms degree of protection needle flame test mounting position processing information weight (mass) terminal surface resistance to soldering heat 4 ms / 5 ms 1 ms / 3 ms 4 ms / 6 ms 1 ms / 5 ms 50 operations/s -55 c ... +85 c < 85 k/w 115 c 10 g 10 to 500 hz 10 g / 30 g (function) 30 g (damage) immersion cleanable, ip 67 application time 10 s, any ultrasonic cleaning is not recommended max. 5 g sncu 0.7 260 c / 10 s all data refers to 23 c unless otherwise specified. mt2 relay tube for tht version - 25 relays per stick, 1000 relays per box packing capacitance between coil and contacts between adjacent contact sets between open contacts rf characteristics isolation at 100 / 900 mhz insertion loss at 100 / 900 mhz v.s.w.r. at 100 / 900 mhz max. 4 pf max. 2 pf max. 2 pf - 31.8 db / - 14.2 db - 0.02 db / - 0.97 db 1.03 / 1.31 high frequency data page 7 (9) 108-98006 rev. c dimensions in mm
mt2 relay im relays 4 th generation slim line C low profile polarized 2 c/o telecom relay with bifurcated contacts, available as non latching or latching relay with 1 coil. nominal voltage range from 1.5... 24 v, coil power consumption of 140... 200 mw, latching relays with 1 coil 100 mw. the im relay is available as through hole and surface mount type (j-legs and gull wings) and capable to switch loads up to 60 w/62,5 va. dielectric strength fulfills the bellcore requirements according gr 1089 (2,5 kv C 2 / 10 s) and fcc part 68 (1,5 kv C 10 / 160 s). the im relay is cecc/iecq approved and certified in accordance with iec/en 60950 and ul1950. dimensions approx. 10 x 6 mm board space and 5.65 mm height. p2 relays 3 rd generation polarized 2 c/o telecom relay with bifurcated contacts, available as non latching or latching relay with 1 or 2 coils. nominal voltage range from 3 ... 24 v, coil power consumption 140 mw, latching relays with 1 coil 70 mw. the p2 relay is available as through hole or surface mount type and capable to switch currents up to 5 a. dielectric strength fulfills the bellcore requirements according gr 1089 (2,5 kv C 2 / 10 s) and fcc part 68 (1,5 kv C 10 / 160 s). dimensions approx. 15 x 7,5 mm board space and 10 mm height. fx relays 3 rd generation polarized 2 c/o telecom relay with bifurcated contacts, available as non latching or latching relay with 1 coil. nominal voltage range from 3 ... 48 v, coil power consumption of 80 ... 260 mw for the high sensitive version, 140... 300 mw for the standard version, latching relays with 1 coil 100 mw. the fx2 relay is available as through hole type and capable to switch loads up to 60 w/62,5 va. dielectric strength fulfills the bellcore requirements according gr 1089 (2,5 kv C 2 / 10 s) and fcc part 68 (1,5 kv C 10 / 160 s). the fx2 is cecc/ iecq approved and certified in accordance with iec/en 60950 and ul1950. dimensions approx. 15 x 7,5 mm board space and 10,7 mm height. ft2 / fu2 relays 3 rd generation non polarized, non latching 2 c/o telecom relay with bifurcated contacts. nominal voltage range from 3 ... 48 v, coil power consumption 200 ... 300 mw. most sensitive 48 v relay. available as through hole and surface mount type. dielectric strength fulfills the bellcore requirements according gr 1089 (2,5 kv C 2 / 10 s) and fcc part 68 (1,5 kv C 10 / 160 s). the ft2/fu2 is cecc/iecq approved and certified in accordance with iec/en 60950 and ul1950. dimensions approx. 15 x 7,5 mm board space and 10 mm height. fp1 relays 3 rd generation polarized 2 c/o telecom relay with bifurcated contacts, available as non latching or latching relay with 1 or 2 coils. nominal voltage range from 3 ... 48 v, coil power consumption of 80 ... 260 mw for the high sensitive version, 140... 300 mw for the standard version, latching relays with 1 coil 100 mw.. the fp1 relay is available as through hole type and capable to switch loads up to 30 w/62,5 va. dielectric strength fulfills fcc part 68 (1,5 kv C 10 / 160 s). the fp2 is cecc/iecq approved. dimensions approx. 14 x 9 mm board space and 5 mm height. mt2 / mt4 2 nd generation non polarized, non latching 2 c/o and 4 c/o telecom and signal relay with bifurcated contacts. nominal voltage range from 4.5 ... 48 v, coil power consumption 150/200/300/400 and 550 mw, and 300 mw (mt4). dielectric strength fulfills the requirements according fcc part 68 (1,5 kv C 10 / 160 s) for both and the bellcore requirements according gr 1089 (2,5 kv C 2 / 10 s) the mt4 only. dimensions mt2 approx. 20 x 10 mm board space and 11 mm height, mt4 approx. 20 x15 mm board space and 11 mm height. d2n relays 2 nd generation non polarized 2 c/o relay for telecom and various other applications. nominal voltage range from 3 ... 48 v, coil power consumption from 150 .... 500 mw. the d2n relay is capable to switch currents up to 3 a. dielectric strength fulfills the requirements according fcc part 68 (1,5 kv C 10 / 160 s). dimensions approx. 20 x10 mm board space and 11,5 mm height. p1 relays extremely sensitive, polarized 1 c/o relay with bifurcated contacts for a wide range of applications, available as non latching or latching relay with 1 or 2 coils. nominal voltage range from 3 ... 24 v, coil power consumption 65 mw, latching relays with 1 coil 30 mw. the p1 relay is available as through hole or surface mount type and capable to switch currents up to 1 a. dielectric strength fulfills the requirements according fcc part 68 (1,5 kv C 10 / 160 s). dimensions approx. 13 x 7,6 mm board space and 7 mm height for tht or 8 mm height for smt version. w11 relays low cost, non polarized 1 c/o relay for various applications. nominal voltage range from 3 ... 24 v, coil power consumption 450 mw, sensitive versions 200 mw. the w11 relay is capable to switch currents up to 3 a. dielectric strength 1000 vrms. dimensions approx. 15,6 x 10,6 mm board space and 11,5 mm height. reed relays high sensitive, non polarized relay for telecom and various other applications, available with 1 n/o, 2 n/o or 1c/o contacts. nominal voltage range from 5 ... 24 v, coil power consumption 50...280 mw for 1 n/o and 125 ... 280 mw for 2 n/o or 1 c/o versions. reedrelays are available in dip or sil housing and capable to switch currents up to 0,5 a. integrated diode and/or electrostatic shield optional. dielectric strength 1500 vdc. dimensions approx. 19,3 x 7 mm board space and 5 ... 7,5 mm height for dip or 19,8 x 5 mm board space and 7,8 mm height for sil version. cradle relays extremely reliable and mature relay family of 1 st generation for various signal switching applications. available as non polarized, polarized / latching and relay with ac coil. the benefit is the possibility of combining various contact sets from 1 up to 6 poles, single and bifurcated contacts, different contact materials with a coil voltage range from 1,5 vdc to 220 vac. cradle relays are available as dust protected and hermetically sealed versions, with plug in or solder terminals and are capable to switch currents up to 5 a. forcibly guided (linked) contact sets optional. dielectric strength 500 vrms. dimensions from approx. 19 x 24 to 19x35 mm board space and 30 mm height. other relays we offer a variety of different relay families for maintenance and replacement purposes. these relays are up to 60 years old now, such as card relay sn (v23030 / v23031 series), small general purpose relay (v23006 series), small polarized relay (v23063 ... v23067 and v23163 ... v23167 series). accessories like sockets, hold down springs, etc. optional. hf3 relay high performance low cost rf relay with excellent rf characteristics. available with an impedance of 50 and 75 ohm. suitable for frequen - cies up to 3 ghz. actually smallest rf relay available combining small size, excellent rf performance and smd solderability. available as non latching or latching relay with 1 or 2 coils and a nominal coil voltage range from 3 ... 24 v, coil power consumption 140 mw, latching relays with 1 coil 70 mw. dimensions 14.6 x 7.3 x 10 mm. page 8 (9) 108-98006 rev. c
tyco electronics axicom ltd. seestrasse 295 - p.o. box 220 ch-8804 au-w?denswil / switzerland phone +41 1 782 9111 fax +41 1 782 9080 e-mail: axicom@tycoelectronics.com tyco electronics corporation pob 3608, harrisburg, pa 17105, usa phone +1 800-522-6752 tyco electronics ec trutnov s.r.o. komenskho 821 cz-541 01 trutnov / czech republic e-mail: axicom@tycoelectronics.com tyco electronics amp gmbh paulsternstrasse 26 d-13629 berlin / germany phone +49 30 386 38260 fax +49 30 386 38569 e-mail: axicom@tycoelectronics.com page 9 (9) 108-98006 rev. c


▲Up To Search▲   

 
Price & Availability of MPL135-0R4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X