Part Number Hot Search : 
IONAL 151TS MM3091K CJ22C SA158 ADM3077E IRFE330 LU4S125A
Product Description
Full Text Search
 

To Download MM1Z3V0B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silicon planar zener diodes features ? total power dissipation: max. 500 mw ? small plastic package suitable for surface mounted design ? high reliability absolute maximum ratings (t a = 25 o c) parameter symbol value unit power dissipation p tot 500 mw junction temperature t j 150 o c storage temperature range t stg - 55 to + 150 o c characteristics at t a = 25 o c parameter symbol max. unit thermal resistance junction to ambient air r tha 340 o c/w forward voltage at i f = 10 ma v f 0.9 v anode 2 top view simplified outline sod-123 and symbol 1 2 pinning 1 pin cathode description mm1z2v2b~mm1z39b 1 date:2011/05 www.htsemi.com semiconductor jinyu
characteristics at t a = 25 o c type marking code zener voltage range 1) dynamic impedance 2) reverse leakage current v znom v l zt for v zt z zt (max.) at i zt i r (max.) at v r ma v ? ma a v mm1z2v2b 9b 2.2 5 2.1...2.4 100 5 120 0.7 mm1z2v4b 9c 2.4 5 2.3?2.65 100 5 120 1 mm1z2v7b 9d 2.7 5 2.65?2.95 110 5 120 1 MM1Z3V0B 9e 3.0 5 2.95?3.25 120 5 50 1 mm1z3v3b 9f 3.3 5 3.25?3.55 120 5 20 1 mm1z3v6b 9h 3.6 5 3.6?3.845 100 5 10 1 mm1z3v9b 9j 3.9 5 3.89?4.16 100 5 5 1 mm1z4v3b 9k 4.3 5 4.17?4.43 100 5 5 1 mm1z4v7b 9m 4.7 5 4.55?4.75 100 5 2 1 mm1z5v1b 9n 5.1 5 4.98?5.2 80 5 2 1.5 mm1z5v6b 9p 5.6 5 5.49?5.73 60 5 1 2.5 mm1z6v2b 9r 6.2 5 6.06?6.33 60 5 1 3 mm1z6v8b 9x 6.8 5 6. 65?6.93 40 5 0.5 3.5 mm1z7v5b 9y 7.5 5 7.28?7.6 30 5 0.5 4 mm1z8v2b 9z 8.2 5 8.02?8.36 30 5 0.5 5 mm1z9v1b 0a 9.1 5 8.85?9.23 30 5 0.5 6 mm1z10b 0b 10 5 9.77?10.21 30 5 0.1 7 mm1z11b 0c 11 5 10.76?11.22 30 5 0.1 8 mm1z12b 0d 12 5 11.74?12.24 30 5 0.1 9 mm1z13b 0e 13 5 12.91?13.49 37 5 0.1 10 mm1z15b 0f 15 5 14.34?14.98 42 5 0.1 11 mm1z16b 0h 16 5 15.85?16.51 50 5 0.1 12 mm1z18b 0j 18 5 17.56?18.35 65 5 0.1 13 mm1z20b 0k 20 5 19.52?20.39 85 5 0.1 15 mm1z22b 0m 22 5 21.54?22.47 100 5 0.1 17 mm1z24b 0n 24 5 23.72?24.78 120 5 0.1 19 mm1z27b 0p 27 5 26.19?27.53 150 5 0.1 21 mm1z30b 0r 30 5 29.19?30.69 200 5 0.1 23 mm1z33b 0x 33 5 32.15?33.79 250 5 0.1 25 mm1z36b 0y 36 5 35.07?36.87 300 5 0.1 27 mm1z39b 0z 39 5 37?41 100 5 2 30 1) v z is tested with pulses(20 ms). 2) z zt is measured at i z by given a very small a.c. current signal. mm1z2v2b~mm1z39b 2 date:2011/05 www.htsemi.com semiconductor jinyu
package outline plastic surface mounted package; 2 leads sod-123 e mm unit a b c dehv all round d b c a a h h e p p e 1.15 1.05 0.6 0.5 0.135 0.100 2.7 2.6 1.65 1.55 3.9 3.7 0.2 o 5 mm1z2v2b~mm1z39b 3 date:2011/05 www.htsemi.com semiconductor jinyu


▲Up To Search▲   

 
Price & Availability of MM1Z3V0B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X