|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
? semiconductor components industries, llc, 2000 october, 2000 rev. 2 1 publication order number: mc100lvel51/d mc100lvel51 3.3vecl differential clock d flipflop the mc100lvel51 is a differential clock d flip-flop with reset. the device is functionally equivalent to the el51 device, but operates from a 3.3 v supply. with propagation delays and output transition times essentially equal to the el51, the lvel51 is ideally suited for those applications which require the ultimate in ac performance at 3.3 v v cc . the reset input is an asynchronous, level triggered signal. data enters the master portion of the flip-flop when the clock is low and is transferred to the slave, and thus the outputs, upon a positive transition of the clock. the differential clock inputs of the lvel51 allow the device to be used as a negative edge triggered flip-flop. the differential input employs clamp circuitry to maintain stability under open input conditions. when left open, the clk input will be pulled down to v ee and the clk input will be biased at v cc /2. ? 475 ps propagation delay ? 2.8 ghz toggle frequency ? esd protection: >4 kv hbm, >200 v mm ? the 100 series contains temperature compensation ? pecl mode operating range: v cc = 3.0 v to 3.8 v with v ee = 0 v ? necl mode operating range: v cc = 0 v with v ee = 3.0 v to 3.8 v ? internal input pulldown resistors ? meets or exceeds jedec spec eia/jesd78 ic latchup test ? moisture sensitivity level 1 for additional information, see application note and8003/d ? flammability rating: ul94 code v0 @ 1/8o, oxygen index 28 to 34 ? transistor count = 114 devices http://onsemi.com device package shipping ordering information mc100lvel51d so8 98 units / rail mc100lvel51dr2 so8 2500 / reel mc100lvel51dt tssop8 98 units / rail mc100lvel51dtr2 tssop8 2500 / reel *for additional information, see application note and8002/d so8 d suffix case 751 marking diagrams* tssop8 dt suffix case 948r a = assembly location l = wafer lot y = year w = work week 1 8 1 8 alyw kvl51 1 8 alyw kv51 1 8
mc100lvel51 http://onsemi.com 2 1 2 3 45 6 7 8 q v ee v cc logic diagram and pinout assignment d q clk clk r d r flip-flop truth table d l h x r l l h clk z z x q l h l z = low to high transition x = don't care clk, clk ecl differential clock input q, q ecl differential output d ecl d input r ecl reset input v cc positive supp;y v ee negative supply pin description pin function maximum ratings (note 1.) symbol parameter condition 1 condition 2 rating units v cc pecl mode power supply v ee = 0 v 8 to 0 v v ee necl mode power supply v cc = 0 v 8 to 0 v v i pecl mode input voltage v ee = 0 v v i v cc 6 to 0 v i c ode u o age necl mode input voltage ee 0 v cc = 0 v i cc v i v ee 6o0 6 to 0 v i out output current continuous surge 50 100 ma ma ta operating temperature range 40 to +85 c t stg storage temperature range 65 to +150 c q ja thermal resistance (junction to ambient) 0 lfpm 500 lfpm 8 soic 8 soic 190 130 c/w c/w q jc thermal resistance (junction to case) std bd 8 soic 41 to 44 5% c/w q ja thermal resistance (junction to ambient) 0 lfpm 500 lfpm 8 tssop 8 tssop 185 140 c/w c/w q jc thermal resistance (junction to case) std bd 8 tssop 41 to 44 5% c/w t sol wave solder <2 to 3 sec @ 248 c 265 c 1. maximum ratings are those values beyond which device damage may occur. mc100lvel51 http://onsemi.com 3 lvpecl dc characteristics v cc = 3.3 v; v ee = 0.0 v (note 1) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 30 35 30 35 32 37 ma v oh output high voltage (note 2.) 2215 2295 2420 2275 2345 2420 2275 2345 2420 mv v ol output low voltage (note 2.) 1470 1605 1745 1490 1595 1680 1490 1595 1680 mv v ih input high voltage (single ended) 2135 2420 2135 2420 2135 2420 mv v il input low voltage (single ended) 1490 1825 1490 1825 1490 1825 mv v ihcmr input high voltage common mode range (differential) (note 3.) vpp < 500 mv vpp 500 mv 1.2 1.4 3.0 3.0 1.1 1.3 3.0 3.0 1.1 1.3 3.0 3.0 v v i ih input high current 150 150 150 m a i il input low current others clk 0.5 600 0.5 600 0.5 600 m a m a note: devices are designed to meet the dc specifications shown in the above table, after thermal equilibrium has been establishe d. the circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained. 1. input and output parameters vary 1:1 with v cc . v ee can vary 0.3 v. 2. outputs are terminated through a 50 ohm resistor to v cc 2 volts. 3. v ihcmr min varies 1:1 with v ee , max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the differential input signal. normal operation is obtained if the high level falls within the specified range and the peak-to-peak voltage lies between v pp min and 1 v. lvnecl dc characteristics v cc = 0.0 v; v ee = 3.3 v (note 1.) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 30 35 30 35 32 37 ma v oh output high voltage (note 2.) 1085 1005 880 1025 955 880 1025 955 880 mv v ol output low voltage (note 2.) 1830 1695 1555 1810 1705 1620 1810 1705 1620 mv v ih input high voltage (single ended) 1165 880 1165 880 1165 880 mv v il input low voltage (single ended) 1810 1475 1810 1475 1810 1475 mv v ihcmr input high voltage common mode range (differential) (note 3.) vpp < 500 mv vpp 500 mv 2.1 1.9 0.3 0.3 2.2 2.0 0.3 0.3 2.2 2.0 0.3 0.3 v v i ih input high current 150 150 150 m a i il input low current others clk 0.5 600 0.5 600 0.5 600 m a m a note: devices are designed to meet the dc specifications shown in the above table, after thermal equilibrium has been establishe d. the circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained. 1. input and output parameters vary 1:1 with v cc . v ee can vary 0.3 v. 2. outputs are terminated through a 50 ohm resistor to v cc 2 volts. 3. v ihcmr min varies 1:1 with v ee , max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the differential input signal. normal operation is obtained if the high level falls within the specified range and the peak-to-peak voltage lies between v pp min and 1 v. mc100lvel51 http://onsemi.com 4 ac characteristics v cc = 3.3 v; v ee = 0.0 v or v cc = 0.0 v; v ee = 3.3 v (note 1.) 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit f max maximum toggle frequency 2.7 2.8 2.9 ghz t plh t phl propagation delay to output clk r 330 340 465 455 510 540 340 350 475 765 520 550 370 390 530 510 550 590 ps t s setup time 150 0 150 0 150 0 ps t h hold time 200 100 200 100 200 100 ps t rr reset recovery 350 200 350 200 350 200 ps t pw minimum pulse clk width reset 400 500 400 500 400 500 ps t jitter cycletocycle jitter tbd tbd tbd ps v pp input swing (note 2.) 150 1000 150 1000 150 1000 mv t r t f output rise/fall times q (20% 80%) 120 320 120 320 120 320 ps 1. v ee can vary 0.3 v. 2. v pp (min) is minimum input swing for which ac parameters are guaranteed. v tt = v cc 2.0 v figure 1. typical termination for output driver and device evaluation (see application note and8020 termination of ecl logic devices.) driver device receiver device q qb d db 50 50 v tt mc100lvel51 http://onsemi.com 5 resource reference of application notes an1404 eclinps circuit performance at nonstandard v ih levels an1405 ecl clock distribution techniques an1406 designing with pecl (ecl at +5.0 v) an1503 eclinps i/o spice modeling kit an1504 metastability and the eclinps family an1560 low voltage eclinps spice modeling kit an1568 interfacing between lvds and ecl an1596 eclinps lite translator elt family spice i/o model kit an1650 using wireor ties in eclinps designs an1672 the ecl translator guide and8001 odd number counters design and8002 marking and date codes and8020 termination of ecl logic devices mc100lvel51 http://onsemi.com 6 package dimensions so8 d suffix plastic soic package case 75107 issue v seating plane 1 4 5 8 n j x 45 k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. a b s d h c 0.10 (0.004) dim a min max min max inches 4.80 5.00 0.189 0.197 millimeters b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.053 0.069 d 0.33 0.51 0.013 0.020 g 1.27 bsc 0.050 bsc h 0.10 0.25 0.004 0.010 j 0.19 0.25 0.007 0.010 k 0.40 1.27 0.016 0.050 m 0 8 0 8 n 0.25 0.50 0.010 0.020 s 5.80 6.20 0.228 0.244 x y g m y m 0.25 (0.010) z y m 0.25 (0.010) z s x s m mc100lvel51 http://onsemi.com 7 package dimensions tssop8 dt suffix plastic tssop package case 948r02 issue a dim min max min max inches millimeters a 2.90 3.10 0.114 0.122 b 2.90 3.10 0.114 0.122 c 0.80 1.10 0.031 0.043 d 0.05 0.15 0.002 0.006 f 0.40 0.70 0.016 0.028 g 0.65 bsc 0.026 bsc l 4.90 bsc 0.193 bsc m 0 6 0 6 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash. protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. terminal numbers are shown for reference only. 6. dimension a and b are to be determined at datum plane -w-. seating plane pin 1 1 4 85 detail e b c d a g detail e f m l 2x l/2 u s u 0.15 (0.006) t s u 0.15 (0.006) t s u m 0.10 (0.004) v s t 0.10 (0.004) t v w 0.25 (0.010) 8x ref k ident k 0.25 0.40 0.010 0.016 mc100lvel51 http://onsemi.com 8 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com tollfree from mexico: dial 018002882872 for access then dial 8662979322 asia/pacific : ldc for on semiconductor asia support phone : 3036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc100lvel51/d north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (monfri 2:30pm to 7:00pm cet) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (monfri 2:00pm to 7:00pm cet) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (monfri 12:00pm to 5:00pm gmt) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, uk, ireland |
Price & Availability of MC100LVEL51-D |