Part Number Hot Search : 
HERA803G PC2508 LSZ51A VMP6G BUK95 GP1U528Y 3510X GP1U528Y
Product Description
Full Text Search
 

To Download MBR2045CT-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2001 may, 2001 rev. 1 1 publication order number: mbr2045ct/d mbr2045ct preferred device switchmode ? power rectifier . . . using the schottky barrier principle with a platinum barrier metal. these stateoftheart devices have the following features: ? guardring for stress protection ? low forward voltage ? 150 c operating junction temperature ? epoxy meets ul94, vo at 1/8 mechanical characteristics: ? case: epoxy, molded ? weight: 1.9 grams (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead temperature for soldering purposes: 260 c max. for 10 seconds ? shipped 50 units per plastic tube ? marking: b2045 maximum ratings rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 45 v average rectified forward current (rated v r , t c = 135 c) i f(av) 20 a peak repetitive forward current per diode leg (rated v r , square wave, 20 khz, t c = 135 c) i frm 20 a nonrepetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 150 a peak repetitive reverse surge current (2.0  s, 1.0 khz) see figure 11 i rrm 1.0 a storage temperature range t stg 65 to +175 c operating junction temperature t j 65 to +150 c voltage rate of change (rated v r ) dv/dt 1000 v/  s device package shipping ordering information mbr2045ct to220 http://onsemi.com to220ab case 221a plastic 50 units/rail 3 4 1 schottky barrier rectifier 20 amperes 45 volts 1 3 2, 4 preferred devices are recommended choices for future use and best overall value. 2 marking diagram yy = year ww = work week b2045 = device code aka = diode polarity yy ww b2045 aka
mbr2045ct http://onsemi.com 2 thermal characteristics characteristic symbol max unit maximum thermal resistance, junction to case r q jc 2.0 c/w electrical characteristics maximum instantaneous forward voltage (note 1.) (i f = 10 amps, t c = 125 c) (i f = 20 amps, t c = 125 c) (i f = 20 amps, t c = 25 c) v f 0.57 0.72 0.84 volts maximum instantaneous reverse current (note 1.) (rated dc voltage, t c = 125 c) (rated dc voltage, t c = 25 c) i r 15 0.1 ma 1. pulse test: pulse width = 300 m s, duty cycle 2.0%.
mbr2045ct http://onsemi.com 3 figure 1. maximum forward voltage 1.2 v f , instantaneous voltage (volts) 100 70 5.0 10 3.0 5.0 15 0 v r , reverse voltage (volts) 10 1.0 0.1 0.01 0.001 number of cycles at 60 hz 10 1.0 200 100 50 30 20 3.0 10 i f , instantaneous forward current (amps) 1.0 0.6 0.2 0.4 0.8 1.0 1.4 , reverse current (ma) i r 20 30 25 100 2.0 100 70 i fsm , peak half-wave current (amps) 2.0 20 0.1 0.5 0.7 30 7.0 0.3 50 35 40 50 45 t j = 150 c figure 2. typical forward voltage figure 3. maximum reverse current figure 4. maximum surge capability 7.0 5.0 30 20 70 50 t j = 150 c 125 c 100 c 75 c 25 c 0.2 1.2 v f , instantaneous voltage (volts) 100 70 5.0 10 3.0 i f , instantaneous forward current (amps) 1.0 0.6 0.2 0.4 0.8 1.0 1.4 2.0 20 0.1 0.5 0.7 30 7.0 0.3 50 t j = 150 c 0.2 100 c 25 c 100 c 25 c
mbr2045ct http://onsemi.com 4 (capacitiveload) i pk i av  5 110 t c , case temperature ( c) 20 15 10 5.0 0 t a , ambient temperature ( c) 80 0 32 16 8.0 4.0 0 40 120 , average forward current (amps) i f(av) 130 140 40 20 160 12 150 160 figure 5. current derating, infinite heatsink figure 6. current derating, r  ja = 16 c/w 60 120 100 140 4.0 0 i f(av) , average forward current (amps) 16 10 8.0 4.0 0 t a , ambient temperature ( c) 80 0 10 8.0 4.0 2.0 0 40 8.0 , average forward power dissipation (watts) p f(av) 12 20 16 20 20 160 6.0 i f(av) , average forward current (amps) 24 32 28 figure 7. forward power dissipation figure 8. current derating, free air 60 120 100 140 35 30 25 , average forward current (amps) i f(av) 28 20 24 6.0 2.0 18 14 12 r(t), transient thermal resistance (normalized) 0.01 0.1 1.0 10 100 0.05 0.03 0.02 0.01 0.1 t, time (ms) 0.5 0.3 0.2 1.0 p pk p pk t p t 1 time duty cycle, d = t p /t 1 peak power, p pk , is peak of an equivalent square power pulse. d t jl = p pk ? r q jl [d + (1 - d) ? r(t 1 + t p ) + r(t p ) - r(t 1 )] where: d t jl = the increase in junction temperature above the lead temperature. r(t) = normalized value of transient thermal resistance at time, t, i.e.: r(t 1 + t p ) = normalized value of transient thermal resistance at time, t 1 + t p , etc. 1000 figure 9. thermal response dc t j = 150 c sine wave resistive load square wave (capacitiveload) i pk i av  5 20 10 rated voltage applied dc square wave 20 10 i pk i av   (resistiveload) (capacitiveload) i pk i av  20, 10, 5 rated voltage applied dc square wave i pk i av   (resistiveload) dc square wave i pk i av   (resistiveload) (capacitiveload) i pk i av  20, 10, 5 rated voltage applied r  ja = 60 c/w 0.07 0.7
mbr2045ct http://onsemi.com 5 high frequency operation since current flow in a schottky rectifier is the result of majority carrier conduction, it is not subject to junction diode forward and reverse recovery transients due to minor- ity carrier injection and stored charge. satisfactory circuit analysis work may be performed by using a model consist- ing of an ideal diode in parallel with a variable capacitance. (see figure 10.) rectification efficiency measurements show that opera- tion will be satisfactory up to several megahertz. for exam- ple, relative waveform rectification efficiency is approxi- mately 70 percent at 2.0 mhz, e.g., the ratio of dc power to rms power in the load is 0.28 at this frequency, whereas perfect rectification would yield 0.406 for sine wave inputs. however, in contrast to ordinary junction diodes, the loss in waveform efficiency is not indicative of power loss; it is simply a result of reverse current flow through the diode ca- pacitance, which lowers the dc output voltage. 2.0 m s 1.0 khz 12 v 100 v cc 12 vdc 2n2222 current amplitude adjust 0-10 amps 100 carbon 2n6277 1.0 carbon 1n5817 d.u.t. 2.0 k w +150 v, 10 madc 4.0 m f + v r , reverse voltage (volts) 0.5 1500 1000 500 300 150 0.1 0.05 50 700 c, capacitance (pf) figure 10. capacitance 0.2 2.0 1.0 5.0 200 maximum typical 10 20 figure 11. test circuit for dv/dt and reverse surge current
mbr2045ct http://onsemi.com 6 package dimensions to220 plastic case 221a09 issue aa notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension z defines a zone where all body and lead irregularities are allowed. dim min max min max millimeters inches a 0.570 0.620 14.48 15.75 b 0.380 0.405 9.66 10.28 c 0.160 0.190 4.07 4.82 d 0.025 0.035 0.64 0.88 f 0.142 0.147 3.61 3.73 g 0.095 0.105 2.42 2.66 h 0.110 0.155 2.80 3.93 j 0.018 0.025 0.46 0.64 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.15 1.52 n 0.190 0.210 4.83 5.33 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.15 1.39 t 0.235 0.255 5.97 6.47 u 0.000 0.050 0.00 1.27 v 0.045 --- 1.15 --- z --- 0.080 --- 2.04 b q h z l v g n a k f 123 4 d seating plane t c s t u r j
mbr2045ct http://onsemi.com 7 notes
mbr2045ct http://onsemi.com 8 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com tollfree from mexico: dial 018002882872 for access then dial 8662979322 asia/pacific : ldc for on semiconductor asia support phone : 13036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mbr2045ct/d switchmode is a trademark of semiconductor components industries, llc. north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (monfri 2:30pm to 7:00pm cet) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (monfri 2:00pm to 7:00pm cet) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (monfri 12:00pm to 5:00pm gmt) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, uk, ireland


▲Up To Search▲   

 
Price & Availability of MBR2045CT-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X