Part Number Hot Search : 
CPC1967 2SA1411 CTS02M SPX29 S2744 CPC1967 2SA1411 6448TDHH
Product Description
Full Text Search
 

To Download IXGR60N60B2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2004 ixys all rights reserved symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. v ge(th) i c = 250 a, v ce = v ge 3.0 5.0 v i ces v ce = v ces 300 a v ge = 0 v t j = 125 c 5 ma i ges v ce = 0 v, v ge = 20 v 100 na v ce(sat) i c = 50 a, v ge = 15 v 2.0 v note 1 symbol test conditions maximum ratings v ces t j = 25 c to 150 c 600 v v cgr t j = 25 c to 150 c; r ge = 1 m ? 600 v v ges continuous 20 v v gem transient 30 v i c25 t c = 25 c (limited by leads) 75 a i c110 t c = 110 c47a i cm t c = 25 c, 1 ms 300 a ssoa v ge = 15 v, t vj = 125 c, r g = 10 ? i cm = 150 a (rbsoa) clamped inductive load @ v ce 600 v p c t c = 25 c 250 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c v isol 50/60 hz, rms, t = 1m 2500 v weight 5g maximum lead temperature for soldering 300 c 1.6 mm (0.062 in.) from case for 10 s g = gate c = collector e = emitter ds99161(04/04) v ces = 600 v i c25 = 75 a v ce(sat) = 2.0 v t fi(typ) = 100 ns advance technical data hiperfast tm igbt isoplus247 tm c2-class high speed igbts (electrically isolated back surface) ixgr 60n60b2 ixgr 60n60b2d1 plus247(ixgr) (isolated tab) features z dcb isolated mounting tab z meets to-247ad package outline z high current handling capability z latest generation hdmos tm process z mos gate turn-on - drive simplicity applications z uninterruptible power supplies (ups) z switched-mode and resonant-mode power supplies z ac motor speed control z dc servo and robot drives z dc choppers advantages z easy assembly z high power density z very fast switching speeds for high frequency applications e153432 c e d1
ixys reserves the right to change limits, test conditions, and dimensions. ixgr 60n60b2 ixgr 60n60b2d1 symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs i c = 50 a; v ce = 10 v, 40 58 s note 1 c ies 3900 pf c oes v ce = 25 v, v ge = 0 v, f = 1 mhz 340 pf c res 100 pf q g 170 nc q ge i c = 50 a, v ge = 15 v, v ce = 0.5 v ces 25 nc q gc 57 nc t d(on) 28 ns t ri 30 ns t d(off) 160 270 ns t fi 100 170 ns e off 1.0 2.5 mj t d(on) 28 ns t ri 36 ns e on 1.5 mj t d(off) 310 ns t fi 240 ns e off 2.8 mj r thjc 0.5 k/w r thck 0.15 k/w inductive load, t j = 25 c i c = 50 a, v ge = 15 v v ce = 400 v, r g = r off = 3.3 ? inductive load, t j = 125 c i c = 50 a, v ge = 15 v v ce = 400 v, r g = r off = 2.0 ? reverse diode (fred) characteristic values (t j = 25c, unless otherwise specified) symbol test conditions min. typ. max. v f i f = 60 a, v ge = 0 v, 2.1 v note 1 t j = 150 c 1.4 v i rm i f = 60 a, v ge = 0 v, -di f /dt = 100 a/ t j = 100 c 8.3 a v r = 100 v t rr i f = 1 a; -di/dt = 200 a/ms; v r = 30 v 35 n s r thjc 0.85 k/w note 1: pulse test, t 300 s, duty cycle 2 % isoplus 247 outline ixys mosfets and igbts are covered by one or more 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065b1 6,162,665 6,534,343 6,583,505 of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728b1 6,259,123b1 6,306,728b1 6,683,344
? 2004 ixys all rights reserved fig. 2. extended output characteristics @ 25 deg. c 0 50 100 150 200 250 300 350 012345678 v c e - volts i c - amperes v ge = 15v 13v 5v 7v 9v 11v fig. 3. output characteristics @ 125 deg. c 0 10 20 30 40 50 60 70 80 90 100 0.511.5 22.53 v ce - volts i c - amperes v ge = 15v 13v 11v 5v 7v 9v fig. 1. output characteristics @ 25 deg. c 0 10 20 30 40 50 60 70 80 90 100 0.511.5 22.53 v c e - volts i c - amperes v ge = 15v 13v 11v 7v 5v 9v fig. 4. dependence of v ce(sat) on temperature 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 -50 -25 0 25 50 75 100 125 150 t j - degr ees centigr ade v c e (s at) - normalized i c = 50a i c = 25a v ge = 15v i c = 100a fig. 5. collector-to-em itter voltage vs. gate-to-em itter voltage 1.3 1.6 1.9 2.2 2.5 2.8 3.1 3.4 3.7 5 6 7 8 9 10 11 12 13 14 15 16 17 v g e - volts v c e - volts t j = 25oc i c = 100a 50a 25a fig. 6. input admittance 0 50 100 150 200 250 300 456 78910 v g e - volts i c - amperes t j = 125oc -40oc t j = 25oc ixgr 60n60b2 ixgr 60n60b2d1
ixys reserves the right to change limits, test conditions, and dimensions. ixgr 60n60b2 ixgr 60n60b2d1 fig. 7. transconductance 0 10 20 30 40 50 60 70 80 90 100 0 50 100 150 200 250 300 i c - amperes g f s - siemens t j = -40oc 25oc 125oc fig. 8. dependence of turn-off energy on r g 1 2 3 4 5 6 7 8 9 10 0 5 10 15 20 25 30 35 40 45 50 r g - ohms e off - millijoules i c = 25a t j = 125oc v ge = 15v v ce = 400v i c = 50a i c = 100a fig. 9. dependence of turn-off en e r g y on i c 0 1 2 3 4 5 6 7 20 30 40 50 60 70 80 90 100 i c - amperes e off - millijoules r g = 3.3 ? v ge = 15v v ce = 400v t j = 125oc t j = 25oc fig. 10. dependence of turn-off energy on temperature 0 1 2 3 4 5 6 7 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade e off - millijoules i c = 100a r g = 3.3 ? v ge = 15v v ce = 400v i c = 50a i c = 25a fig. 11. dependence of turn-off sw itching time on r g 200 300 400 500 600 700 800 900 1000 1100 1200 0 5 10 15 20 25 30 35 40 45 50 r g - ohms switching time - nanosecond i c = 50a t d(off) t fi - - - - - - t j = 125oc v ge = 15v v ce = 400v i c = 25a i c = 100a fig. 12. dependence of turn-off sw itching time on i c 50 100 150 200 250 300 350 400 20 30 40 50 60 70 80 90 100 i c - amperes switching time - nanosecond t d(off) t fi - - - - - - r g = 3.3 ? v ge = 15v v ce = 400v t j = 125oc t j = 25oc
? 2004 ixys all rights reserved ixgr 60n60b2 ixgr 60n60b2d1 fig. 14. gate charge 0 3 6 9 12 15 0 20 40 60 80 100 120 140 160 180 q g - nanocoulombs v ge - volts v ce = 300v i c = 50a i g = 10ma fig. 15. capacitance 10 100 1000 10000 0 5 10 15 20 25 30 35 40 v ce - volts capacitance - p f c ies c oes c res f = 1 mhz fig. 13. dependence of turn-off sw itching time on temperature 50 100 150 200 250 300 350 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade switching time - nanosecond i c = 25a 50a 100a t d(off) t fi - - - - - - r g = 3.3 ? v ge = 15v v ce = 400v i c = 100a 50a 25a fig. 13. maximum transient thermal resistance 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.55 1 10 100 1000 pulse width - milliseconds r ( t h ) j c - oc / w
ixys reserves the right to change limits, test conditions, and dimensions. ixgr 60n60b2 ixgr 60n60b2d1 200 600 1000 0 400 800 80 90 100 110 120 130 140 0.00001 0.0001 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 0 40 80 120 160 0.0 0.5 1.0 1.5 2.0 k f t vj c -di f /dt t s k/w 0 200 400 600 800 1000 0 5 10 15 20 0.0 0.4 0.8 1.2 1.6 v fr di f /dt v 200 600 1000 0 400 800 0 20 40 60 80 100 1000 0 1000 2000 3000 4000 012 0 20 40 60 80 100 120 140 160 i rm q r i f a v f -di f /dt -di f /dt a/ s a v nc a/ s a/ s t rr ns t fr a/ s s dsep 2x61-06a z thjc i f =120a i f = 60a i f = 30a t vj = 100c v r = 300v t vj = 100c i f = 60a fig. 19. peak reverse current i rm versus -di f /dt fig. 18. reverse recovery charge q r versus -di f /dt fig. 17. forward current i f versus v f t vj = 100c v r = 300v t vj = 100c v r = 300v i f =120a i f = 60a i f = 30a q r i rm fig. 20. dynamic parameters q r , i rm versus t vj fig. 21. recovery time t rr versus -di f /dt fig. 22. peak forward voltage v fr and t fr versus di f /dt i f =120a i f = 60a i f = 30a t fr v fr fig. 23. transient thermal resistance junction to case constants for z thjc calculation: ir thi (k/w) t i (s) 1 0.3073 0.0055 2 0.3533 0.0092 3 0.0887 0.0007 4 0.1008 0.0399 t vj = 25c t vj =150c t vj =100c


▲Up To Search▲   

 
Price & Availability of IXGR60N60B2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X