Part Number Hot Search : 
DS100 C471K508 ADR02ARZ MC92314 TA8263B JGC0158 C0603 MT720
Product Description
Full Text Search
 

To Download IXGN50N60BD2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 - 5 ? 2000 ixys all rights reserved v ces = 600 v i c25 = 75 a v ce(sat) = 2.5 v t fi = 150 ns symbol test conditions characteristic values (t j = 25  c, unless otherwise specified) min. typ. max. bv ces i c = 250  a, v ge = 0 v 600 v v ge(th) i c = 250  a, v ce = v ge 2.5 5 v i ces v ce = 0.8 ? v ces t j = 25  c 200  a v ge = 0 v t j = 125  c1ma i ges v ce = 0 v, v ge =  20 v  100 na v ce(sat) i c = i c90 , v ge = 15 v 2.5 v features  international standard package minibloc  aluminium nitride isolation - high power dissipation  isolation voltage 3000 v~  very high current, fast switching igbt & fred diode  mos gate turn-on - drive simplicity  low collector-to-case capacitance  low package inductance (< 10 nh) - easy to drive and to protect  molding epoxies meet ul 94 v-0 flammability classification applications  ac motor speed control  dc servo and robot drives  dc choppers  buck converters advantages  easy to mount with 2 screws  space savings  high power density 98502c (8/99) symbol test conditions maximum ratings v ces t j = 25  c to 150  c 600 v v cgr t j = 25  c to 150  c; r ge = 1 m  600 v v ges continuous  20 v v gem transient  30 v i c25 t c = 25  c75a i c90 t c = 90  c50a i cm t c = 25  c, 1 ms 200 a ssoa v ge = 15 v, t vj = 125  c, r g = 10  i cm = 100 a (rbsoa) clamped inductive load, l = 30  h @ 0.8 v ces p c t c = 25  c 250 w v rrm 600 v i favm t c = 70  c; rectangular, d = 50% 60 a i frm t p z<10 ms; pulse width limited by t j 600 a p d t c = 25  c 150 w t j -40 ... +150  c t jm 150  c t stg -40 ... +150  c m d mounting torque 1.5/13 nm/lb.in. terminal connection torque (m4) 1.5/13 nm/lb.in. weight 30 g maximum lead temperature for soldering 300  c 1.6 mm (0.062 in.) from case for 10 s igbt diode case ixgn 50n60bd2 ixgn 50n60bd3 hiperfast tm igbt with hiperfred buck & boost configurations sot-227b, minibloc e 153432 2 1 4 3 ...bd2 ...bd3 IXGN50N60BD2 1 = emitter; 2 = gate 3 = collector; 4 = diode cathode ixgn50n60bd3 1 = emitter/diode cathode; 2 = gate 3 = collector; 4 = diode anode ixys reserves the right to change limits, test conditions, and dimensions.
2 - 5 ? 2000 ixys all rights reserved symbol test conditions characteristic values (t j = 25  c, unless otherwise specified) min. typ. max. g fs i c = i c90 ; v ce = 10 v, 35 50 s pulse test, t  300  s, duty cycle  2 % c ies 4100 pf c oes v ce = 25 v, v ge = 0 v, f = 1 mhz 290 pf c res 50 pf q g 110 nc q ge i c = i c90 , v ge = 15 v, v ce = 0.5 v ces 30 nc q gc 35 nc t d(on) 50 ns t ri 50 ns t d(off) 110 250 ns t fi 150 220 ns e off 3.0 4.0 mj t d(on) 50 ns t ri 60 ns e on 3.0 mj t d(off) 200 ns t fi 250 ns e off 4.2 mj r thjc 0.50 k/w r thck 0.05 k/w inductive load, t j = 25  c i c = i c90 , v ge = 15 v, l = 100  h, v ce = 0.8 v ces , r g = r off = 2.7  remarks: switching times may increase for v ce (clamp) > 0.8  v ces , higher t j or increased r g inductive load, t j = 125  c i c = i c90 , v ge = 15 v, l = 100  h v ce = 0.8 v ces , r g = r off = 2.7  remarks: switching times may increase for v ce (clamp) > 0.8  v ces , higher t j or increased r g reverse diode (fred) characteristic values (t j = 25  c, unless otherwise specified) symbol test conditions typ. max. i r t vj = 25c v r = v rrm 650 ua t vj = 150c 2.5 ma v f i f = 60 a, t vj = 150c 1.75 v pulse test, t  300  s, duty cycle d  2 % t vj = 25c 2.40 v i rm i f = i c90 , v ge = 0 v, -di f /dt = 100 a/  s 8.0 a v r = 540 v t rr i f = 1 a, -di/dt = 50 a/  s, v r = 30 v t j = 25  c35 ns r thjc 0.85 k/w ixgn 50n60bd2 ixgn 50n60bd3 m4 screws (4x) supplied dim. millimeter inches min. max. min. max. a 31.50 31.88 1.240 1.255 b 7.80 8.20 0.307 0.323 c 4.09 4.29 0.161 0.169 d 4.09 4.29 0.161 0.169 e 4.09 4.29 0.161 0.169 f 14.91 15.11 0.587 0.595 g 30.12 30.30 1.186 1.193 h 38.00 38.23 1.496 1.505 j 11.68 12.22 0.460 0.481 k 8.92 9.60 0.351 0.378 l 0.76 0.84 0.030 0.033 m 12.60 12.85 0.496 0.506 n 25.15 25.42 0.990 1.001 o 1.98 2.13 0.078 0.084 p 4.95 5.97 0.195 0.235 q 26.54 26.90 1.045 1.059 r 3.94 4.42 0.155 0.174 s 4.72 4.85 0.186 0.191 t 24.59 25.07 0.968 0.987 u -0.05 0.1 -0.002 0.004 minibloc, sot-227 b ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025
3 - 5 ? 2000 ixys all rights reserved v ce - volts 0246810 i c - amperes 0 40 80 120 160 200 v ge - volts 0246810 i c - amperes 0 20 40 60 80 100 v ce -volts 0 5 10 15 20 25 30 35 40 capacitance - pf 10 100 1000 10000 t j - degrees c 25 50 75 100 125 150 v ce (sat) - normalized 0.4 0.6 0.8 1.0 1.2 1.4 1.6 v ce - volts 012345 i c - amperes 0 20 40 60 80 100 9v 5v v ce = 10v t j = 25 c t j = 25 c i c = 25a i c = 50a i c = 100a t j = 125 c f = 1mhz 7v v ge = 15v t j = 25 c v ce - volts 012345 i c - amperes 0 20 40 60 80 100 t j = 125 c c iss c oss 7v 5v v ge = 15v 13v 11v 9v 9v v ge = 15v 13v 11v v ge = 15v 13v 7v 11v c rss 5v ixgn 50n60bd2 ixgn 50n60bd3 fig. 2. extended output characteristics fig. 1. saturation voltage characteristics fig. 4. temperature dependence of v ce(sat) fig. 3. saturation voltage characteristics fig. 5. saturation voltage characteristics fig. 6. junction capacitance curves
4 - 5 ? 2000 ixys all rights reserved pulse width - seconds 0.00001 0.0001 0.001 0.01 0.1 1 z thjc (k/w) 0.001 0.01 0.1 1 v ce - volts 0 100 200 300 400 500 i c - amperes 0.1 1 10 100 q g - nanocoulombs 0 50 100 150 200 250 300 v ge - volts 0 5 10 15 20 r g - ohms 0 102030405060 e (off) - millijoules 0 2 4 6 8 10 12 e (on) - millijoules 0 1 2 3 4 5 6 i c - amperes 0 20406080100 e (off) - millijoules 0 2 4 6 8 10 12 e (on) - millijoules 0 1 2 3 4 5 6 v ce = 250v i c =50a e (on) e (off) e (on) e (off) t j = 125c r g = 5.2  dv/dt < 5v/ns t j = 125c 600 e (off) e (off) r g = 4.7  i c =25a t j = 125c i c = 100a i c = 50a e (on) e (on) ixgn 50n60bd2 ixgn 50n60bd3 fig. 11. transient thermal resistance fig. 8. dependence of tfi and e off on r g . fig. 7. dependence of e on and e off on i c . fig. 9. gate charge fig. 10. turn-off safe operating area
5 - 5 ? 2000 ixys all rights reserved 200 600 1000 0 400 800 80 90 100 110 120 130 140 0.00001 0.0001 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 0 40 80 120 160 0.0 0.5 1.0 1.5 2.0 k f t vj c -di f /dt t s k/w 0 200 400 600 800 1000 0 5 10 15 20 0 1 2 3 4 v fr di f /dt v 200 600 1000 0 400 800 0 20 40 60 80 100 1000 0 1000 2000 3000 4000 012 0 20 40 60 80 100 120 140 160 i rm q r i f a v f -di f /dt -di f /dt a/ m s a v nc a/ m s a/ m s t rr ns t fr a/ m s s dsep 60-06a z thjc i f =120a i f = 60a i f = 30a t vj = 100 c v r = 300v t vj = 100 c i f = 60a fig. 14 peak reverse current i rm versus -di f /dt fig. 13 reverse recovery charge q r versus -di f /dt fig. 12 forward current i f versus v f t vj = 100 c v r = 300v t vj = 100 c v r = 300v i f =120a i f = 60a i f = 30a q r i rm fig. 15 dynamic parameters q r , i rm versus t vj fig. 16 recovery time t rr versus -di f /dt fig. 17 peak forward voltage v fr and t fr versus di f /dt i f =120a i f = 60a i f = 30a t fr v fr fig. 18 transient thermal resistance junction to case constants for z thjc calculation: ir thi (k/w) t i (s) 1 0.324 0.0052 2 0.125 0.0003 3 0.201 0.0385 t vj = 25 c t vj =150 c t vj =100 c ixgn 50n60bd2 ixgn 50n60bd3


▲Up To Search▲   

 
Price & Availability of IXGN50N60BD2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X