? flame retardant, ul 94v0 rating ? high efficiency ? 25va to 175va power rating ? single or dual primary, 115v, 115/230v or 230v (optional 120, 120/240, 240, 120 with taps, 240 with taps, or 120/240 with taps) ? 50/60hz (economy 60hz - only models available) ? dual secondary (optional single or center - tapped) ? any secondary voltage from 5v to 240v in 1v increments ? insulation material 130 o c standard (optional 200 o c) ? optional internal current or thermal protector ? high isolation, 4000 vrms, 100% tested ? color coded lead wires admiral class lead wires agency approvals: ? ul/cul 5085 - 2 recognized (file e47299) ? ul 60950 recognized (file e144070) ? vde 0805 licensed (file 19019 - 3336 - 9002/a1c) ? ul 1446 recognized insulation system (file e95662) sales office : 300 w factory rd., addison, il 60101 ? ph: (630) 628 - 9999 ? fax: (630) 628 - 9922 ? www.ensigncorp.com 34 take advantage of these pre - designed models, or let us customize to your requirements. thats our specialty. flame retardant material channel mount bracket mount primary schematics secondary schematics single output center - tapped output series/parallel output single input (specify 115v or 120v) series/parallel input (specify 115/230v or 120/240v) va rating secondary voltage dimensions (inches) l w h mounting mc wc i l025 25va parallel from 5v to 60v series, single & center - tapped from 10v to 240v 1.95 2.13 2.31 channel 2.38 - i l043 43va 2.26 2.13 2.68 channel 2.81 - i l080 80va 2.50 2.50 3.00 brackets 2.00 2.25 i l130 130va 2.81 3.08 3.38 brackets 2.25 2.50 i l175 175va 3.12 3.12 3.75 brackets 2.50 2.50 single input (specify 230v or 240v)
partial selection guide (standard stock) over 365,000 additional admiral class (lead wires) model configurations available! refer to the part numbering scheme on the next page to configure your own part with following options: ? primary: 120v, 120/240v, 240v, 100/110/120v, 200/220/240v, 120/220/240v, 100/120/200/220/240v ? secondary: 5v to 240v, in 1v increments ? frequency: 50/60hz, or economy 60hz - only ? with or without current or thermal protector(s) ? temperature class: 130 ? c, or 200 ? c sales office : 300 w factory rd., addison, il 60101 ? ph: (630) 628 - 9999 ? fax: (630) 628 - 9922 ? www.ensigncorp.com 35 take advantage of these pre - designed models, or let us customize to your requirements. thats our specialty. admiral class lead wires part number 115v primary 115/230v primary 230v primary va series secondary parallel secondary i l025 - 1 - 010x i l025 - 2 - 010x i l025 - 3 - 010x 25 10vct @ 2.5a 5v @ 5.0a i l043 - 1 - 010x i l043 - 2 - 010x i l043 - 3 - 010x 43 10vct @ 4.3a 5v @ 8.6a i l080 - 1 - 010x i l080 - 2 - 010x i l080 - 3 - 010x 80 10vct @ 8.0a 5v @ 16.0a i l130 - 1 - 010x i l130 - 2 - 010x i l130 - 3 - 010x 130 10vct @ 13.0a 5v @ 26.0a i l175 - 1 - 010x i l175 - 2 - 010x i l175 - 3 - 010x 175 10vct @ 17.5a 5v @ 35.0a i l025 - 1 - 012x i l025 - 2 - 012x i l025 - 3 - 012x 25 12.6vct @ 2.0a 6.3v @ 4.0a i l043 - 1 - 012x i l043 - 2 - 012x i l043 - 3 - 012x 43 12.6vct @ 3.4a 6.3v @ 6.8a i l080 - 1 - 012x i l080 - 2 - 012x i l080 - 3 - 012x 80 12.6vct @ 6.4a 6.3v @ 12.8a i l130 - 1 - 012x i l130 - 2 - 012x i l130 - 3 - 012x 130 12.6vct @ 10.3a 6.3v @ 20.6a i l175 - 1 - 012x i l175 - 2 - 012x i l175 - 3 - 012x 175 12.6vct @ 14.0a 6.3v @ 28.0a i l025 - 1 - 016x i l025 - 2 - 016x i l025 - 3 - 016x 25 16vct @ 1.6a 8v @ 3.2a i l043 - 1 - 016x i l043 - 2 - 016x i l043 - 3 - 016x 43 16vct @ 2.7a 8v @ 5.4a i l080 - 1 - 016x i l080 - 2 - 016x i l080 - 3 - 016x 80 16vct @ 5.0a 8v @ 10.0a i l130 - 1 - 016x i l130 - 2 - 016x i l130 - 3 - 016x 130 16vct @ 8.12a 8v @ 16.2a i l175 - 1 - 016x i l175 - 2 - 016x i l175 - 3 - 016x 175 16vct @ 11.0a 8v @ 22.0a i l025 - 1 - 020x i l025 - 2 - 020x i l025 - 3 - 020x 25 20vct @ 1.25a 10v @ 2.5a i l043 - 1 - 020x i l043 - 2 - 020x i l043 - 3 - 020x 43 20vct @ 2.15a 10v @ 4.30a i l080 - 1 - 020x i l080 - 2 - 020x i l080 - 3 - 020x 80 20vct @ 4.0a 10v @ 8.0a i l130 - 1 - 020x i l130 - 2 - 020x i l130 - 3 - 020x 130 20vct @ 6.5a 10v @ 13.0a i l175 - 1 - 020x i l175 - 2 - 020x i l175 - 3 - 020x 175 20vct @ 8.75a 10v @ 17.5a i l025 - 1 - 024x i l025 - 2 - 024x i l025 - 3 - 024x 25 24vct @ 1.0a 12v @ 2.0a i l043 - 1 - 024x i l043 - 2 - 024x i l043 - 3 - 024x 43 24vct @ 1.8a 12v @ 3.6a i l080 - 1 - 024x i l080 - 2 - 024x i l080 - 3 - 024x 80 24vct @ 3.3a 12v @ 6.6a i l130 - 1 - 024x i l130 - 2 - 024x i l130 - 3 - 024x 130 24vct @ 5.4a 12v @ 10.8a i l175 - 1 - 024x i l175 - 2 - 024x i l175 - 3 - 024x 175 24vct @ 7.3a 12v @ 14.6a i l025 - 1 - 028x i l025 - 2 - 028x i l025 - 3 - 028x 25 28vct @ 0.9a 14v @ 1.8a i l043 - 1 - 028x i l043 - 2 - 028x i l043 - 3 - 028x 43 28vct @ 1.5a 14v @ 3.0a i l080 - 1 - 028x i l080 - 2 - 028x i l080 - 3 - 028x 80 28vct @ 2.85a 14v @ 5.7a i l130 - 1 - 028x i l130 - 2 - 028x i l130 - 3 - 028x 130 28vct @ 4.6a 14v @ 9.2a i l175 - 1 - 028x i l175 - 2 - 028x i l175 - 3 - 028x 175 28vct @ 6.25a 14v @ 12.5a i l025 - 1 - 036x i l025 - 2 - 036x i l025 - 3 - 036x 25 36vct @ 0.7a 18v @ 1.4a i l043 - 1 - 036x i l043 - 2 - 036x i l043 - 3 - 036x 43 36vct @ 1.2a 18v @ 2.4a i l080 - 1 - 036x i l080 - 2 - 036x i l080 - 3 - 036x 80 36vct @ 2.2a 18v @ 4.4a i l130 - 1 - 036x i l130 - 2 - 036x i l130 - 3 - 036x 130 36vct @ 3.6a 18v @ 7.2a i l175 - 1 - 036x i l175 - 2 - 036x i l175 - 3 - 036x 175 36vct @ 4.9a 18v @ 9.8a
ilxxx - x xxx x - x chassis mount with lead wires, international rating: i l002 = 2.5va i l043 = 43va i l005 = 5va i l056 = 56va i l010 = 10va i l080 = 80va i l020 = 20va i l130 = 130va i l025 = 25va i l175 = 175va i l030 = 30va primary voltages: - 1 = 120 - 2 = 120/240 dual (series / parallel) - 3 = 240 - 4 = 100/110/120 - 6 = 200/220/240 - 7 = 120/220/240 - 8 = 100/120/200/220/240 secondary voltages (10 through 240, in 1v increments): 010 through 240 = dual secondary (series / parallel) number represents the voltage of the series connection. example: 024 = 12v (parallel) / 24v (series) 510 through 740 = center - tapped secondary number represents the total voltage plus 500. example: 524 = 24v with center - tap (12v on each side) 810 through 1040 = single secondary number represents the voltage plus 800. example: 824 = 24v indication of adjustment in primary voltage: blank = 120v, 120/240v or 240v, as selected above x = primary 115v instead of 120 and/or 230v instead of 240v optional internal protector blank = no internal protector a through z = over - current and/or over - temperature protection (contact for list of available protectors) examples: i l056 - 2 - 824a = 56va, dual 120/240v (series/parallel) primary, 50/60hz, with 130 ? c thermal cutoff, single 24v secondary i l056 - 2 - 824xa = same as above except primary 115/230v admiral class lead wires sales office : 300 w factory rd., addison, il 60101 ? ph: (630) 628 - 9999 ? fax: (630) 628 - 9922 ? www.ensigncorp.com 36 take advantage of these pre - designed models, or let us customize to your requirements. thats our specialty.
|