Part Number Hot Search : 
LC7442E HD74H LC7442E P9630 OZ9972 LC7442E MC14022B K3500GAE
Product Description
Full Text Search
 

To Download FMBM5551SB16001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2005 fairchild semiconductor corporation 1 www.fairchildsemi.com fmbm5551 rev. c fmbm5551 npn general purpose amplifier supersot-6 surface mount package january 2005 fmbm5551 npn general purpose amplifier supersot-6 surface mount package features ? this device has matched dies ? sourced from process 16. ? see mmbt5551 for characteristics absolute maximum ratings * * pd total, for both transistors. for each transistor, pd = 350mw electrical characteristics t c = 25c unless otherwise noted symbol parameter value units v ceo collector-emitter voltage 160 v v cbo collector-base voltage 180 v v ebo emitter-base voltage 6 v i c collector current (dc) 600 ma p c collector dissipation (t c = 25 c) 0.7 w t j junction temperature 150 c t stg storage temperature range -55 ~ 150 c t ja thermal resistance, junction to ambient 180 c/w symbol parameter conditions min. max units off characteristics bv ceo collector-emitter voltage i c = 1ma, i b = 0 160 v bv cbo collector-base voltage i c = 100 a, i e = 0 180 v bv ebo emitter-base voltage i c = 10 a, i c = 0 6 v i cbo collector cut-off current v cb = 120v v cb = 120v, t a = 100 c 50 50 na a i ebo emitter cut-off current v eb = 10v 50 na on characteristics h fe1 dc current gain v ce = 5v, i c = 1ma 80 divid1 variation ratio of h fe1 between die 1 and die 2 h fe1 (die1)/h fe1 (die2) 0.9 1.1 h fe2 dc current gain v ce = 5v, i c = 10ma 80 250 divid2 variation ratio of h fe2 between die 1 and die 2 h fe2 (die1)/h fe2 (die2) 0.95 1.05 c1 e1 c2 b1 e2 b2 supersot tm -6 mark: .3s2 pin #1 dot denotes pin #1
2 www.fairchildsemi.com fmbm5551 rev. c fmbm5551 npn general purpose amplifier supersot-6 surface mount package electrical characteristics ( continued) t c = 25c unless otherwise noted symbol parameter conditions min. max units h fe3 dc current gain v ce = 5v, i c = 50ma 30 divid3 variation ratio of h fe3 between die 1 and die 2 h fe3 (die1)/h fe3 (die2) 0.9 1.1 v ce(sat) collector-emitter saturation voltage i c = 10ma, i b = 1ma i c = 50ma, i b = 5ma 0.15 0.2 v v v be(sat) base-emitter saturation voltage i c = 10ma, i b = 1ma i c = 50ma, i b = 5ma 1 1 v v v be(on) base-emitter on voltage v ce = 5v, i c = 10ma 1 v del difference of v be(on) between die1 and die 2 v be(on) (die1)-v be(on) (die2) -8 8 mv small signal characteristics c ob output capacitance v cb = 10v, f = 1mhz 6 pf c ib input capacitance v cb = 0.5v, f = 1mhz 20 pf f t current gain bandwidth product v ce = 10v, i c = 10ma, f = 100mhz 100 300 mhz nf noise figure v ce = 5v, i c = 200 a, f = 1mhz, r s = 20k ? , b = 200hz 8db h fe small signal current gain v ce = 10v, i c = 1.0ma, f = 1.0khz 50 250
3 www.fairchildsemi.com fmbm5551 rev. c fmbm5551 npn general purpose amplifier supersot-6 surface mount package mechanical dimensions supersot tm -6 dimensions in millimeters
disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production intellimax? isoplanar? littlefet? microcoupler? microfet? micropak? microwire? msx? msxpro? ocx? ocxpro? optologic ? optoplanar? pacman? fast ? fastr? fps? frfet? globaloptoisolator? gto? hisec? i 2 c? i-lo ? implieddisconnect? rev. i15 acex? activearray? bottomless? coolfet? crossvolt ? dome? ecospark? e 2 cmos? ensigna? fact? fact quiet series? pop? power247? poweredge? powersaver? powertrench ? qfet ? qs? qt optoelectronics? quiet series? rapidconfigure? rapidconnect? serdes? silent switcher ? smart start? spm? stealth? superfet? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic ? tinyopto? trutranslation? uhc? ultrafet ? unifet? vcx? across the board. around the world.? the power franchise ? programmable active droop?


▲Up To Search▲   

 
Price & Availability of FMBM5551SB16001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X