Part Number Hot Search : 
SC1602D WSCD315H SC1602D P6KE22CA XN06214 THN4301E 47M10 IL386N
Product Description
Full Text Search
 

To Download CRES06-103GB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model number model number model number model number cres** cres** cres** cres** features features features features dimensions dimensions dimensions dimensions designation designation designation designation specification specification specification specification * operating temperature range: -55+155 * operating temperature range: -55+155 * operating temperature range: -55+155 * operating temperature range: -55+155 structure structure structure structure model model model model no. no. no. no. no. 12 3 4 5 6 7 8 9 10 * design?specification are subject to change without prior notice. please check before purchase and use. ni plating ni plating ni plating ni plating sn plating sn plating sn plating sn plating resistive element resistive element resistive element resistive element protective coat protective coat protective coat protective coat protective coat protective coat protective coat protective coat no marking no marking no marking no marking marking marking marking marking side electrode side electrode side electrode side electrode cres10, cres16, cres10, cres16, cres10, cres16, cres10, cres16, cres06 cres06 cres06 cres06 cres64, cres50, cres35, cres64, cres50, cres35, cres64, cres50, cres35, cres64, cres50, cres35, cres32, cres20 cres32, cres20 cres32, cres20 cres32, cres20 element name ceramic substrate ceramic substrate ceramic substrate ceramic substrate bottom electrode bottom electrode bottom electrode bottom electrode special electrode special electrode special electrode special electrode class g (2%) class g (2%) class g (2%) class g (2%) class j (5%) class j (5%) class j (5%) class j (5%) 101m 101m 101m 101m 300 300 300 300 cres32 cres32 cres32 cres32 0.250 0.250 0.250 0.250 200v 200v 200v 200v 400v 400v 400v 400v cres35 cres35 cres35 cres35 0.250 0.250 0.250 0.250 cres50 cres50 cres50 cres50 0.500 0.500 0.500 0.500 cres64 cres64 cres64 cres64 1.000 1.000 1.000 1.000 50v 50v 50v 50v 100v 100v 100v 100v cres16 cres16 cres16 cres16 0.100 0.100 0.100 0.100 cres20 cres20 cres20 cres20 0.125 0.125 0.125 0.125 150v 150v 150v 150v 200v 200v 200v 200v max.overload voltage cres06 cres06 cres06 cres06 0.050 0.050 0.050 0.050 class f (1%) class f (1%) class f (1%) class f (1%) class g (2%) class g (2%) class g (2%) class g (2%) class j (5%) class j (5%) class j (5%) class j (5%) 101m 101m 101m 101m 250 250 250 250 25v 25v 25v 25v 50v 50v 50v 50v cres10 cres10 cres10 cres10 0.063 0.063 0.063 0.063 model no. rated power (w) at 70 tolerance range () tcr (ppm/) max.working voltage cres64 cres64 cres64 cres64 6.300.15 6.300.15 6.300.15 6.300.15 3.200.15 3.200.15 3.200.15 3.200.15 0.560.15 0.560.15 0.560.15 0.560.15 0.600.25 0.600.25 0.600.25 0.600.25 0.600.25 0.600.25 0.600.25 0.600.25 0.500.20 0.500.20 0.500.20 0.500.20 0.500.20 0.500.20 0.500.20 0.500.20 0.500.20 0.500.20 0.500.20 0.500.20 0.500.20 0.500.20 0.500.20 0.500.20 0.600.25 0.600.25 0.600.25 0.600.25 0.600.20 0.600.20 0.600.20 0.600.20 cres35 cres35 cres35 cres35 3.200.15 3.200.15 3.200.15 3.200.15 2.600.15 2.600.15 2.600.15 2.600.15 0.560.15 0.560.15 0.560.15 0.560.15 2.500.15 2.500.15 2.500.15 2.500.15 0.560.15 0.560.15 0.560.15 0.560.15 cres50 cres50 cres50 cres50 5.000.15 5.000.15 5.000.15 5.000.15 cres16 cres16 cres16 cres16 1.600.15 1.600.15 1.600.15 1.600.15 cres32 cres32 cres32 cres32 3.200.15 3.200.15 3.200.15 3.200.15 1.600.15 1.600.15 1.600.15 1.600.15 0.560.15 0.560.15 0.560.15 0.560.15 cres20 cres20 cres20 cres20 2.000.15 2.000.15 2.000.15 2.000.15 1.250.15 1.250.15 1.250.15 1.250.15 0.500.10 0.500.10 0.500.10 0.500.10 0.400.20 0.400.20 0.400.20 0.400.20 0.400.20 0.400.20 0.400.20 0.400.20 0.800.15 0.800.15 0.800.15 0.800.15 0.500.10 0.500.10 0.500.10 0.500.10 0.120.05 0.120.05 0.120.05 0.120.05 0.150.05 0.150.05 0.150.05 0.150.05 0.200.10 0.200.10 0.200.10 0.200.10 0.250.10 0.250.10 0.250.10 0.250.10 0.250.20 0.250.20 0.250.20 0.250.20 0.250.20 0.250.20 0.250.20 0.250.20 cres06 cres06 cres06 cres06 0.600.03 0.600.03 0.600.03 0.600.03 0.300.03 0.300.03 0.300.03 0.300.03 0.230.03 0.230.03 0.230.03 0.230.03 cres10 cres10 cres10 cres10 1.000.05 1.000.05 1.000.05 1.000.05 0.500.05 0.500.05 0.500.05 0.500.05 0.350.05 0.350.05 0.350.05 0.350.05 (unit: mm) model no. l w t c d sulfurization-proof type chip resistor hokuriku electric industry co.,ltd hokuriku provides provides provides provides use of pecial material for top electrode use of pecial material for top electrode use of pecial material for top electrode use of pecial material for top electrode excellent sulfurization characteristic. excellent sulfurization characteristic. excellent sulfurization characteristic. excellent sulfurization characteristic. was achieved was achieved was achieved was achieved times or more of durability times or more of durability times or more of durability times or more of durability 20 2020 20 type, type, type, type, compared to normal compared to normal compared to normal compared to normal are also available. are also available. are also available. are also available. miniature size or network types miniature size or network types miniature size or network types miniature size or network types solderings are applicable solderings are applicable solderings are applicable solderings are applicable reflow, flow reflow, flow reflow, flow reflow, flow 3 2 4 6 7 8 9 10 5 - -- - e ee e ? ? ? ? model no. size marking resistance symbol tolerance symbol form cres06 0603 103 10k ?1.0 v paper tape cres10 1005 g ?2.0 emboss tape cres16 1608 j ?5.0 b bulk cres20 2012 cres32 3216 cres35 3225 cres50 5025 cres64 6432 model no. resistance value resistance tolerance pa cking form 10310?10 10,000?10k


▲Up To Search▲   

 
Price & Availability of CRES06-103GB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X