Part Number Hot Search : 
LM254 TEA1552 SK372 4HC245 NTE222 BFW44 4HC245 TA7280
Product Description
Full Text Search
 

To Download CPH5514 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CPH5514 no.7419-1/3 features ? on-chip bias resistance (r1=10k w , r2=10k w ). ? composite type with 2 transistors contained in the cph package currently in use, improving the mount- ing efficiency greatly. ? the CPH5514 is formed with two chips, being equiva- lent to the 2sa1344, placed in one package. ? excellent in thermal equilibrium and pair capability. specifications absolute maximum ratings at ta=25 c parameter symbol conditions ratings unit collector-to-base voltage v cbo --50 v collector-to-emitter voltage v ceo --50 v emitter-to-base voltage v ebo --10 v collector current i c --100 ma collector current (pulse) i cp --200 ma collector dissipation p c 1unit 350 mw total power dissipation p t 500 mw junction temperature tj 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25 c ratings parameter symbol conditions min typ max unit collector cutoff current i cbo v cb =--40v, i e =0 --0.1 m a i ceo v ce =--40v, i e =0 --0.5 m a emitter cutoff current i ebo v eb =--5v, i c =0 --170 --250 --360 m a dc current gain h fe v ce =--5v, i c =--10ma 50 gain-bandwidth product f t v ce =--10v, i c =--5ma 200 mhz output capacitance cob v cb =--10v, f=1mhz 5.1 pf note : the specifications shown above are for each individual transistor. continued on next page. marking : 3u pnp epitaxial planar silicon transistor ordering number : enn7419 CPH5514 22004 ts im ta-100421 any and all sanyo products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo representative nearest you before using any sanyo products described or contained herein in such applications. sanyo assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo products described or contained herein. switching applications (with bias resistance) package dimensions unit : mm 2218 [CPH5514] sanyo electric co.,ltd. semiconductor company tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan 1.6 0.6 0.6 2.8 0.2 2.9 0.05 0.4 0.95 0.2 0.9 0.7 0.15 0.4 12 3 4 5 1 : collector1 2 : collector2 3 : base2 4 : emitter common 5 : base1 sanyo : cph5
CPH5514 no.7419-2/3 continued from preceding page. ratings parameter symbol conditions min typ max unit collector-to-emitter saturation voltage v ce (sat) i c =--10ma, i b =--0.5ma --1.0 --0.3 v collector-to-base breakdown voltage v (br)cbo i c =--10 m a, i e =0 --50 v collector-to-emitter breakdown voltage v (br)ceo i c =--100 m a, r be = --50 v input off-state voltage v i (off) v ce =--5v, i c =--100 m a --0.8 --1.1 --1.5 v input on-state voltage v i (on) v ce =--0.2v, i c =--10ma --1.0 --2.0 --4.0 v input resistance r1 7.0 10 13 k w resistance ratio r1 / r2 0.9 1.0 1.1 electrical connection application circuit example r l v cc gnd output input r1 r2 input on-state voltage : above 4v input off-state voltage : 0.8v or less --1.0 --10 --100 3 2 57 57 2 3 57 2 1000 100 10 2 3 5 7 2 3 5 7 collector current, i c -- ma h fe -- i c dc current gain, h fe it05313 5 7 5 3 2 7 5 3 2 7 2 --10 --100 --1000 collector current, i c -- ma v i (on) -- i c it05311 0 --0.4 --0.8 --1.2 --1.6 --2.0 input off-state voltage, v i (off) -- v i c -- v i (off) collector current, i c -- a it05312 2 3 5 7 2 3 --10 --1.0 2 57 --1.0 --10 3 7 23 5 5 60 c 25 c ta= --25 c v ce = --0.2v r1 : 10k w r2 : 10k w v ce = --5v r1 : 10k w r2 : 10k w ta=60 c 25 c --25 c ta=60 c --25 c 25 c v ce = --5v r1 : 10k w r2 : 10k w input on-state voltage, v i (on) -- v collector dissipation, p c -- mw ambient temperature, ta -- c p c -- ta it05368 100 200 300 400 350 500 600 0 0 175 125 150 100 75 50 25 1unit total dissipation b1 b2 c1 ec r1 r1 r2 tr 1 tr 2 r2 c2
CPH5514 no.7419-3/3 specifications of any and all sanyo products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. sanyo electric co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo electric co. , ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. sanyo believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. this catalog provides information as of february, 2004. specifications and information herein are subject to change without notice. ps


▲Up To Search▲   

 
Price & Availability of CPH5514

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X