Part Number Hot Search : 
M9156C RN47A3 2SC1185 LH5230 M8604 324004P L7808 LB1635M
Product Description
Full Text Search
 

To Download BYW29EX-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dat a sheet product s pecification october 1998 discrete semiconductors byw29ex series rectifier diodes ultrafast, rugged
nxp semiconductors product specification rectifier diodes byw29ex series ultrafast, rugged general description quick reference data glass passivated epitaxial rectifier symbol parameter max. max. unit diodes in a full pack plastic envelope, featuring low forward voltage drop, byw29ex- 150 200 ultra-fast recovery times, soft recovery v rrm repetitive peak reverse 150 200 v characteristic and guaranteed reverse voltage surge and esd capability. they are v f forward voltage 0.895 0.895 v intended for use in switched mode power i f(av) forward current 8 8 a supplies and high frequency circuits in t rr reverse recovery time 25 25 ns general where low conduction and i rrm repetitive peak reverse 0.2 0.2 a switching losses are essential. current pinning - sod113 pin configuration symbol pin description 1 cathode 2 anode case isolated limiting values limiting values in accordance with the absolute maximum system (iec 134). symbol parameter conditions min. max. unit -150 -200 v rrm repetitive peak reverse voltage - 150 200 v v rwm crest working reverse voltage - 150 200 v v r continuous reverse voltage - 150 200 v i f(av) average forward current 1 square wave; = 0.5; t hs 106 ?c - 8 a sinusoidal; a = 1.57; t hs 109 ?c - 7.3 a i f(rms) rms forward current - 11.3 a i frm repetitive peak forward current t = 25 s; = 0.5; - 16 a t hs 106 ?c i fsm non-repetitive peak forward t = 10 ms - 80 a current t = 8.3 ms - 88 a sinusoidal; with reapplied v rwm(max) i 2 ti 2 t for fusing t = 10 ms - 32 a 2 s i rrm repetitive peak reverse current t p = 2 s; = 0.001 - 0.2 a i rsm non-repetitive peak reverse t p = 100 s - 0.2 a current t stg storage temperature -40 150 ?c t j operating junction temperature - 150 ?c 12 case k a 12 1 neglecting switching and reverse current losses october 1998 1 rev 1.200
nxp semiconductors product specification rectifier diodes byw29ex series ultrafast, rugged esd limiting value symbol parameter conditions min. max. unit v c electrostatic discharge human body model; - 8 kv capacitor voltage c = 250 pf; r = 1.5 k isolation limiting value & characteristic t hs = 25 ?c unless otherwise specified symbol parameter conditions min. typ. max. unit v isol r.m.s. isolation voltage from f = 50-60 hz; sinusoidal - 2500 v both terminals to external waveform; heatsink r.h. 65% ; clean and dustfree c isol capacitance from both terminals f = 1 mhz - 10 - pf to external heatsink thermal resistances symbol parameter conditions min. typ. max. unit r th j-hs thermal resistance junction to with heatsink compound - - 5.5 k/w heatsink without heatsink compound - - 7.2 k/w r th j-a thermal resistance junction to in free air - 55 - k/w ambient static characteristics t j = 25 ?c unless otherwise stated symbol parameter conditions min. typ. max. unit v f forward voltage i f = 8 a; t j = 150?c - 0.80 0.895 v i f = 8 a - 0.92 1.05 v i f = 20 a - 1.1 1.3 v i r reverse current v r = v rwm ; t j = 100 ?c - 0.2 0.6 ma v r = v rwm -210 a dynamic characteristics t j = 25 ?c unless otherwise stated symbol parameter conditions min. typ. max. unit q s reverse recovery charge i f = 2 a; v r 30 v; -di f /dt = 20 a/ s- 4 11 nc t rr1 reverse recovery time i f = 1 a; v r 30 v; - 20 25 ns -di f /dt = 100 a/s t rr2 reverse recovery time i f = 0.5 a to i r = 1 a; i rec = 0.25 a - 15 20 ns v fr forward recovery voltage i f = 1 a; di f /dt = 10 a/ s-1-v october 1998 2 rev 1.200
nxp semiconductors product specification rectifier diodes byw29ex series ultrafast, rugged fig.1. definition of t rr1 , q s and i rrm fig.2. definition of v fr fig.3. circuit schematic for t rr2 fig.4. definition of t rr2 fig.5. maximum forward dissipation p f = f(i f(av) ); square current waveform where i f(av) =i f(rms) x d. fig.6. maximum forward dissipation p f = f(i f(av) ); sinusoidal current waveform where a = form factor = i f(rms) / i f(av) . q s 100% 10% time di dt f i r i f i rrm t rr i = 1a r rec i = 0.25a 0a trr2 0.5a if ir time time v f v fr v f i f 024681012 0 2 4 6 8 10 12 d = 1.0 0.5 0.2 0.1 byw29 if(av) / a pf / w d = t p t p t t t i ths(max) / c 150 139 128 117 106 95 84 vo = 0.791 v rs = 0.013 ohms shunt current to scope d.u.t. voltage pulse source r 012345678 0 1 2 3 4 5 6 7 8 a = 1.57 1.9 2.2 2.8 4 byw29 if(av) / a pf / w ths(max) / c 150 144.5 139 133.5 128 122.5 117 111.5 106 vo = 0.791 v rs = 0.013 ohms october 1998 3 rev 1.200
nxp semiconductors product specification rectifier diodes byw29ex series ultrafast, rugged fig.7. maximum t rr at t j = 25 ?c. fig.8. maximum i rrm at t j = 25 ?c. fig.9. typical and maximum forward characteristic i f = f(v f ); parameter t j fig.10. maximum q s at t j = 25 ?c. fig.11. transient thermal impedance; z th j-hs = f(t p ). 1 10 trr / ns 1 10 100 1000 100 dif/dt (a/us) if=1a if=10a 10 1.0 1.0 10 100 -dif/dt (a/us) qs / nc if=10a 5a 2a 1a 100 10 1 0.1 0.01 irrm / a 1 10 100 -dif/dt (a/us) if=1a if=10a 1us 10us 100us 1ms 10ms 100ms 1s 10s 0.001 0.01 0.1 1 10 byw29f/ex pulse width, tp (s) transient thermal impedance, zth j-hs (k/w) d = t p t p t t p t d 0 1 2 30 20 10 0 typ max if / a 0.5 1.5 vf / v tj=150 c tj=25 c byw29 october 1998 4 rev 1.200
nxp semiconductors product specification rectifier diodes byw29ex series ultrafast, rugged mechanical data dimensions in mm net mass: 2 g fig.12. sod113; the seating plane is electrically isolated from all terminals. notes 1. refer to mounting instructions for f-pack envelopes. 2. epoxy meets ul94 v0 at 1/8". 10.3 max 3.2 3.0 4.6 max 2.9 max 2.8 seating plane 6.4 15.8 max 0.6 2.5 2.54 5.08 12 3 max. not tinned 3 0.5 2.5 0.9 0.7 m 0.4 15.8 max. 19 max. 13.5 min. recesses (2x) 2.5 0.8 max. depth 1.0 (2x) october 1998 5 rev 1.200
nxp semico nductors legal information data sheet status notes 1. please consult the most recently issued document before initiating or completing a design. 2. the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. the latest pr oduct status information is available on the internet at url http://www.nxp.com. document status (1) product status (2) definition objective data sheet development this document contains data from the objective specification for product development. preliminary data sheet qualification this document contains data from the preliminary specification. product data sheet production this document contains the product specification. definitions product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer, unless nxp semiconductors and customer have explicitly agreed otherwise in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semico nductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without lim itation - lost profits, lost savings, business interrup tion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semi conductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for incl usion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are fo r illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assi stance with ap plications or customer product design. it is customer?s sole responsibility to dete rmine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as for the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products.
nxp semico nductors legal information nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applications and products using nxp semiconductors products in order to avoid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will c ause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeat ed exposure to lim iting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the general terms and conditions of comme rcial sale, as published at http://www.nxp.com/profile/terms, unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconductors products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. quick reference data ? the quick refere nce data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not complete, exhaustive or legally binding. non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semiconductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liability for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses the product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semicond uctors? warranty of the product for such automotive applications, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive applications beyond nxp semiconductors? standard warranty and nxp semiconductors? product specifications. contact information for additional information please visit: http://www.nxp.com for sales offices addresses send e-mail to: salesaddresses@nxp.com customer notification this data sheet was changed to reflect the new company name nxp semiconductors, including new legal definitions and disclaimers. no changes were made to the content, except for the legal definitions and disclaimers. ? nxp b.v. 2011 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reli able and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. printed in the netherlands


▲Up To Search▲   

 
Price & Availability of BYW29EX-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X