Part Number Hot Search : 
74477003 020A0 29F200 BZX84C75 ICS8530 SD1616A MAX528 161A1
Product Description
Full Text Search
 

To Download BU4081BBFBFV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 standard ics quad 2-input and gate bu4081b / bu4081bf / bu4081bfv the bu4081b, bu4081bf, and bu4081bfv are dual-input positive-logic and gates with four circuits mounted on a single chip. an inverter-type buffer is added to the gate output, improving input / output transmission speed, and an increased load capacitance suppresses fluctuation in transmission time to a minimum. features 1) low power dissipation. 2) wide range of operating power supply voltages. 3) high input impedance. 4) high fan-out. 5) direct drive of 2 l-ttl inputs and 1 ls-ttl input. logic circuit diagram v dd out v ss in in block diagram 1 a 1 2 b 1 3 o 1 4 o 2 5 b 2 6 a 2 7 14 13 12 11 10 9 8 v ss v dd a 4 b4 o 4 o 3 b 3 a 3
2 standard ics bu4081b / bu4081bf / bu4081bfv absolute maximum ratings (ta = 25?,v ss = 0v ) parameter symbol limits unit power supply voltage v dd v power dissipation mw operating temperature ?40 ~ + 85 c storage temperature ?55 ~ + 150 c input voltage v in v i / o pin current 10 ma i i / o ?0.3 ~ + 18 ?0.3 ~ v dd + 0.3 pd topr tstg 1000 (dip), 450 (sop), 350 (ssop) electrical characteristics (unless otherwise noted, v ss = 0v, ta = 25?) parameter symbol min. typ. max. unit conditions measurement circuit input high level voltage v ih 3.5 v 5 fig.1 7.0 10 11.0 15 input low level voltage v il 1.5 v 5 fig.1 3.0 10 4.0 15 input high level current i ih 0.3 m a15v ih = 15v fig.1 input low level current i il ?0.3 m a15v il = 0v fig.1 output high level voltage v oh 4.95 v 5 i o = 0ma fig.1 10 9.95 15 14.95 output low level voltage v ol 0.05 v 5 i o = 0ma fig.1 10 0.05 15 0.05 output high level current i oh ?0.16 ma 5v oh = 4.6v fig.1 10 v oh = 9.5v ?0.4 15 v oh = 13.5v ?1.2 output low level current i ol 0.44 ma 5v ol = 0.4v fig.1 10 v ol = 0.5v 1.1 15 v ol = 1.5v 3.0 static i dd 1 m a 5 v i = v dd or gnd 10 2 15 4 v dd (v) current dissipation
3 standard ics bu4081b / bu4081bf / bu4081bfv switching characteristics (unless otherwise noted, v ss = 0v, ta = 25?, c l = 50pf) parameter symbol min. typ. max. conditions measurement circuit t tlh 180 ns 5 fig.2 ?0 10 ?5 15 t thl 100 ns 5 fig.2 ?0 10 ?0 15 ??to ? propagation delay time t plh 160 ns 5 fig.2 ?5 10 ?0 15 ??to ? propagation delay time t phl 160 ns 5 fig.2 ?5 10 ?0 15 input capacitance c in ?pf v dd (v) unit output rise time output fall time measurement circuits v a v dd gnd fig. 1 dc characteristics p.g. v dd gnd c l = 50pf 90% 50% 10% 20ns 20ns v dd v ss v oh v ol input waveform output waveform 90% 50% 10% t plh t phl t thl t tlh fig. 2 switching characteristics
4 standard ics bu4081b / bu4081bf / bu4081bfv power dissipation: pd (mw) 1200 1000 800 600 400 200 0 0255075100125150 ambient temperature: ta ( c) sop14 ssop-b14 dip14 fig. 3 power dissipation vs. ta electrical characteristic curve bu4081b bu4081bfv bu4081bf dip14 ssop-b14 sop14 6.5 0.3 19.4 0.3 0.5 0.1 3.2 0.2 4.25 0.3 14 8 7 1 0.3 0.1 0.51min. 7.62 0 ~ 15 2.54 0.4 0.1 1.27 1 14 8.7 0.2 7 8 4.4 0.2 6.2 0.3 0.11 1.5 0.1 0.15 0.15 0.1 0.3min. 0.1 0.22 0.1 0.65 8 7 14 1 6.4 0.3 4.4 0.2 5.0 0.2 1.15 0.1 0.15 0.1 0.3min. 0.1 external dimensions (units: mm)


▲Up To Search▲   

 
Price & Availability of BU4081BBFBFV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X