series am5tw-z 5 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.f 1 of 6 north america only features: ? rohs compliant ? ? 24 pin dip package ? ? high efficiency up to 84% ? ? wide 4:1 input range ? models single output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) max capacitive load (uf) efficiency (%) am5tw-2403sz 9-36 3.3 1300 1500 1000 75 am5tw-2405sz 9-36 5 1000 1500 1000 80 am5tw-2407sz 9-36 7.2 690 1500 470 78 am5tw-2409sz 9-36 9 550 1500 470 80 am5tw-2412sz 9-36 12 .410 1500 220 81 am5tw-2415sz 9-36 15 330 1500 68 84 am5tw-2418sz 9-36 18 270 1500 68 82 am5tw-2424sz 9-36 24 200 1500 68 82 am5tw-4803sz 18-72 3.3 1300 1500 1000 75 am5tw-4805sz 18-72 5 1000 1500 1000 81 am5tw-4807sz 18-72 7.2 690 1500 470 80 am5tw-4809sz 18-72 9 550 1500 470 82 am5tw-4812sz 18-72 12 410 1500 220 83 am5tw-4815sz 18-72 15 330 1500 68 84 am5tw-4818sz 18-72 18 270 1500 68 83 am5tw-4824sz 18-72 24 200 1500 68 83 am5tw-2403sh35z 9-36 3.3 1300 3500 1000 75 am5tw-2405sh35z 9-36 5 1000 3500 1000 80 am5tw-2407sh35z 9-36 7.2 690 3500 470 78 am5tw-2409sh35z 9-36 9 550 3500 470 80 am5tw-2412sh35z 9-36 12 410 3500 220 81 am5tw-2415sh35z 9-36 15 330 3500 68 84 am5tw-2418sh35z 9-36 18 270 3500 68 82 am5tw-2424sh35z 9-36 24 200 3500 68 82 am5tw-4803sh35z 18-72 3.3 1300 3500 1000 75 am5tw-4805sh35z 18-72 5 1000 3500 1000 81 am5tw-4807sh35z 18-72 7.2 690 3500 470 80 am5tw-4809sh35z 18-72 9 550 3500 470 82 am5tw-4812sh35z 18-72 12 410 3500 220 83 am5tw-4815sh35z 18-72 15 330 3500 68 84 am5tw-4818sh35z 18-72 18 270 3500 68 83 am5tw-4824sh35z 18-72 24 200 3500 68 83 models dual output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) max capacitive load (uf) efficiency (%) am5tw-2403dz 9-36 3.3 600 1500 100 79 am5tw-2405dz 9-36 5 500 1500 100 81 am5tw-2407dz 9-36 7.2 347 1500 100 80 am5tw-2409dz 9-36 9 278 1500 100 82 am5tw-2412dz 9-36 12 209 1500 68 83 am5tw-2415dz 9-36 15 167 1500 22 83 am5tw-2418dz 9-36 18 139 1500 22 83 am5tw-2424dz 9-36 24 104 1500 22 83
series am5tw-z 5 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.f 2 of 6 north america only models : dual output (continued) model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) max capacitive load (uf) efficiency (%) am5tw-4803dz 18-72 3.3 600 1500 100 80 am5tw-4805dz 18-72 5 500 1500 100 81 am5tw-4807dz 18-72 7.2 347 1500 100 80 am5tw-4809dz 18-72 9 278 1500 100 82 am5tw-4812dz 18-72 12 209 1500 68 82 am5tw-4815dz 18-72 15 167 1500 22 83 am5tw-4818dz 18-72 18 139 1500 22 82 am5tw-4824dz 18-72 24 104 1500 22 82 am5tw-2403dh35z 9-36 3.3 600 3500 100 79 am5tw-2405dh35z 9-36 5 500 3500 100 81 am5tw-2407dh35z 9-36 7.2 347 3500 100 80 am5tw-2409dh35z 9-36 9 278 3500 100 82 am5tw-2412dh35z 9-36 12 209 3500 68 83 am5tw-2415dh35z 9-36 15 167 3500 22 83 am5tw-2418dh35z 9-36 18 139 3500 22 83 am5tw-2424dh35z 9-36 24 104 3500 22 83 am5tw-4803dh35z 18-72 3.3 600 3500 100 80 am5tw-4805dh35z 18-72 5 500 3500 100 81 am5tw-4807dh35z 18-72 7.2 347 3500 100 80 am5tw-4809dh35z 18-72 9 278 3500 100 82 am5tw-4812dh35z 18-72 12 209 3500 68 82 am5tw-4815dh35z 18-72 15 167 3500 22 83 am5tw-4818dh35z 18-72 18 139 3500 22 82 AM5TW-4824DH35Z 18-72 24 104 3500 22 82 input specifications parameters nominal typical maximum units voltage range 24 48 9-36 18-72 vdc filter ? ? 350 ms start up time 500 ms absolute ma ximum rating 24 vin 48 vin -0.7-40 -0.7-80 vdc peak input voltage time 100 ms isolation specifications parameters conditions typical rated units tested i/o voltage 3 sec 1500 or 3500 vdc resistance > 1000 mohm capacitance 470 pf output specifications parameters conditions typical maximum units voltage accuracy 1 % voltage balance dual output 1 % short circuit protection continuous short circuit restart auto recovery over current protection 120% iout line voltage regulation (single) 0.5 % line voltage regulation (dual) 0.5 % load voltage regulation (single) 0 ? 100% load 0.5 % load voltage regulation (single) 3.3v output model 0 ? 100% load 1.5 % load voltage regulation (dual) 0 ? 100% load 0.5 %
series am5tw-z 5 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.f 3 of 6 north america only output specifications parameters conditions typical maximum units load voltage regulation (dual) 3.3v output model 1.5 % temperature coefficient 0.02 %/ o c ripple & noise at 20mhz bandwidth 60 mv p-p rising time 10 ms minimum load current 0 % of max general specifications parameters conditions typical maximum units switching frequency 100% load 260 khz operating temperature full load without derating -40 to +85 o c storage temperature -40 to +125 o c max case temperature 100 o c derating non-required cooling free air convection humidity 90 % case material nickel coated copper weight 26 g dimensions(l x w x h) tolerance 0.5 mm or 0.02 inches 1.28 x 0.84 x 0.41 inches 32.25 x 21.35 x 10.50 mm mtbf >960 000 hrs (mil-hdbk -217f, ground benign, t=+25 o c) note: all specifications noted in this dat asheet are measured at an ambient temperatur e of 25c, humidity<75%, nominal input vo ltage and at rated output load unle ss otherwise specified. safety specifications parameters agency approval ce standards en55022 class a, en55024 iec61000-4-2, perf. criteria b iec61000-4-3, perf. criteria a iec61000-4-4, perf. criteria b (e xternal 220uf/100v cap required) iec61000-4-5, perf. criteria b (e xternal 220uf/100v cap required) iec61000-4-6, perf. criteria a iec61000-4-8, perf. criteria a note: also designed to meet iec60950-1:2001 pin out specifications pin 1500vdc 3500vdc single dual single dual 1 +v input +v input omitted omitted 2 n. c. -v output -v input -v input 3 n. c. common -v input -v input 9 omitted omitted omitted common 10 -v output common omitted omitted 11 +v output +v output n.c. -v output 12/13 -v input -v input omitted omitted 14 +v output +v output +v output +v output 15 -v output common omitted omitted 16 omitted omitted -v output common 22 n. c. common +v input +v input 23 n. c. -v output +v input +v input 24 +v input +v input omitted omitted
series am5tw-z 5 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.f 4 of 6 north america only dimensions conducted emissions: dual output l c1 c2 dc/dc converter +v input -v input +v output common load load -v output 1000pf 2kv 12uh 220uf 100v single output l c1 c2 dc/dc converter +v input -v input +v output load -v output 12uh 220uf 100v 1000pf 2kv
series am5tw-z 5 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.f 5 of 6 north america only surge: note: 1. datasheets are updated as needed and as such, specifications ar e subject to change without notic e. once printed or downloaded , datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency cert ifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an am bient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary an d may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control sys tems or other such applications which necessitate specific safety and regulatory standards ot her the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s st andard terms of sale available at www.aimtec.com. dual output dc/dc converter +v input -v input +v output common c1 -v output 220uf 100v load load
series am5tw-z 5 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.f 6 of 6 north america only
|