series am4tw-z 4 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.e 1 of 5 north america only features: models single output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) max capacitive load (uf) efficiency (%) am4tw-2403sz 9-36 3.3 1200 1500 1000 77 am4tw-2405sz 9-36 5 800 1500 680 80 am4tw-2407sz 9-36 7.2 550 1500 100 80 am4tw-2409sz 9-36 9 440 1500 100 80 am4tw-2412sz 9-36 12 330 1500 100 83 am4tw-2415sz 9-36 15 265 1500 100 83 am4tw-2418sz 9-36 18 220 1500 100 80 am4tw-2424sz 9-36 24 165 1500 100 81 am4tw-4803sz 18-72 3.3 1200 1500 1000 77 am4tw-4805sz 18-72 5 800 1500 680 80 am4tw-4807sz 18-72 7.2 550 1500 100 78 am4tw-4809sz 18-72 9 440 1500 100 82 am4tw-4812sz 18-72 12 330 1500 100 81 am4tw-4815sz 18-72 15 265 1500 100 81 am4tw-4818sz 18-72 18 220 1500 100 81 am4tw-4824sz 18-72 24 165 1500 100 82 am4tw-2403sh35z 9-36 3.3 1200 3500 1000 77 am4tw-2405sh35z 9-36 5 800 3500 680 80 am4tw-2407sh35z 9-36 7.2 550 3500 100 80 am4tw-2409sh35z 9-36 9 440 3500 100 82 am4tw-2412sh35z 9-36 12 330 3500 100 83 am4tw-2415sh35z 9-36 15 265 3500 100 83 am4tw-2418sh35z 9-36 18 220 3500 100 80 am4tw-2424sh35z 9-36 24 165 3500 100 81 am4tw-4803sh35z 18-72 3.3 1200 3500 1000 77 am4tw-4805sh35z 18-72 5 800 3500 680 80 am4tw-4807sh35z 18-72 7.2 550 3500 100 80 am4tw-4809sh35z 18-72 9 440 3500 100 82 am4tw-4812sh35z 18-72 12 330 3500 100 81 am4tw-4815sh35z 18-72 15 265 3500 100 81 am4tw-4818sh35z 18-72 18 220 3500 100 81 am4tw-4824sh35z 18-72 24 165 3500 100 82 models dual output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) max capacitive load (uf) efficiency (%) am4tw-2403dz 9-36 3.3 600 1500 470 76 am4tw-2405dz 9-36 5 400 1500 330 78 am4tw-2407dz 9-36 7.2 275 1500 47 80 am4tw-2409dz 9-36 9 220 1500 47 80 am4tw-2412dz 9-36 12 165 1500 47 82 am4tw-2415dz 9-36 15 125 1500 22 80 am4tw-2418dz 9-36 18 100 1500 10 80 am4tw-2424dz 9-36 24 84 1500 10 80 ? rohs compliant ? ? 24 pin dip package ? ? high efficiency up to 83% ? ? wide 4:1 input range ?
series am4tw-z 4 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.e 2 of 5 north america only models dual output (continued) model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) max capacitive load (uf) efficiency (%) am4tw-4803dz 18-72 3.3 600 1500 470 75 am4tw-4805dz 18-72 5 400 1500 330 79 am4tw-4807dz 18-72 7.2 275 1500 47 80 am4tw-4809dz 18-72 9 220 1500 47 81 am4tw-4812dz 18-72 12 165 1500 47 82 am4tw-4815dz 18-72 15 125 1500 22 81 am4tw-4818dz 18-72 18 100 1500 10 80 am4tw-4824dz 18-72 24 84 1500 10 80 am4tw-2403dh35z 9-36 3.3 600 3500 470 76 am4tw-2405dh35z 9-36 5 400 3500 330 78 am4tw-2407dh35z 9-36 7.2 275 3500 47 80 am4tw-2409dh35z 9-36 9 220 3500 47 80 am4tw-2412dh35z 9-36 12 165 3500 47 82 am4tw-2415dh35z 9-36 15 125 3500 22 80 am4tw-2418dh35z 9-36 18 100 3500 10 80 am4tw-2424dh35z 9-36 24 84 3500 10 80 am4tw-4803dh35z 18-72 3.3 600 3500 470 75 am4tw-4805dh35z 18-72 5 400 3500 330 79 am4tw-4807dh35z 18-72 7.2 275 3500 47 80 am4tw-4809dh35z 18-72 9 220 3500 47 81 am4tw-4812dh35z 18-72 12 165 3500 47 82 am4tw-4815dh35z 18-72 15 125 3500 22 81 am4tw-4818dh35z 18-72 18 100 3500 10 80 AM4TW-4824DH35Z 18-72 24 84 3500 10 80 input specifications parameters nominal typical maximum units voltage range 24 48 9-36 18-72 vdc filter ? isolation specifications parameters conditions typical rated units tested i/o voltage 3 sec 1500 or 3500 vdc resistance > 1000 mohm capacitance 470 pf output specifications parameters conditions typical maximum units voltage accuracy 1 % voltage balance 1 % short circuit protection continuous short circuit restart auto-recovery line voltage regulation (single) 0.5 % line voltage regulation (dual) 0.5 % load voltage regulation (single) 0.5 % load voltage regulation (single) 3.3v output models 1.5 %
series am4tw-z 4 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.e 3 of 5 north america only output specifications (continued) parameters conditions typical maximum units load voltage regulation (dual) 0.5 % load voltage regulation (dual) 3.3v output model 1.5 % temperature coefficient 0.02 %/ o c ripple & noise at 20 mhz bandwidth 60 mv p-p rising time 10 ms general specifications parameters conditions typical maximum units switching frequency 100% load 260 khz operating temperature without derating -40 to +85 o c storage temperature -40 to +125 o c max case temperature 100 o c cooling free air convection humidity 90 % case material nickel-coated copper weight 26 g dimensions (l x w x h) tolerance 0.5 mm or 0.02 inches 1.28 x 0.84 x 0.41 inches 32.25 x 21.35 x 10.50 mm mtbf >960 000 hrs (mil-hdbk -217f, ground benign, t=+25 o c) note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified safety specifications parameters agency approval ce standards en55022 class a, en55024 iec61000-4-2, perf. criteria b iec61000-4-3, perf. criteria a iec61000-4-4, perf. criteria b (e xternal 220uf/100v cap required) iec61000-4-5, perf. criteria b (e xternal 220uf/100v cap required) iec61000-4-6, perf. criteria a iec61000-4-8, perf. criteria a note: also designed to meet iec60950-1:2001 pin out specifications pin 1500vdc 3500vdc single dual single dual 1 +v input +v input no pin no pin 2 n.c. -v output -v input -v input 3 n.c. common -v input -v input 9 no pin no pin no pin common 10 -v output common no pin no pin 11 +v output +v output n.c. -v output 12/13 -v input -v input no pin no pin 14 +v output +v output +v output +v output 15 -v output common no pin no pin 16 no pin no pin -v output common 22 n.c. common +v input +v input 23 n.c. -v output +v input +v input 24 +v input +v input no pin no pin
series am4tw-z 4 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.e 4 of 5 north america only dimensions conducted emissions: dual output l c1 c2 dc/dc converter +v input -v input +v output common load load -v output 1000pf 2kv 12uh 220uf 100v
series am4tw-z 4 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.e 5 of 5 north america only surge: dc/dc converter +v input -v input +v output c1 single output -v output 220uf 100v load note: 1. datasheets are updated as needed and as such, specifications ar e subject to change without notic e. once printed or downloaded , datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency cert ifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an am bient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary an d may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control sys tems or other such applications which necessitate specific safety and regulatory standards ot her the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s st andard terms of sale available at www.aimtec.com. dual output dc/dc converter +v input -v input +v output common c1 -v output 220uf 100v load load
|