Part Number Hot Search : 
BCW32 32D162K 13C639 MNR18 MP36F 0N06S 98120 K1100F
Product Description
Full Text Search
 

To Download A101024060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications are subject to change without notice (25.10.99) 1 time ranges 0.15- 6 s 1.5 - 60 s 15 - 600 s time range accuracy 0 to +10% on max. min. actual time min. set time timers mono-function, plug-in, de- lay on operate miniature time relays up to 600 s (10 min) covering 3 individual time ranges. these economical relays can be used to pre- vent several motors from starting simultaneously due to power supply interruptions. repeatability deviation 1% time variation within rated power supply 0.05%/v and ambient temperature 0.2%/c reset power supply interruption time and/or relay 3 250 ms function output type power supply time range ? time ranges: 0.15 s to 600 s ? automatic start ? knob-adjustable time within range ? oscillator-controlled time circuit ? repeatability deviation: 1% ? output: 10 a spdt or 8 a dpdt relay ? plug-in type module ? scantimer housing ? led-indication for relay on ? ac or dc power supply delay on operate types a 108, a 101, a 208, a 201 plug output time ranges supply: 24 vac/dc supply: 120 vac supply: 220 vac circular spdt 0.15- 6 s a 108 024 006 a 108 120 006 a 108 220 006 8 pin 1.5 - 60 s a 108 024 060 a 108 120 060 a 108 220 060 15 -600 s a 108 024 600 a 108 120 600 a 108 220 600 circular 0.15- 6 s a 101 024 006 a 101 120 006 a 101 220 006 11 pin 1.5 - 60 s a 101 024 060 a 101 120 060 a 101 220 060 15 -600 s a 101 024 600 a 101 120 600 a 101 220 600 circular dpdt 0.15- 6 s a 208 024 006 a 208 120 006 a 208 220 006 8 pin 1.5 - 60 s a 208 024 060 a 208 120 060 a 208 220 060 15 -600 s a 208 024 600 a 208 120 600 a 208 220 600 circular 0.15- 6 s a 201 024 006 a 201 120 006 a 201 220 006 11 pin 1.5 - 60 s a 201 024 060 a 201 120 060 a 201 220 060 15 -600 s a 201 024 600 a 201 120 600 a 201 220 600 ordering key product description type selection time specifications a 108 024 600
2 specifications are subject to change without notice (25.10.99) a 108, a 101, a 208, a 201 a 108, a 101 a 208, a 201 output spdt relay dpdt relay basic electrical insulation 250 vac (rms) (contact/electronics) 250 vac (rms) (contacts/elec., contact/contact) contact ratings (ag-cdo) (micro gap) (micro gap) resistive loads ac 1 10 a/250 vac (2500 va) 8 a/250 vac (2000 va) dc 1 1 a/250 vdc (250 w) 0.4 a/250 vdc (100 w) or 10 a/25 vdc (250 w) 4 a/25 vdc (100 w) small inductive loads ac 15 2.5 a/230 vac 2.5 a/230 vac dc 13 5 a/24 vdc 5 a/24 vdc mechanical life 3 30 x 10 6 operations 3 30 x 10 6 operations electrical life ac 1 3 2.5 x 10 5 operations (at max. load) 3 2.5 x 10 5 operations (at max. load) operating frequency 7200 operations/h 7200 operations/h insulation voltages rated insulation voltage 3 2.0 kvac (rms) (contact/electronics) 3 2.0 kvac (rms) (contact/electronics) rated transient protection volt. 4 kv (1.2/50 s) (contact/electronics) (iec 60664) 4 kv (1.2/50 s) (contact/electronics) (iec 60664) power supply a 101, a 201 power-on delay 200 ms power-off delay 3 250 ms indication for output on led, red environment ip 20 b polution degree 2 (iec 60664) operating temperature -20 to +50c (-4 to +122f) storage temperature -50 to +85c (-58 to +185f) weight 85 g approvals ul, csa power supply ac types installation cat. iii (iec 60664) rated operational voltage through pins 2 & 10 220 220 vac + 15/- 20%, or pins 2 & 7 45 to 65 hz 120 120 vac + 15/- 20%, 45 to 65 hz 024 24 vac + 15/- 20%, 45 to 65 hz drop out tolerance 3 10 ms rated insulation voltage none rated transient protection volt. 4 kv (1.2/50 s) @ 220 vac 2.5 kv (1.2/50 s) @ 120 vac 800 v (1.2/50 s) @ 24 vac (line/neutral) power supply dc type installation cat. iii (iec 60664) rated operational voltage 024 24 vdc + 15/- 20% (pin 2 pos.) rated insulation voltage none rated transient protection volt. 800 v (1.2/50 s) consumption ac supply 60 ma @ 50 hz/70 ma @ 60 hz dc supply 1 w mode of operation the delay period begins when power supply is applied. at the end of the set delay, the relay will operate and will not release until power sup- ply is interrupted. a recovery period of 250 ms should be allowed before re- applying power supply. if power supply is interrupted for more than 250 ms before the relay operates, the time circuit is reset to zero and the time relay is ready for a new time period. wiring diagrams output specifications supply specifications general specifications power supply a 108, a 208
specifications are subject to change without notice (25.10.99) 3 a 108, a 101, a 208, a 201 knob-adjustable on scale in seconds. power supply relay on sockets ? s 408, s 411 hold down spring ? hf mounting rack sm 13 socket cover bb4 potentiometer lock pl 1 for further information refer to "accessories". time setting accessories operation diagram


▲Up To Search▲   

 
Price & Availability of A101024060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X